|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC Features * * * * * * omponents 21201 Itasca Street Chatsworth !"# $ % !"# SK22 THRU SK210 2 Amp Schottky Rectifier 20 to 100 Volts DO-214AA (SMBJ) (Round Lead) H Cathode Band Schottky Barrier Rectifier Guard Ring Protection Low Forward Voltage Reverse Energy Tested High Current Capability Extremely Low Thermal Resistance * * * Maximum Ratings Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 15 C/W Junction To Lead MCC Catalog Number SK22 SK23 SK24 SK25 SK26 SK28 SK210 Device Marking Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 50V 60V 80V 100V Maximum RMS Voltage 14V 21V 28V 35V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 40V 50V 60V 80V 100V J SK22 SK23 SK24 SK25 SK26 SK28 SK210 A C E F G D B Electrical Characteristics @ 25C Unless Otherwise Specified Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage SK22-SK24 SK25-SK26 SK28-SK210 Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance SK22 SK23-SK210 CJ 230pF 50pF Measured at 1.0MHz, VR=4.0V IF(AV) IFSM 2.0A 50A TJ = 90C 8.3ms, half sine DIM A B C D E F G H J DIMENSIONS INCHES MIN .078 .075 .002 ----.035 .065 .205 .160 .130 MM MIN 1.98 1.90 .05 ----.90 1.65 5.21 4.06 3.30 MAX .116 .089 .008 .02 .055 .091 .224 .180 .155 MAX 2.95 2.25 .20 .51 1.40 2.32 5.69 4.57 3.94 NOTE VF .55V .70V .85V IFM = 2.0A; TJ = 25C* SUGGESTED SOLDER PAD LAYOUT 0.090" IR 0.5 mA TJ = 25C 0.085" 0.070" *Pulse test: Pulse width 300 sec, Duty cycle 2% www.mccsemi.com SK22 Figure 1 Typical Forward Characteristics 100 80 60 40 pF 20 10 8.0 6.0 Amps 4.0 125C 2.0 1.0 .8 .6 .4 25C Figure 3 Typical Junction Capacitance 10000 6000 4000 2000 1000 600 400 200 100 0. MCC 5.0 10 Volts Junction Capacitance - pFversus Reverse Voltage - Volts 0.5 1.0 50 100 Figure 4 New SMB Assembly .2 .1 0 .2 .4 .6 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts .8 1.0 1.2 1.4 Round Lead Process Figure 2 Typical Reverse Characteristics 1000 100 10 125C mA 1 75C .1 .001 0 25C 5 10 15 20 25 Volts Typical Reverse Current - mAversus Reverse Voltage - Volts 30 35 40 45 50 www.mccsemi.com SK23 thru SK210 Figure 1 Typical Forward Characteristics 100 80 60 40 pF 20 10 8.0 6.0 Amps 4.0 Figure 3 Typical Junction Capacitance 1000 600 400 200 100 60 40 125C 25C 20 10 0. MCC 5.0 10 Volts Junction Capacitance - pFversus Reverse Voltage - Volts 0.5 1.0 50 100 2.0 1.0 .8 .6 .4 Figure 4 New SMB Assembly .2 .1 0 .2 .4 .6 .8 1.0 1.2 1.4 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Round Lead Process Figure 2 Typical Reverse Characteristics 100 10 125C mA 1 .1 75C .01 25C .001 0 4 8 12 16 20 Volts Typical Reverse Current - mAversus Reverse Voltage - Volts 24 28 32 36 40 SK23 SK24 www.mccsemi.com |
Price & Availability of SK26 |