Part Number Hot Search : 
SM8145 GBPC2506 31ILPR 322020 SR606 PQ12RF2B MX7224UQ S20H100
Product Description
Full Text Search
 

To Download SB16-04LHP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN5538A
SB16-04LHP
Schottky Barrier Diode
Rectifier
Features
Meets the requirements for automatic mounter and permits SB16-04LHP-applied sets to be made compact. Low forward voltage (VF max = 0.55 V). Average rectified current : Io = 1.6 A.
Package Dimensions
unit: mm 1275
[SB16-04LHP]
Cathode mark
Absolute Maximum Ratings at Ta = 25 C
Parameter Peak Reverse Voltage Non-repetitive Peak Reveres Surge Voltage Average Rectified Current Symbol VRM VRSM Io 50 Hz sine wave, mounted on an alumina board Load resistor, mounted on a PCB Surge Current Junction Temperature Storage Temperature IFSM Tj Tstg 50 Hz sine wave, nonrepetitive, 1 cycle peak value Conditions Ratings 40 45 1.6 1.3 60 125 -55 to +125 Unit V V A A A C C
Electrical Characteristics Ta = 25 C
Parameter Forward Voltage Reverse Current Interterminal Capacitance Thermal Resistance Symbol VF IR C j-l j-a IF=1.6 A VR=VRM VR=10 V, f=1 MHz Junction-Lead Junction-Ambient Mounted on an alumina board Mounted on a PCB 150 24 90 120 Conditions Ratings min typ max 0.55 2.5 Unit V mA pF C/W C/W C/W
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN 63097GI(KOTO) No.5538-1/3
SB16-04LHP
3.0
IO -- Ta
DC
If
Average Rectified Current, IO -- A
Forward Current, IF -- A
Resistive load Alumina board VR=1/2VRM
0 tp T D=tp/T IO
10 7 5 3 2
IF -- VF
2.0
D=0.5 Sine wave 0.2
Ta=125C
25C
1.0 7 5 3 2
1.0
0.05
0
0
20
40
60
80
100
120
140
0.1
0
0.2
Ambient Temperature, Ta -- C
1.6
Reverse Voltage, VR -- V
0.4
0.6
0.8
1.0
1.2
PF -- IO
DC D=0.5 0.2 0.05
If 0 tp T D=tp/T IO
Forward Power Dissipation, PF -- W
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
10 7 5
IR -- VR
Ta=125C
Reverse Current, IR -- mA
3 2
10 7 5 3 2
100C
75C
10 7 5 3
50C
0
10
20
30
2
0
-10
-20
-30
-40
Average Output Current, IO -- A
70
Reverse Voltage, VR -- V
1.0
IFSM -- m
50Hz Ta=125C
PR -- VR
DC
60
Reverse Power Dissipation, PR -- W
Surge Forward Current, IFSM -- A
0.8
50
0 Vr tp T D=tp/T
40
0.6
0.2
30
0.4
20
D=0.5
0.2
10 0
0
2
3
5
7
10
2
3
5
7
100
0
0
10
20
30
40
Number of Cycles at 50Hz, n
1000
Reverse Voltage, VR -- V
C -- VR
f=1MHz Ta=25C
Interterminal Capacitance, C -- PF
7 5
3 2
100 7 5
3
0
2
3
5
7
10
2
3
5
7
100
Reverse Voltage, VR -- V
No.5538-2/3
SB16-04LHP
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property lose. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of May, 1997. Specifications and information herein are subject to change without notice.
No.5538-3/3


▲Up To Search▲   

 
Price & Availability of SB16-04LHP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X