Part Number Hot Search : 
GBJ15D TDSG5160 M06P3 TPS60 TA0105A 76633 48A48T 62GB50J
Product Description
Full Text Search
 

To Download S858TA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S858TA1
Vishay Telefunken
BIPMIC(R) - Cascadable Silicon Bipolar Amplifier
Electrostatic sensitive device. Observe precautions for handling.
Applications
General purpose 50 W gain block for narrow and broad band IF and RF amplifiers in commercial and industrial applications. The 50 W level allows directly to cascade
this amplifier with minimal external circuitry, thus providing a simple, cost effective way to achieve low level amplification.
Features
D D D D
Broadband amplification Low operating voltage (6 V) 50 W cascadable gain block High gain (17.5 dB @900 MHz)
D Low noise figure (3.3 db @900 Mhz) D Low cost surface mount plastic package D Few external components
2
1
94 9279
13 579
3
4
S858TA1 Marking: 858 Plastic case (SOT 143) 1 = RF-output, 2 = Ground, 3 = RF-input, 4 = Ground
Typical biasing configuration
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified Parameter Device current RF input power Total power dissipation Junction temperature Storage temperature range Test Conditions Symbol Ibias Pin Ptot Tj Tstg Value 35 20 200 150 -65 to +150 Unit mA dBm mW C C
Tamb 60 C
Maximum Thermal Resistance
Tamb = 25_C, unless otherwise specified Parameter Test Conditions Junction ambient on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35mm Cu Symbol RthJA Value 450 Unit K/W
Document Number 85053 Rev. 3, 20-Jan-99
www.vishay.de * FaxBack +1-408-970-5600 1 (3)
S858TA1
Vishay Telefunken Electrical AC Characteristics
Ibias = 29 mA , Z0 = 50 W, Tamb = 25_C, unless otherwise specified Parameter Power gain 3 dB bandwidth Input VSWR Output VSWR Noise figure Intermodulation distortion Output power @1dB gain compression Device voltage Test Conditions f = 900 MHz f = 0.1 to 2.5 GHz f = 0.1 to 2.5 GHz f = 900 MHz 22.5 mV input voltage Symbol Gp f3dB VSWR VSWR F IM3 P-1dB Vd Min 17 Typ 17.5 0.5 1.8:1 1.8:1 3.3 50 5 5.0 Max Unit dB GHz
4.0
6.0
dB dB dBm V
Dimensions of S858TA1 in mm
96 12240
www.vishay.de * FaxBack +1-408-970-5600 2 (3)
Document Number 85053 Rev. 3, 20-Jan-99
S858TA1
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 85053 Rev. 3, 20-Jan-99
www.vishay.de * FaxBack +1-408-970-5600 3 (3)


▲Up To Search▲   

 
Price & Availability of S858TA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X