Part Number Hot Search : 
C1402 BC328BU 05040 1SMB6 APW707 2SD18 LM301 UPD78F08
Product Description
Full Text Search
 

To Download RT1710B6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LVDS & LVPECL FPGA Terminator
Technical Data Sheet
RoHS Compliant Parts Available
Description
These LVPECL and LVDS termination networks are designed for high performance termination of differential Input/Output signals on some of the most popular Field Programmable Gate Arrays (FPGAs). Both input (RX) and output (TX) termination is provided.
Features
* * * * * Designed for termination of Xilinx(R) and Altera(R) FPGAs. 8 or 16 differential channels of termination provided in a single integrated package Excellent high frequency performance High density ceramic BGA package RoHS Compliant Designs Available * Compatible with both lead and lead-free manufacturing processes
Style C
4
R1 R1 R1 R1 R1 R1 R1 R1
Style I
4
R1 R2 R1 R1 R2 R1 R1 R2 R1 R2 R1 R1 R1 R2 R1 R1 R2 R1 R1 R2 R1 R2 R1 R1
3
3
2
R1 R1 R1 R1 C D E R1 R1 F G R1 R1
2
R1
R2 R1
R1
R2 R1 C D
R1
R2 R1 E F
R1
R2 R1 G H
R1
R2 R1
R1
R2 R1
R1
R2 R1
R1
R2 R1
1
A B H
1
A B
J
K
L
M
N
P
R
T
Electrical Specifications
Resistor Tolerance: TCR Operating Temperature Range Maximum Resistor Power: Maximum Package Power: Process Requirements: Maximum Re-flow Temperature 1.0% 200ppm/C -55C to +125C 0.068 Watts at 70C 1.0 Watts at 70C Per IPC/JEDEC J-STD-020C
Typical Application
Tx Termination R1 Rx Termination
Tx
R2
Z = 50 ohms
R1
Rx
R1
Ordering Information
1.27mm Pitch Standard Part No. RT1710B6 RT1721B6 RT1723B6 RT1725B6 1.00mm Pitch Standard Part No. RT1710B7 RT1720B7 RT1721B7 RT1722B7 RT1723B7 RT1724B7 RT1725B7 Style R1 R2 Array Size 4x8 4 x 16 4x8 4 x 16 4x8 4 x 16 4x8 1.27mm Pitch 1.00mm Pitch RoHS Part No. RoHS Part No. RT2710B6 RT2721B6 RT2723B6 RT2725B6 RT2710B7 RT2720B7 RT2721B7 RT2722B7 RT2723B7 RT2724B7 RT2725B7
Part Number Coding 7 inch reel, Add TR7 to part number, example RT2400B6TR7 13 inch reel, Add TR13 to part number, example RT2400B6TR13 (Bulk packaging is not available)
C I I I I I I
100 187 187 140 140 140 140
100 100 165 165 135 135
Direction of Feed
Packaging Information
Suffix
Tape Width Carrier Pitch Reel Diameter Parts/Reel
TR7
24 mm 8 mm 7 inch 1,000
TR13
24mm 8 mm 13 inch 4,000
CTS Electronic Components www.ctscorp.com
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. Page 1 LDS & LVPECL FPGA Terminator
April 06
Recommended Land Pattern
Outline of Substrate
PCB Pad Diameter 1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum)
Solder Mask Dia = Pad Diameter +.15mm (.006 inch)
For .006" Thick Solder Paste Stencil, Aperture Opening Should be Equal to the PCB Pad Diameter. Refer to www.ctscorp.com/components/clearone.asp for additional PCB design information
Mechanical Diagram
L H
W
RT_7__B_ CTS YRWK
P (Pitch)
A1 Identifier
K
P (Pitch)
D
1.27mm Pitch RT1710B6 RT1721B6 RT1723B6 RT1725B6 RT1710B7 RT1721B7 RT1723B7 RT1725B7 RT1720B7 RT1722B7 RT1724B7 RT2710B6 RT2721B6 RT2723B6 RT2725B6 1.0mm Pitch RT2710B7 RT2721B7 RT2723B7 RT2725B7 RT2720B7 RT2722B7 RT2724B7 mm inch mm inch mm inch
L 10.160.15 .400.006 L 8.000.15 .315.006 16.000.15 .630.006
W 5.080.15 .200.006 W 4.000.15 .157.006 4.000.15 .157.006
H 1.320.15 .052.006 H 1.190.15 .047.006 1.190.15 .047.006
P 1.270.25 .050.010 P 1.000.25 .039.010 1.000.25 .039.010
D 0.760.05 .030.002 D 0.640.05 .025.002 0.640.05 .025.002
K 0.640.25 .025.010 K 0.500.25 .020.010 0.500.25 .020.010
Complete ClearONE Product, Processing, and Application Information can be found at the following link: http://www.ctscorp.com/components/clearone.asp FPGA Application notes: http://www.ctscorp.com/components/Datasheets/ClearOneANC1FPGALVPECLA.pdf http://www.ctscorp.com/components/Datasheets/ClearOneANC1FPGALVDSA.pdf
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. Page 2 LDS & LVPECL FPGA Terminator
CTS Electronic Components www.ctscorp.com
April 06


▲Up To Search▲   

 
Price & Availability of RT1710B6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X