Part Number Hot Search : 
P6KE24A FSV240AF L8550M C3736 XE3301I SMB46L PCM1740E 20TC15M
Product Description
Full Text Search
 

To Download RP10-4815SEW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWERLINE - DC/DC-Converter
EW-Series, 10W, 1.6 kV Isolation, 4:1 Wide Input Range (Single & Dual Output)
Features 10 Watts Output Power 4:1 Wide Input Voltage Range International Safety Standard Approvals Six-Sided Continuous Shield
Selection Guide 24V and 48V Input Types
Part Number Input Voltage VDC RP10-2405SEW RP10-2412SEW RP10-2415SEW RP10-2405DEW RP10-2412DEW RP10-2415DEW RP10-4805SEW RP10-4812SEW RP10-4815SEW RP10-4805DEW RP10-4812DEW RP10-4815DEW 9-36 9-36 9-36 9-36 9-36 9-36 18-75 18-75 18-75 18-75 18-75 18-75

High Efficiency up to 86% Standard 50.8 x 25.4 x 10.2mm Package Fixed Switching Frequency UL 1950 Component Recognised
Output Voltage VDC 5 12 15 5 12 15 5 12 15 5 12 15
Output Current mA 2000 830 670 1000 416 333 2000 830 670 1000 416 333
Input Current (see note 7) mA 548 532 551 548 547 548 274 259 262 271 281 270
Efficiency (see note 8) % 80 82 80 80 80 80 80 84 84 81 78 81
Capacitive Load max. F 4700 690 470 680 330 110 4700 690 470 680 330 110
RP10-4805SE: Derating & Efficiency Curves
RP10-4805S Derating Curve
125 100 75 Output Power (%) 50 25 0 -40 -25 -10 0 50 60 70 80 90 100 Output Power (%) Natural Convection
RP10-4805S-M1 Derating Curve
125 100 75
RP10-4805S-M2
125 100 75 Output Power (%)
50 25
Natural Convection
50 25
Natural Convection
0 -40 -25 -10 0
50 60 70 80 90 100
0 -40 -25 -10 0
50 60 70 80 90 100
Ambient Temperature Range (C)
Ambient Temperature Range (C)
Ambient Temperature Range (C)
RP10-4805S Efficiency vs Output Load
83 82 81 80 79 78 77 76 75 70 65 50
Efficiency (%)
0.5
1
1.25
1.5
1.75
2
Output Load (A)
www.recom-international.com
August 2002
PO 39
POWERLINE - DC/DC-Converter
EW-Series, 10W, 1.6 kV Isolation, 4:1 Wide Input Range (Single & Dual Output) Specifications (typical at nominal input and 25C unless otherwise noted)
Output Power Voltage Accuracy (full Load and nominal Vin) Minimum Load (see note 1) Line Regulation (LL-HL at full load) Load Regulation (10% to 100% FL) Cross Regulation (asymmetrical load 25%/100% FL) Ripple and Noise (20MHz bandwith) Temperature Coefficient Transient Response (25% load step change) Over Voltage (with zener diode clamp) 5V output 12V output 15V output Single Dual Dual Single Dual 10W max. 2% 10% of FL 1% 1% 2% 5% 50mVp-p 75mVp-p 0.02%/C, max. 500sec 6.2V 15V 18V 150% max. Hiccup, automatic recovery RP10 24V nominal input RP10 48V nominal input 9-36VDC 18-75VDC Pi Type 24V input 48V input 50VDC 100VDC 30mAp-p 20ms typ. Positive logic Negative logic Remote Off Input Current Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency Approved to Safety Standards Case Material Base Material Potting Material Weight Dimensions MTBF (see note 4) Operating Temperature Range (see derating curves on previous page) Standard M1 (see note 5) M2 Nominal input DC-DC ON DC-DC OFF DC-DC ON DC-DC OFF Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V Short or 0V < Vr < 1.2V Open or 3.5V < Vr < 12V 2.5mA see Selection Guide" table 1600VDC min. 109 min. 300pF max. 300kHz typ. UL 1950, EN60950 Nickel-coated copper Non-conducted black plastic Epoxy (UL94-V0) 27g 50.8 x 25.4 x 10.2 mm 1.976 x 106 Hours -25C to +85C (with derating) -40C to +85C (non-derating) -40C to +85C (with derating) continued on next page
Over Load (% of full load at nominal Vin) Short Circuit Protection Input Voltage Range Input Filter Input Surge Voltage (100 ms max.) Input Reflected Ripple (nominal Vin and full load, see note 2) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see note 3)
PO 40
August 2002
www.recom-international.com
POWERLINE - DC/DC-Converter
EW-Series, 10W, 1.6 kV Isolation, 4:1 Wide Input Range (Single & Dual Output) Specifications continued (typical at nominal input and 25C unless otherwise noted)
Maximum Case Temperature Storage Temperature Range Thermal Impedance (see note 6) Thermal Shock Vibration Relative Humidity Conducted Emissions Radiated Emissions Conducted Immunity Radiated Immunity Surge Fast Transient ESD EN55022 EN55022 EN61000-4-6 EN61000-4-3 EN61000-4-5 EN61000-4-4 EN61000-4-2 Natural convection +100C -55C to +105C 12C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2
Notes 1. The RP10 EW series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. Simulated source impedance of 12uH. 12uH inductor in series with +Vin. 3. The ON/OFF control is option function . There are positive logic and negative logic. The pin voltage is referenced to negative input. To order positive logic ON-OFF control add the suffix ' P ' (Ex: RP10-2405SEW/P) To order negative logic ON-OFF control add the suffix ' N ' (Ex: RP10-2405SEW/N) 4. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40 C. (Ground fixed and controlled environment). 5. M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard and M2 version. 6. Heat sink is optional and P/N: 7G -0020A, Thermal impedance is 10C/Watt for natural convection. 7. Maximum value at nominal input Voltage and full load of standard type. 8. Typical value at nominal input voltage and full load.
Package Style and Pinning (mm)
25.40 12.70 10.20 10.20 10.20
Pin Connections Pin #
3 4 5
Single +Vin -Vin +Vout No Pin -Vout CTRL (Optional)
Dual +Vin -Vin +Vout Common -Vout CTRL (Optional)
1 2 3
Bottom View
20.30
2 6
50.80
dia. 1.0
4 5 6
1
15.20
2.50 5.10
5.6
Pin Pitch Tolerance 0.35 mm
www.recom-international.com
August 2002
PO 41


▲Up To Search▲   

 
Price & Availability of RP10-4815SEW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X