Part Number Hot Search : 
1991291 MC3423DG FCW101Z 29F08 5ETTT SMCJ12 SSM3J 147X0
Product Description
Full Text Search
 

To Download RP10-4815SE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWERLINE - DC/DC-Converter
E-Series, 10W, 1.6 kV Isolation, 2:1 Wide Input Range (Single & Dual Output)
Features 10 Watts Output Power 2:1 Wide Input Voltage Range International Safety Standard Approvals Six-Sided Continuous Shield
Selection Guide 12V, 24V and 48V Input Types
Part Number Input Voltage VDC RP10-123.3SE RP10-1205SE RP10-1212SE RP10-1215SE RP10-1205DE RP10-1212DE RP10-1215DE RP10-243.3SE RP10-2405SE RP10-2412SE RP10-2415SE RP10-2405DE RP10-2412DE RP10-2415DE RP10-483.3SE RP10-4805SE RP10-4812SE RP10-4815SE RP10-4805DE RP10-4812DE RP10-4815DE 9-18 9-18 9-18 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 36-75 36-75 36-75

High Efficiency up to 86% Standard 50.8 x 25.4 x 10.2mm Package Fixed Switching Frequency UL 1950 Component Recognised
Output Voltage VDC 3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15
Output Current mA 2000 2000 830 670 1000 416 333 2000 2000 830 670 1000 416 333 2000 2000 830 670 1000 416 333
Input Current (see note 6) mA 724 1082 1064 1088 1068 1053 1041 362 534 519 523 548 520 520 183 260 253 258 267 254 260
Efficiency (see note 7) % 80 81 82 81 82 83 84 80 82 84 84 80 84 84 79 84 86 85 82 86 84
Capacitive Load max. F 6800 4700 690 470 680 330 110 6800 4700 690 470 680 330 110 6800 4700 690 470 680 330 110
RP10-4805SE: Derating & Efficiency Curves
RP10-4805SE Derating Curve
125 100 75 Output Power (%) 50 25 0 -40 -25 -10 0 50 60 70 80 90 100 Output Power (%) Natural Convection
RP10-4805SE-M1 Derating Curve
125 100 75
RP10-4805SE-M2
125 100 75 Output Power (%)
50 25
Natural Convection
50 25
Natural Convection
0 -40 -25 -10 0
50 60 70 80 90 100
0 -40 -25 -10 0
50 60 70 80 90 100
Ambient Temperature Range (C)
Ambient Temperature Range (C)
Ambient Temperature Range (C)
RP10-4805S Efficiency vs Output Load
83 82 81 80 79 78 77 76 75 70 65 50
Efficiency (%)
0.5
1
1.25
1.5
1.75
2
Output Load (A)
PO 36
August 2002
www.recom-international.com
POWERLINE - DC/DC-Converter
E-Series, 10W, 1.6 kV Isolation, 2:1 Wide Input Range (Single & Dual Output) Specifications (typical at nominal input and 25C unless otherwise noted)
Output Power Voltage Accuracy (full Load and nominal Vin) Minimum Load Line Regulation (LL-HL at full load) Load Regulation (10% to 100% FL) Cross Regulation (asymmetrical load 25%/100% FL) Ripple and Noise (20MHz bandwith) Temperature Coefficient Transient Response (25% load step change) Over Voltage Protection (with zener diode clamp) 3.3V 5V 12V 15V output output output output Single Dual Dual Single Dual 10W max. 2% 10% of FL 1% 1% 2% 5% 50mVp-p 75mVp-p 0.02%/C, max. 500sec 3.9V 6.2V 15V 18V 150% max. Hiccup, automatic recovery RP10 12V nominal input RP10 24V nominal input RP10 48V nominal input 9-18VDC 18-36VDC 36-75VDC Pi Type 12V input 24V input 48V input 36VDC 50VDC 100VDC 30mAp-p 20ms typ. Positive logic Negative logic Remote Off Input Current Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency Approved to Safety Standards Case Material Base Material Potting Material Weight Dimensions MTBF (see note 3) Nominal input DC-DC ON DC-DC OFF DC-DC ON DC-DC OFF Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V Short or 0V < Vr < 1.2V Open or 3.5V < Vr < 12V 2.5mA see Selection Guide" table 1600VDC min. 109 min. 300pF max. 300kHz typ. UL 1950, EN60950 Nickel-coated copper Non-conducted black plastic Epoxy (UL94-V0) 27g 50.8 x 25.4 x 10.2 mm 1.976 x 106 Hours continued on next page
Over Load Protection (% of full load at nominal Vin) Short Circuit Protection Input Voltage Range
Input Filter Input Surge Voltage (100 ms max.)
Input Reflected Ripple (nominal Vin and full load, see note 1) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see note 2)
www.recom-international.com
August 2002
PO 37
POWERLINE - DC/DC-Converter
E-Series, 10W, 1.6 kV Isolation, 2:1 Wide Input Range (Single & Dual Output) Specifications continued (typical at nominal input and 25C unless otherwise noted) Operating Temperature Range (see derating curves on previous page) Standard M1 (see note 4) M2
Maximum Case Temperature Storage Temperature Range Thermal Impedance (see note 5) Thermal Shock Vibration Relative Humidity Conducted Emissions Radiated Emissions Conducted Immunity Radiated Immunity Surge Fast Transient ESD
Notes 1. Simulated source impedance of 12uH. 12uH inductor in series with +Vin. 2. The ON/OFF control is an optional function . There are positive logic and negative logic. The pin voltage is referenced to negative input. To order positive logic ON-OFF control add the suffix ' P ' (Ex: RP10-2405P) To order negative logic ON-OFF control add the suffix ' N ' (Ex: RP10-2405N) 3. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40 C. (Ground fixed and controlled environment). 4. M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard and M2 version. 5. Heat sink is optional and P/N: 7G -0020A, Thermal impedance is 10C/Watt for natural convection. 6. Maximum value at nominal input Voltage and full load of standard type. 7. Typical value at nominal input voltage and full load.
-25C to +85C (with derating) -40C to +85C (non-derating) -40C to +85C (with derating) +100C -55C to +105C
Natural convection
12C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH
EN55022 EN55022 EN61000-4-6 EN61000-4-3 EN61000-4-5 EN61000-4-4 EN61000-4-2
Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2
Package Style and Pinning (mm)
25.40 12.70 10.20 10.20 10.20
Pin Connections Pin #
3 4 5
Single +Vin -Vin +Vout No Pin -Vout CTRL (Optional)
Dual +Vin -Vin +Vout Common -Vout CTRL (Optional)
Bottom View
20.30
2 6
50.80
dia. 1.0
1 2 3 4 5 6
1
15.20
2.50 5.10
5.6
Pin Pitch Tolerance 0.35 mm
PO 38
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RP10-4815SE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X