Part Number Hot Search : 
3AYO11 ADP31 BCM56 PFT2014N ADP31 LPC11CX4 38907 2SK10
Product Description
Full Text Search
 

To Download RO-1814S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
RO and RE Series, 1 Watt, SIP4/SIP7 (Single Output) Features

Industry Standard Pinout 1kVDC Isolation UL 94V-0 Package Material

Toroidal Magnetics Fully Encapsulated Custom Solutions Available
Selection Guide
Part Number SIP4 RO-XX1.8S RO-XX3.3S RO-XX05S RO-XX09S RO-XX12S RO-XX15S RO-XX24S Part Number SIP7 Input Voltage (VDC) 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 Output Voltage (VDC) 1.8 V 3.3 V 5V 9V 12 V 15 V 24 V Output Current (mA) 555 303 200 111 84 66 42 Efficiency (%) 70 75 70-78 70-78 78-82 80-84 74-85
2kV
RE-XX1.8S (H) RE-XX3.3S (H) RE-XX05S (H) RE-XX09S (H) RE-XX12S (H) RE-XX15S (H) RE-XX24S (H)
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Ripple and Noise Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight RO types RE types 1.8V, 3.3V types 5V type 9V, 12V, 15V, 24V types 10% Capacitor Type 5% 1,2%/1% V Input 20% max. 15% max. 10% max. 70% min.
Output Power (Watts)
2.0 1.5 1.0 Safe Operating Area 0.5 0 -40 0 50 100 125 150 85 Operating Temperature C
1.000VDC min. (Typ RE available with 2.000VDC, Suffix H") 10 G min. 20pF min./75pF max. 100mVp-p max. 1 Second 50kHz min. / 100kHz typ. -40C to +85C (see Graph) -55C to +125C 1.4g 2.2g
www.recom-international.com
August 2002
EC 11
ECONOLINE - DC/DC-Converter
RO and RE Series, 1 Watt, SIP4/SIP7 (Single Output) Package Style and Pinning (mm)
4 PIN SIP Package 7 PIN SIP Package
3rd angle projection
11.50 6.00 6.00
19.60
10.00
RO-0505S RECOM ****
0.51 typ.
RO-0505S RECOM ****
10.00
RE-0505S RECOM ****
0.51 typ.
RE-0505S RECOM ****
4.10
0.51 typ.
1234
4.10
0.51 typ.
12
4
6
1234
1.27 1.27 2.0
0.25
12 4 6
0.25 1.9 7.62
12.70
Recommended Footprint Details
1.00 o+0.15/-0 2.54 2.54 2.54 1.00 o+0.15/-0 2.54
Pin Connections Pin # 1 2 3 4 6 RO -Vin +Vin -Vout +Vout No Pin RE +Vin -Vin No Pin -Vout +Vout
XX.X 0.5 mm XX.XX 0.25 mm
EC 12
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RO-1814S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X