Part Number Hot Search : 
SMCJ33A NTE911 NDV4916E 32F10 SG6842J MSS0317 2SB1001 PA2047NL
Product Description
Full Text Search
 

To Download RL255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * Low Cost Low Leakage Low Forward Voltage Drop High Current Capability
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
RL251 THRU RL257
2.5 Amp Silicon Rectifier 50 to 1000 Volts
R-3
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Typical Thermal Resistance (R JA) 35C/W MCC Catalog Number RL251 RL252 RL253 RL254 RL255 RL256 RL257 Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
D
---------------
A
Cathode Mark
B
D
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 2.5 A TA = 75C Current Peak Forward Surge IFSM 150A 8.3ms, half sine Current IFM = 2.5A; Maximum 1.0V Instantaneous VF TA = 25C Forward Voltage Maximum DC Reverse Current At IR 5.0A TA = 25C Rated DC Blocking 50A TA = 100C Voltage Typical Junction CJ 35pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
C
DIMENSIONS INCHES MIN ----.040 1.000 MM MIN ----1.01 25.40
DIM A B C D
MAX .160 .160 .042 ---
MAX 4.10 4.10 1.07 ---
NOTE
www.mccsemi.com
RL251 thru RL257
Figure 1 Typical Forward Characteristics 20 10 6 4 2.5 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts .8 1.0 1.2 0 .5 Amps 1.0 2.0 3.0 Figure 2 Forward Derating Curve
MCC
1.5
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 3 Junction Capacitance
100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
RL251 thru RL257
Figure 4 Typical Reverse Characteristics 10 6 4 120 2 TJ=100C 1 .6 .4 .2 Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 80 Volts Instantaneous Reverse Current - Ampsversus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TJ=25C Amps 90 60 30 0 1 4 6 8 10 Cycles 20 180 150 Figure 5 Peak Forward Surge Current
MCC
2
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of RL255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X