Part Number Hot Search : 
MYB33C 2N5551HR 08A50 CFAST MB89181 08A50 ON1427 08A50
Product Description
Full Text Search
 

To Download RL255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
RL251- RL257
2.5A 2.5A GENERAL DIODES
Maximum Peak Reverse Voltage PRV V PK Maximum Average Rectified Current @ Half-Wave Resistive Load 60Hz I O@ T L A AV C Maximum Forward Peak Surge Current @ 8.3ms Superimposed I FM (Surge) A PK Maximum Reverse Current @ PRV @ TA=25C I
R
TYPE
Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
Package Dimensions
Adc
RL251 RL252 RL253 RL254 RL255 RL256 RL257
50 100 200 400 600 800 1000
2.5
75
150
5.0
2.0
1.1
DO - 15
1.0(25.4) MIN
.300(7.6) .230(5.8)
1.0(25.4) MIN
.034(0.9) .028(0.7)
DIA .140(3.6) DIA .104(2.6)
DO - 15
27A-1/2
LESHAN RADIO COMPANY, LTD.
RL251-RL257 R-3 2.5A RATING & CHARACTERISTIC CURVES OF 2.5A GENERAL DIODES OF R-3 PACKAGE
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
2.5
AVERAGE FORWARD CURRENT,(A)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 10 TJ =25C
INSTANTANEOUS FORWARD CURRENT,(A)
2.0
Single Phase Half Wave 60Hz Resistive or Inductive Load
4 2
1.5
1.0 .4 .2 .1 .04 .02 .01 .6 .8 1.0 1.2 1.4 1.5 Pulse Width=300s 1% Duty Cycle
1.0
0.5
0 0 25 50 75 100 125 150 175
AMBIENT TEMPERATURE, (C)
FIG. 3 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
150
PEAK FORWARD SURGE CURRENT,(A)
INSTANTANEOUS FORWARD VOLTAGE,(V)
120
8.3ms Single Half Sine-Wave (JEDEC Method)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
90
60
INSTANTANEOUS FORWARD CURRENT,(A)
10 TJ =100C 4.0
30
1.0 0.4
5 1 2 4 6 8 10 20 40 60 80100
NUMBER OF CYCLES AT 60Hz
0.1 TJ =25C 0.04
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
200 100
JUNCTION CAPACITANCE,(pF)
0.01 TJ =25C 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4
10
20
40
100
REVERSE VOLTAGE,(V)
27A-2/2


▲Up To Search▲   

 
Price & Availability of RL255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X