Part Number Hot Search : 
20ET6 227M004 PMT8250 UFT7150 23202 LCX16 ICE3A036 FEP30FP
Product Description
Full Text Search
 

To Download Q62702-B802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Tuning Diode
BB 835
Preliminary data
Features
q
Extended frequency range up to 2.8 Ghz ; special design for use in TV-sat indoor units High capacitance ratio
q
Type BB 835
Marking yellow X
Ordering Code (tape and reel) Q62702-B802
Pin Configuration 1 C 2 A
Package SOD-323
Maximum Ratings Parameter Reverse voltage Reverse voltage Forward current Operating temperature range Storage temperature range Thermal Resistance Junction - ambient 1)
Rth JA
Symbol
VR
Values 30 35 20 - 55... +150 - 55... +150 450
Unit V V mA C C
(R 5 k)
VRM IF TOP Tstg
K/W
1)
For detailed informatioon see chapter Package Outline
Semiconductor Group
1
04.96
BB 835
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC Characteristics Reverse current VR = 30 V VR = 30 V, TA = 85 C Diode capacitance VR = 1 V, f = 1 MHz VR = 28 V, f = 1 MHz Capacitance ratio VR = 1 V, 28 V, f = 1 MHz Capacitance matching VR = 1...28 V, f = 1 MHz Series resistance VR = 1 V, f = 470 MHz Series inductance Diode capacitance CT = f (VR) f = 1 MHz.
IR
Value typ. max.
Unit
nA - - - - 9.1 0.62 14.7 - 2.4 1.4 10 200 pF 8.5 0.5 10 0.75 - 13.5 - % - 3 - - - nH -
CT
CT1/CT28 CT/CT rS LS
Semiconductor Group
2


▲Up To Search▲   

 
Price & Availability of Q62702-B802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X