Part Number Hot Search : 
AM822 20800SAE 82810E UF282OP 74F283SC E002174 ECWF2335 S3C84H5
Product Description
Full Text Search
 

To Download PT23101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH V SC AV ER OM AI SIO PL LA N IA BL S NT E
Features
Designed for isolation between line card
Weight - 4 g Operating temperature 0 C to +70 C Lead free version available (see How to
and terminal Meets CCITT 1.430 when chip pairs and transformers are used Low leakage inductance 2.0 kVrms HIPOT PRI/SEC 60 dB min. longitudinal balance 10 kHz to 300 kHz
*R
Order)
Lead free versions are RoHS compliant*
Applications
Telecom
PT231 Series - ISDN S-Interface Isolation Transformers
Electrical Specifications @ 25 C Primary Pri/Sec Cw/w (pF max.) 130 120 120 125 120 130
Part Number PT23101 PT23102 PT23103 PT23104 PT23105 PT73455
*SPLIT WINDINGS IN SERIES
Turns Ratio (2 %) 1:1 1:1.8 1:2 1:2.5 1:2 1:1
Primary Inductance (mH min.) 28 28 28 28 28 28
Leakage Inductance (H max.) 5 10 10 12 35 5
Pri DCR (15 %) 2.4 2.4 2.5 2.5 2.5 2.4
Sec DCR (15 %) 2.4 4.5* 4.8 5.5* 4.5 2.4
Package Schematic A B A B A C
Product Dimensions
14.0 MAX. (.551) 1 2 3 6 14.0 5 (.551) MAX. 4 3.0 MIN. (.118) 0.6 DIA. (.023) 10.2 MAX. (.401)
Electrical Schematic
10.2 (.401) 1 10.2 (.401) 5.1 (.200) Pri
0.72 MAX. (.028)
A Sec 6
2
5
3
4
DIMENSIONS ARE:
MM (INCHES)
10.2 (.401)
2.54 (.100)
10.2 (.401) 1 5.1 (.200) Pri
B Sec 7 6 5 4
Packaging Specifications Tube ....................................36 pcs./tube
2
3 2.54 (.100)
How to Order
10.2 (.401) 1 Pri
PT2310x or PT73455 __
Model Termination Blank = Tin-lead L = Tin only (lead free)
10.2 (.401) 3
C Sec 6
4
03/04 *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of PT23101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X