|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
OM5236ST OM5238ST OM5240ST OM5237ST OM5239ST OM5241ST SINGLE ISOLATED RECTIFIER IN HERMETIC TO-257AA PACKAGE 10 Amp, High Efficiency, 50 To 600 Volts, 35 To 50 nsec FEATURES * * * * * * Isolated Hermetic Package High Current / Small Size Ultra-Fast Recovery Low Forward Voltage Drop JEDEC TO-257AA Package Available Screened To MIL-S-19500, TX, TXV And S Levels DESCRIPTION These high speed power rectifiers are ideally suited in demanding applications where small size, high current and high reliability are required. ABSOLUTE MAXIMUM RATINGS @ 25C Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 600V Maximum Average D.C. Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 A Non-Repetitive Sinusoidal Surge Current 8.3 ms . . . . . . . . . . . . . . . . . . . . . . . . 100 A Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55 C to + 150 C Thermal Resistance Junction-to-Case . . . . . . . . . . . . . . . . . . . . . . 3.5 C/W Junction-to-Ambient . . . . . . . . . . . . . . . . . . . 60 C/W Z MECHANICAL OUTLINE .420 .410 .200 .190 .045 .035 .665 .645 .537 .527 .430 .410 .038 MAX. PIN CONNECTION 3.2 .150 .140 .750 .500 .005 123 .035 .025 .100 TYP. .120 TYP. Z-Tab package also available. 4 11 R2 Supersedes 1 07 R1 Pin 1: Cathode Pin 2: N/A Pin 3: Anode 3.2 - 57 OM5236ST - OM5241ST ELECTRICAL CHARACTERISTICS @ 25 C Type PIV Maximum Forward Voltage (Volts) @ (1) Tj = 25 C 1.0 V @ 10 A Maximum Reverse Current @ PIV Tj = 25 C Tj = 100 C 20 A 1.0 mA Maximum Reverse Recovery Time (2) OM5236ST OM5237ST OM5238ST OM5239ST OM5240ST OM5241ST 50 100 150 200 400 600 35 nsec 1.2 V @ 10 A 1.2 V @ 10 A 20 A 20 A 2.0 mA 2.0 mA 50 nsec 50 nsec (1) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%. (2) Measured in Circuit: IF = 0.5 A, IR = 1.0 A, IREC = 0.25 A. 50 V TO 200 V TYPICAL FORWARD VOLTAGE OM5236, 5237, 5238, 5239 100 400 V TYPICAL FORWARD VOLTAGE OM5240 100 TJ = 150C 50 50 100C IF = INSTANTANEOUS FORWARD CURRENT (AMPS) 30 20 IF = INSTANTANEOUS FORWARD CURRENT (AMPS) 25C 30 20 100C 10 TJ = 150C 10 25C 5.0 3.0 2.0 5.0 3.0 2.0 1.0 1.0 0.5 0.3 0.2 0.5 0.3 0.2 3.2 0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 VF = INSTANTANEOUS VOLTAGE (VOLTS) VF = INSTANTANEOUS VOLTAGE (VOLTS) TYPICAL REVERSE CURRENT OM5236, 5237, 5238, 5239 IR = REVERSE CURRENT (A) IR = REVERSE CURRENT (A) 100 50 20 10 5.0 2.0 1.0 0.5 0.2 0.1 0.05 0.02 0.01 0 20 40 60 80 100 120 140 160 180 200 TYPICAL REVERSE CURRENT OM5240, 5241 100 50 20 10 5.0 2.0 1.0 0.5 0.2 0.1 0.05 0.02 0.01 0 50 100 150 200 250 300 350 400 450 500 TJ = 150C 100C TJ = 150C 100C 25C 25C VR = REVERSE VOLTAGE (VOLTS) VR = REVERSE VOLTAGE (VOLTS) 205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246 |
Price & Availability of OM5236ST |