Part Number Hot Search : 
BYD127A MCL25 5ETTT MICRO BC846 TA0970A BR40P03 IL7101D
Product Description
Full Text Search
 

To Download MX8335MC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INDEX PRELIMINARY
MX8335
RAMBUS CLOCK GENERATOR
FEATURES
* Clock generator for RambusTM Channel * Provide two Rambus interface-level outputs with frequency from 200MHz to 267MHz * Multiplication ratio 40/3 allows low cost crystal used as frequency reference * Provide chip output enable pin (EN) for tri-state control * 3.0V~3.6V power supply range * 8-pin SOP (150mil) package
GENERAL DESCRIPTION
The MX8335 is a clock synthesizer chip for Rambus channel. With an advanced phase locked loop technology, the MX8335 provides two clock outputs (CLKOUT) with frequency ranging from 200MHz to 267MHz. The desired high speed clock is the 40/3 Multiplication ratio of a reference input clock. The reference clock could be supplied by an external crystal ranging from 15MHz to 20MHz.
PIN CONFIGURATIONS
8-PIN SOP
PIN DESCRIPTION
SYMBOL PIN TYPE PIN NUMBER EN I 1 DESCRIPTION When high, CLKOUTs are enabled. When low, CLKOUTs are tristate.
EN XO XI GND
1 2 3 4
8
VDD CLKOUT GND CLKOUT
XO XI GND CLKOUT O GND CLKOUT O VDD O I 2 3 4 5 6 7 8
MX8335
7 6 5
With an internal pull high resistor. Crystal output pin. Crystal input pin. Ground. 200-267Mhz output. Ground. 200-267Mhz output. Power supply.
BLOCK DIAGRAM
DIVIDER /40
200MHz~267MHz
XO
15MHz~20MHz
XI
OSC
DIVIDER /3
PFC
CHARGE PUMP
VCO
200MHz~267MHz
VDD
LOOP FILTER
EN
Rambus and
P/N: PM0334
are trademarks of Rambus Inc.
REV. 1.4, APR. 15, 1996
1
INDEX
MX8335
FUNCTIONAL DESCRIPTION
The Rambus clock generator is an integrated circuit of the phase locked loop frequency synthesizer. It provides two clock outputs for dual Rambus channel systems. As shown in the block diagram, a phase locked loop consists of dividers, phase frequency comparator(PFC), charge pump, voltage controlled oscillator(VCO), and loop filter. All components for PLL are integrated inside the chip. The dividers provide a fixed multiplication ratio 40/3. When a reference clock, ranging from 15MHz to 20MHz and either coming from crystal or external system reference, provides to PLL, the clock outputs should fall in the range of 200-266.67MHz. Following examples shows the relationship between input and output frequencies: Reference Frequency 15MHz 18.75MHz 20MHz Output Frequency 200MHz 250MHz 266.67MHz
OUTPUT CIRCUITRY
The clock source output is an open drain NMOS transistor. The MX8335 enables and disables the NMOS transistor alternately to drive the output load. The biasing circuity for the MX8335 is shown in Fig. 1. Output high voltage is determined by the Vt voltage. To set a value for output low voltage, we must determine the Rs and Rt values. Rt is determined by system operating conditions, which may be ranging from 25 Ohms to 50 Ohms. Rs can be acquired by following equation: Rs=(Rt x Vt/Vs)-(Rt+Ro) Ro=On resistor of NMOS transistor Vs=Signal Swing For a system with Vt=2.5V, Rt=25 Ohms, Vs=1.4V, and the MX8335's Ro=10 Ohms Rs=(25 x 2.5/1.4)-(25+10)=9.6 Ohms Cx capacitor can help equalize rising and falling rate. Rx resistor helps decrease the rising time. Both Rx and Cx depend on Rt+Rs and PCB layout. Typical values of Rx and Cx for 25 Ohms line impedance are Ohms and 4pF respectively. For 50 Ohms line impedance, Rx is about 100 Ohms, and Cx is about 2pF. Special care must be taken during physical design of the output bias circuits and the Rambus channel. Rx, Cx, and Rs should be as close to the MX8335 as possible, and are prefered to use SMD devices. The signal path must be built using controlled impedence transmission line technique.
FREQUENCY REFERENCE
The internal reference oscillator includes all passive components required. A proper resonant crystal should be connected between XO and XI. To minimize the noise pick up, maintain short lead lengths between the crystal and the MX8335 by soldering the crystal to the ground plane. The lead length of the capacitor should be kept to minimum to reduce noise suscepibility. The reference clock can also be supplied by external clock signal. In this case, the reference clock should connected to XI and XO should be unconnected.
POWER SUPPLY CONDITIONING
Clock jittering is the undesirable variations in frequency and phase of a clock source. In PLL, there are many clock jitter sources, such as flicker and thermal noise in electronic element, electromagnetic coupling, power supply noise, signal reflection, ground bounce, physical vibration and variation in temperature and humidity. Among these noise factors, the power supply noise and ground bounce are most crucial and should be given special care. To eliminate the supply noise, it is judicious to decouple the power noise as shown in Fig. 1, where C1=0.01uF, C2=0.1uF, and C3=47uF.
2
INDEX
MX8335
FIG. 1 INTERFACE CIRCUITRY
C1 1
MX8335
C2
C3 Vdd
8 7 6
2 3
For anther Rambus Channel or floating
Rx Vt Rambus Channel ZI Cx Rs Rt=ZI
4
5
ABSOLUTE MAXIMUM RATINGS
RATING Storage Temperature Applied Input Voltage Applied Output Voltage Supply Voltage Operating Temperature Power Dissipation VALUE -85oC to 150oC -0.5V to VDD + 0.5V -0.5V to VDD + 0.5V -0.5V to 5V 0 to 70oC 0.5Watts
NOTICE: Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended period may affect reliability. NOTICE: Specifications contained within the following tables are subject to change.
DC CHARACTERISTICS TA = 0oC to 70oC, VDD = 3.0 V to 3.6 V
SYMBOL VIL VIH IIL IIH IVDD CI ZL VLT IOH IOL Ro PARAMETER Input Low Voltage Input High Voltage Input Low Current Input High Current VDD Current Input Capacitance Line Impedence Line Termination Voltage Output High Current Output Low Current Output Resistance 25 2.2 -10 40 5 50 10 15 30 35 2.4 -5 5 40 10 50 2.7 10 MIN. TYP. MAX. 0.8 UNIT V V uA uA mA pF Ohm V uA mA Ohm Rambus Level Rambus Level CLKOUT VOL=0.4V, CLKOUT CLKOUT CONDITIONS
3
INDEX
MX8335
AC CHARACTERISTICS TA = 0oC to 70oC, VDD = 3.0 V to 3.6 V, Note 1
SYMBOL Dt Tj Tr/Tf Tst PARAMETER Duty Cycle Jitter (peak to peak) Rise/Fall Time Clock stabilization 0.3 5 MIN. TYP. 50 150 0.5 MAX. UNIT % pS nS mS CONDITIONS CLKOUT CLKOUT, over 3 clock cycles CLKOUT 1. After power is stable 2. Frequency from 0 to 266.67MHz Aco Tsk Ouput asymmetry Output skew between two channels TBD 50ps Equal loading
Note1: The MX8335 parts are tested under 266.67MHz and triggered at falling edge.
ORDERING INFORMATION
PART NO.
MX8335MC
PACKAGE
8-PIN SOP
WAVE FROMS
CLKOUT
Vh
80% 20%
VI Tf Tr
Tcycle Tch CLKOUT1 50% Tch Tcycle 50%
Dt= CLKOUT2
Tsk
Tj
4
INDEX
MX8335
PACKAGE INFORMATION
8-PIN PLASTIC SOP (150 mil)
8
5
ITEM A B C D E F G H I J K L
MILLIMETER 4.95 MAX. .53 [REF] 1.27 [TP] .41 [TYP.] .10 MIN. 1.73 MAX. 1.45 .13 5.99 .3 3.91 .13 1.02 .20 [TYP.] .76
INCHES .195 MAX. .021 [REF] .050 [TP] .016 [TYP.] .004 MIN. .068 MAX. .057 .005 .236 .012 .154 .005 .040 .008 [TYP.] .030
1
4
A H I J
NOTE:Each lead centerline is located within .25 mm[.01 inch] of its true position [TP] at maximum material condition.
G
F K
D
C
B
E
L
5
INDEX
MX8335
MACRONIX INTERNATIONAL CO., LTD
HEADQUARTERS :
TEL : +886-3-578-8888 FAX : +886-3-578-8887
EUROPE OFFICE :
TEL : +32-2-456-8020 FAX : +32-2-456-8021
JAPAN OFFICE :
TEL : +81-44-246-9100 FAX : +81-44-246-9105
SINGAPORE OFFICE :
TEL : +65-747-2309 FAX : +65-748-4090
TAIPEI OFFICE :
TEL : +886-2-2509-3300 FAX : +886-2-2509-2200
MACRONIX AMERICA INC.
TEL : +1-408-453-8088 FAX : +1-408-453-8488
CHICAGO OFFICE :
TEL : +1-847-963-1900 FAX : +1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.
6


▲Up To Search▲   

 
Price & Availability of MX8335MC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X