Part Number Hot Search : 
LA5668N IRKF180 S2385 SMA78 359843 9NB50FP XXXGP 2060CT
Product Description
Full Text Search
 

To Download MPS95WGW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPS Series Magnetic Proximity Sensors
Features/Benefits * Long life--10M operations * Sealed contacts * Quality construction * Quick and easy installation Typical Applications * Automotive sensors and indicators * Industrial sensors * Factory automation equipment
Specifications
CONTACT RATINGS: 3.0 W max. @ 30 V DC or 30 V AC max. @ 0.3 AMP max.; 1.0 msec. max. operate time (including bounce); 1.0 AMP max. carry current. CONTACT RESISTANCE: 100 m max. initial. DIELECTRIC STRENGTH: 200 V DC min. ELECTRICAL CIRCUIT: SPST NO (Contact Form A). Reed switch opens when magnet is removed from proximity. Contacts are held closed when magnet is within actuation range. OPERATING TEMPERATURE: -40F to 212F (-40C to 100C). OPERATING DISTANCE/ALIGNMENT: Operate (pull-in or make) points are nominal values with 10% tolerance. Release points are 110% to 150% of the operating points. MECHANICAL & ELECTRICAL LIFE: 10 million operations. PACKAGING: Bulk packaging, 10 switch and magnet pairs per package.
Materials
HOUSING/SPACER/COVER: ABS plastic (UL94V-0), white. REED SWITCH: Rhodium coated reed contacts in hermetically sealed, nitrogen filled glass capsule. Closed when magnet is in close proximity. Used in closed loop circuits. WIRE LEADS: UL 1061, 22 AWG wire: stranded, made of copper or aluminum; Length: 12 in. with ends stripped; Color: white. POTTING (around wires): Epoxy. MAGNETS: Alnico V (all models, except MPS80WG) and Ceramic Ferrite 8 (MPS80WG model only). ADHESIVE MOUNTING: Foam-backed, pressure-sensitive adhesive with release liner (MPS45WGW model only).
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
How To Order
Complete part numbers for MPS Series Magnetic Proximity Sensors are shown on pages F-22 thru F-24.
PART NUMBER
SWITCH TYPE Subminiature surface mount (adhesive or flange), side exit leads, 1" make gap.
MPS45WGW
F Detect
OFFSET OF CENTERLINES AND DISTANCE BETWEEN FACES OF SWITCH AND MAGNET (INCHES). ACTUATION CHART
SWITCH
MAGNET
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
F-21
www.ittcannon.com
MPS Series Magnetic Proximity Sensors
COVER
SWITCH
MAGNET
SPACER
PART NUMBER
SWITCH TYPE Standard surface mount, screw terminals, 1 1/4" make gap. OFFSET OF CENTERLINES AND DISTANCE BETWEEN FACES OF SWITCH AND MAGNET (INCHES). ACTUATION CHART
MPS20WGW
F Detect
SWITCH
MAGNET
SPACER
OFFSET OF CENTERLINES AND DISTANCE BETWEEN FACES OF SWITCH AND MAGNET (INCHES). PART NUMBER SWITCH TYPE Industrial surface mount, concealed screw terminals, 2" make gap. ACTUATION CHART
MPS80WGW
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
F-22
www.ittcannon.com
MPS Series Magnetic Proximity Sensors
SWITCH & MAGNET PANEL MOUNTING
SWITCH
PART NUMBER
SWITCH TYPE 3/8" Diameter recessed magnetic contact, 1 1/4" make gap. OFFSET OF CENTERLINES AND DISTANCE BETWEEN FACES OF SWITCH AND MAGNET (INCHES).
MPS9WGW
MAGNET
ACTUATION CHART
SWITCH PANEL MOUNTING
SWITCH
PART NUMBER
SWITCH TYPE 3/8" Diameter recessed magnetic contact, 1 1/4" make gap. OFFSET OF CENTERLINES AND DISTANCE BETWEEN FACES OF SWITCH AND MAGNET (INCHES).
MPS95WGW
MAGNET
ACTUATION CHART
F Detect
MAGNET
SWITCH PANEL MOUNTING MAGNET PANEL MOUNTING
SWITCH
PART NUMBER OFFSET OF CENTERLINES AND DISTANCE BETWEEN FACES OF SWITCH AND MAGNET (INCHES). SWITCH TYPE 3/4" Diameter recessed magnetic contact, 1 1/4" make gap. ACTUATION CHART
MPS73WGW
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
F-23
www.ittcannon.com
MPS Series Magnetic Proximity Sensors
SWITCH
MAGNET
SWITCH & MAGNET PANEL MOUNTING
OFFSET OF CENTERLINES AND DISTANCE BETWEEN FACES OF SWITCH AND MAGNET (INCHES). PART NUMBER ACTUATION CHART SWITCH TYPE 3/4" Diameter recessed magnetic contact, 1 1/4" make gap.
MPS70WGW
Actuating Positions
Gap Distance
When installing recessed and surface mount contacts, magnet position Gap distance is a combination of the horizontal and vertical plane sepis very important. The switch and magnet must always be parallel or aration of the switch and magnet. Example: if a recessed magnet end to end, and never in a `T' configuration. is 1/4" off the centerline of the switch, the make gap is reduced by 1/4" Correct Configuration Incorrect Configuration Center Alignment Off Center Alignment
1/4, 1 1/4" Make Gap 1" Make Gap
F Detect
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
F-24
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of MPS95WGW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X