Part Number Hot Search : 
LP2981 AN470 MUR104 28F320 FU5505 FCT16 F10A60 M3501
Product Description
Full Text Search
 

To Download LQH4C470K04M00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LX1734
TM (R)
1.0MHz Inverting DC/DC Converter
KEY FEATURES Fixed Frequency 1.0MHz Operation Very Low Noise: 1mVP-P Output Ripple Possible With Cuk Topology Stable Operation With Ceramic or Tantalum Capacitors -5V at 250mA from 5V Input Uses Small Surface Mount L/C Components Wide Input Range: 4.2V to 8V Low VCESAT Switch: 600mV at 600mA 6-Lead 3x3mm JEDEC MLPM Package Functionally Compatible with LT1611 or LT1931 APPLICATIONS/BENEFITS Disk Drive MR Head Bias Digital Camera CCD Bias LCD Bias GaAs FET Bias Local -5V or -12V Supplies
DESCRIPTION
The LX1734 is an inverting DC/DC current-mode controller. With a 750mA integrated switch, the LX1734 can generate large output currents in a small footprint. The LX1734 minimizes external component size and cost by implementing a high switching frequency of 1.0MHz, while generating -5V at 250mA. When configured in the dual inductor inverting topology very low output voltage ripple approaching 1mVP-P can be achieved when used in conjunction with ceramic output capacitors. The dual inductor can be implemented as a coupled or separate cores.
Fixed frequency operation ensures a clean output free from low frequency noise typically present with charge pump solutions. The low impedance output remains within 1% of nominal during large load steps. The 18V switch allows high voltage outputs to be generated. The LX1734 is available in the space saving 6-lead 3x3 Jedec MO-229 package, which has the same footprint and lead spacing as the SOT-23A. A complete inverter function utilizes less than 0.32 inches of PCB space.
WWW .Microsemi .C OM
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
PRODUCT HIGHLIGHT
L1A 22H VIN = 5V VIN C1 10F SW
C2 1F
L1B 22H R1 29.4k
LX1734 NFB SD GND
VOUT = -5V @ 150mA
R2 10k
C4 1000pF
C3 22F
Note: L1A and L1B are shown as coupled. Individual inductors can also be used. C1, C2, C3 are ceramic capacitors
LX1734 LX1734
Figure 1
PACKAGE ORDER INFO Plastic MLPL LM 6-Pin T (C)
A
RoHS Compliant / Pb-free Transition DC: 0452
0 to 85
LX1734CLM
Note: Available in Tape & Reel. Append the letters "TR" to the part number. (i.e. LX1734CLM-TR)
Copyright (c) 2002 Rev. 3.0a, 2005-03-14
Microsemi
Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
LX1734
TM (R)
1.0MHz Inverting DC/DC Converter
ABSOLUTE MAXIMUM RATINGS
PACKAGE PIN OUT
Supply Voltage (VIN), Shutdown ( SD ).................................................... 0 to 10V SW Voltage....................................................................................... -0.4V to 20V NFB Voltage .................................................................................................... -2V Current Into NFB Pin................................................................................... 1mA Operating Temperature Range ............................................................0C to 85C Maximum Junction Temperature ................................................................. 125C Storage Temperature......................................................................-65C to 150C Peak Package Solder Reflow Temperature (40 second maximum exposure) ..................................................... 260C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of specified terminal.
WWW .Microsemi .C OM
SW GND NFB
**
VIN N/C* SD
LM PACKAGE
(Top View)
* Not Internally Connected. ** Package heatsink should be connected to ground or left floating.
RoHS / Pb-free 100% Matte Tin Lead Finish
THERMAL DATA
LM Plastic LM 6-Pin
THERMAL RESISTANCE-JUNCTION TO AMBIENT, JC
8C/W
Junction Temperature Calculation: TJ = TA + (PD x JC). The JC numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow. FUNCTIONAL PIN DESCRIPTION NAME SW GND Power Switch Pin DESCRIPTION
Common ground reference
Feedback Pin - Connect to a resistive divider in order to set the output voltage. Feedback threshold is -1.235V. Given the typical NFB bias current (INFB) of 4A flows out of the pin, the suggested value for R2 is 10K. Given R2, set R1 according to:
NFB
R1 =
VOUT 1 . 235 R2
- 1 . 235 + I NFB
(
)
VIN
Input Supply - Input pin must be locally bypassed. Shutdown, Connected to >2V, device is active.
SD
PACKAGE DATA PACKAGE DATA
Copyright (c) 2002 Rev. 3.0a, 2005-03-14
Microsemi
Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
LX1734
TM (R)
1.0MHz Inverting DC/DC Converter
ELECTRICAL CHARACTERISTICS Unless otherwise specified, the following specifications apply over the operating ambient temperature 0C TA 85C and the following test conditions: VIN = 5V Parameter
Minimum Operating Voltage VIN Under Voltage Lockout Reference Voltage Reference Voltage Line Regulation NFB Pin Bias Current Quiescent Current Quiescent Current Switching Frequency Maximum Duty Cycle Switch VCESAT Switch Leakage Current Switch Circuit Current Limit High Low Shutdown Input Voltage Bias Current
WWW .Microsemi .C OM
Symbol VIN UVLO VNFB INFB IQ ISHDN
Test Conditions
Min
LX1734 Typ
Max
Units V V V mV A mA A MHz % mV A mA V V A A
VIN rising, regulator remains off 4.5V < VIN < 5.5V, TAMB > 25C (Regulator Not Switching, VNFB = -2V) V < 0.28V
SD
IOUT = 5mA to 250mA ISW = 600mA VSW = 10V Duty Cycle < 50% Device Active Device Disabled V = 0.28V
SD
VSDH VSDL ISD
4.25 3.2 4.25 -1.205 -1.235 -1.255 18 -4 -8 9 12 300 0.8 1.4 82 650 800 0.02 1 700 2 0.8 -5 0.4 1.0 30 50
VSD = 5V
BLOCK DIAGRAM
VIN UVLO
BIAS
SD
SW
+ Q1 Q2 40pF 100k +
R
SET
Q
S
CLR
Q
Q3 +
Ramp Generator 1.1MHz Oscillator
0.1 -
ELECTRICALS ELECTRICALS
R1 (External) VOUT
NFB R2 (External)
GND
CPL
Figure 2 - Simplified Block Diagram
Copyright (c) 2002 Rev. 3.0a, 2005-03-14
Microsemi
Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
LX1734
TM (R)
1.0MHz Inverting DC/DC Converter
CONDITIONS: VIN @ 5V, VOUT @ -5V, CIN=COUT=10uF Ceramic, L1=L2=10uH
STEP LOAD RESPONSE 0 - 100mA STEP LOAD RESPONSE 0 - 250mA
WWW .Microsemi .C OM
VOUT
VOUT
ISTEP LOAD
ISTEP LOAD
POWER ON RESPONSE, IOUT @ 200mA
OUTPUT VOLTAGE RIPPLE, IOUT @ 10mA and 150 mA
VOUT
IOUT = 10Ma
VIN
IOUT = 150mA
Inductor, 2A/div
LX1734 TEMPERATURE STABILITY IL = 132mA
-4.84 -4.88 -4.92 -4.96 -5 -5.04 -5.08 -5.12 -5.16 -5.2
TEMP, C -15
Copyright (c) 2002 Rev. 3.0a, 2005-03-14
Vout, Volts FREQ, Khz
1070 1040 1010 980 950 920 890 860 830 800 90 105 120
Page 4
WAVEFORMS
0
15
30
45
60
75
Microsemi
Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
LX1734
TM (R)
1.0MHz Inverting DC/DC Converter
THEORY OF OPERATION The LX1734 is a fixed frequency current mode controller designed to develop a negative output voltage from a positive input voltage. The switching transistor and current sense resistor are integrated into the part. The PWM functions in a peak current regulation mode using the amplified error signal to determine the peak switch current each cycle. Slope compensation is added to provide stable operation at high duty cycles. A current limit detector overrides the regulation loop and prevents the switch current from exceeding the over current threshold level. The bandgap control circuit keeps Q1 biased on and produces a reference current (IREF) that produces a voltage drop across the internal resistance that has a positive temperature coefficient. When this resistor voltage drop is added to the negative temperature coefficient of the base-emitter voltage drop of Q1, the result is a temperature compensated reference voltage (VREF) at the NFB pin. The summing node from the external feedback network is connected directly to NFB pin, which is relatively high impedance (typically 150k). The feedback loop minimizes the error current, (IERROR) which effectively regulates the voltage at the NFB pin. As with a conventional error amplifier, the error signal is proportional to the difference between the temperature compensated reference voltage (VREF) and the summing node voltage. A slight correction factor is necessary to account for the added summing node voltage due to the reference current (IREF, typically 4ADC) flowing through the Thevenin equivalent summing node external resistance.
WWW .Microsemi .C OM
APPLICATION NOTE The LX1734 can be used in several topologies that generate a negative output voltage from a positive input voltage. The LX1734 can be used in a dual inductor converter with coupled or uncoupled inductors (see Figure 1); this topology is required if the absolute value of the output voltage is less than or equal to the input voltage but can also be used for higher voltage outputs. The following components or their equivalents can be used to implement the converter in Figure 1, which produces a -5V output at 150mA from a +5V input. The reference design has an efficiency of greater than 72% and an input ripple voltage of less than 6mVP-P and an output ripple voltage of less than 300VP-P.
Ref C1 C2 C3 C4 D1 L1 Description Ceramic, 4.7uF, 6.3V (0805) Ceramic, 1uF, 16V (0805) Ceramic, 22uF, 6.3V (1210) Ceramic, 470pF, 50V (0402) Diode, 0.5A, 30V Inductor, Coupled, 22uH Part Number JMK212BJ475MG GRM40X7R105M16 JMK325BJ226MM GRM36X7R471K050 UPS530 CLS62-220NC Manufacturer Taiyo Yuden Murata Taiyo Yuden Murata Microsemi Sumida
Inductor Selection When the LX1734 is used in a dual inductor converter with coupled inductors, a parallel winding inductor value of 22H works well for a 5V input and a -5V output at 150mA. The inductor value can be scaled to the particular set of operating conditions based on the input voltage, output voltage, and output current. The new value of coupled inductor parallel inductance can be calculated using the following equation:
V 150 mA - 5 V x L NEW = 22 Hx IN x 5 V I OUT VOUT
The inductor value should be rounded to the nearest available value. The parallel saturation current rating of a coupled inductor should be sized to carry the summation of the peak input and peak output inductor currents. When the LX1734 is used in a dual inductor converter with two separate (uncoupled) inductors or when using the boost converter with an inverting charge pump output configuration, the inductance value for each inductor should be about twice the value recommended for a coupled inductor. The peak current in the inductor is the DC current plus 1/2 of the peak-to-peak ripple current. The saturation current rating of the inductors should be sized to carry the peak inductor current. The peak-to-peak ripple current can be calculated based on the inductor value, the terminal voltage (input or output), and the duty cycle. The DC inductor current is the same as the DC output current on the output inductor. The DC input current includes the power for the LX1734, but is still a good approximation for the DC inductor current for higher power applications. For simplicity, the calculations below ignore the voltage drops of the switch and diode. The duty cycle, D, for the dual inductor topology (assuming continuous inductor current mode operation) is approximately:
Table 1 - Part List for Figure 1 (All Parts Are Surface Mount).
Separate inductors (not on a common core) can be used in place of the coupled inductor (L1) of Figure 1. In this case the only component that changes in the parts list is L1, which now would be two separate inductors (L1, formerly L1A, and L2, formerly L1B). With the separate inductors the peak-to-peak voltage ripple on the input the output were less the 2mVP-P and less than 500VP-P, respectively.
Table 2 - Part List For Alternative Inductors
Ref. Designator L1, L2 Description Inductor, 47uH, (1812) Part Number LQH4C470K04M00 Manufacturer Murata
APPLICATION
Copyright (c) 2002 Rev. 3.0a, 2005-03-14
Microsemi
Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
LX1734
TM (R)
1.0MHz Inverting DC/DC Converter
APPLICATION NOTE (CONTINUED)
D=
(VOUT - VIN )
VOUT
where VOUT < 0
WWW .Microsemi .C OM
Capacitor Selection To minimize ripple voltage, only capacitors with low series resistance (ESR) are recommended. Mutli-layer ceramic capacitors with X5R or X7R dielectric are an excellent choice featuring small size, very low ESR, and a temperature stable dielectric. The level shifting capacitor, C2 (of Figure 1), should have a value of 1F and a voltage difference between the input and output voltages. The input and output capacitors (C1 and C2, respectively) should have values in the range of 1F or larger. If the inductor ripple current is known, the ripple voltage can be estimated by the following equation:
For example, the duty cycle for +5V = VIN and -3.3V = VOUT is 40%. The duty cycle for the Inverting Charge Pump Output topology (assuming continuous inductor current mode operation) is approximately:
V D = 1 + IN V OUT
where VOUT < 0
For example, the duty cycle for +5V = VIN and -12V = VOUT is 58%. The peak-to-peak ripple current in the input inductor is approximately:
VPP(RIPPLE) =
(I
2
xL (2 x Cx V )
PPRIPPLE
)
I RIPPLEpp =
(VIN x D ) (L IN x Fsw )
where Fsw = 1.0MHz (the switching frequency)
For example, with a +5V input and a-12V output in an Inverting Charge Pump Output topology with a 47H inductor, the peak-topeak input ripple is 52mA. In the dual inductor topology with separate inductors, the peakto-peak ripple current in the output inductor is approximately:
Since ripple voltage is inversely proportional to the capacitor value, larger value ceramic capacitors will result in lower ripple voltages. When using a ceramic capacitor for the output capacitor, it is recommended that a phase lead network be inserted in the feedback loop to improve the transient response. This can be accomplished by placing a capacitor in parallel with resistor R1 (see Figure 1). The corner frequency for the phase lead zero is between 20KHz and 60KHz. C4 can be calculated using the following equation:
fz =
1
(2 x R 1x C 4)
[- VOUT x (1 - D )] I RIPPLE pp = (L OUT x Fsw )
For example, with a +5V input and a -3.3V output in a dual inductor topology with a 47H output inductor, the peak-to-peak output ripple is 35mA. There are many inductor models from many different manufacturers that work well with the LX1734. Some sources are listed in Table 5. Ferrite core inductors are recommended to reduce core losses due to the high operating frequency of the LX7134. Using inductors with low DC resistance will further reduce efficiency losses.
Vendor Sumida Murata Coiltronics Phone (847) 956-0666 (404) 436-1300 (407) 241-7876 URL www.sumida.com www.murata.com www.coiltronics.com Part CLS62-22022 CD43-470 LQH3C-220 CTX20-1 Comments 22H Coupled 47H 22H, 2mm Height 20H, Coupled, Low DCR
Electrolytic capacitors such as solid tantalum or OS-CON types can also be used with consideration for the ESR. Since ESR adds to the capacitor reactive impedance, ESR will increase the ripple voltage. The electrolytic output capacitor impedance has a built in zero, so adding C4 is usually not required when using an electrolytic capacitor. Diode Selection A Schottky diode is recommended for use with the LX1734. The Microsemi UPS530 (30V @ 0.5A) or Microsemi UPS5817 (20V @ 1A) are good choices. Layout Considerations In operation, current is transferred between the LX1734 and D1 so to minimize ground noise it is recommended that the D1 cathode be connected directly to the ground pin pad for the LX1734 (refer to figure 1). When laying out the converter, to minimize EMI, it is important to minimize the area enclosed within the main current loops. It is also important to minimize the length of etch connecting to pin 3 (NFB) and to minimize the total trace area on both sides of C2. A ceramic bypass capacitor should be connected between pin 5 (VIN) and pin 2 (GND) and located in close proximity to the LX1734.
APPLICATION APPLICATION
Table 5 - List of Inductor Vendors
Copyright (c) 2002 Rev. 3.0a, 2005-03-14
Microsemi
Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
LX1734
TM (R)
1.0MHz Inverting DC/DC Converter
PACKAGE DIMENSIONS
LM
6-Pin Plastic Exposed Pad JEDEC MO-229 Reference
D
WWW .Microsemi .C OM
Dim A A1 A2 A3 b D E e D2 E2 L L2 K
E
TOP VIEW
A2 A .08 A3 b SIDE VIEW e L2 A1
Note:
MILLIMETERS MIN MAX 0.80 1.05 * 0.05 0.65 0.75 0.15 0.25 0.33 0.45 2.90 3.10 2.90 3.10 0.95 BSC 1.78 2.34 1.01 1.57 0.20 0.45 --0.13 0.20 * 0 12
INCHES MIN MAX 0.031 0.041 0.002 0.025 0.295 0.006 0.010 0.012 0.017 0.114 0.122 0.114 0.122 0.037 BSC 0.070 0.092 0.039 0.061 0.007 0.017 --0.005 0.007 * 0 12
D2 E2
1. Dimensions do not include mold flash or protrusions; these shall not exceed 0.155mm(.006") on any side. Lead dimension shall not include solder coverage.
L BOTTOM VIEW
MECHANICAL MECHANICAL
Copyright (c) 2002 Rev. 3.0a, 2005-03-14
Microsemi
Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
LX1734
TM (R)
1.0MHz Inverting DC/DC Converter
NOTES
WWW .Microsemi .C OM
NOTES NOTES
PRODUCTION DATA - Information contained in this document is proprietary to Microsemi and is current as of publication date. This document may not be modified in any way without the express written consent of Microsemi. Product processing does not necessarily include testing of all parameters. Microsemi reserves the right to change the configuration and performance of the product and to discontinue product at any time.
Copyright (c) 2002 Rev. 3.0a, 2005-03-14
Microsemi
Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8


▲Up To Search▲   

 
Price & Availability of LQH4C470K04M00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X