Part Number Hot Search : 
MPB037 MAX4368 NCP500D 330MD DTC114G 3DD102 38023M7D KSC3502E
Product Description
Full Text Search
 

To Download IPD230N06NG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPD230N06N G
OptiMOS(R) Power-Transistor
Features * For dc/dc converters and sync. rectification * N-channel enhancement - normal level * 175 C operating temperature * Pb-free lead plating, RoHS compliant * Avalanche rated
Product Summary V DS R DS(on),max ID 60 23 30 V m A
Type
IPD230N06N G
Package Marking
PG-TO252-3 230N06N
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID TC=25 C 1) T C=100 C Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1
1) 2)
Value 30 30 120 150 6 20
Unit A
I D,pulse E AS dv /dt V GS P tot T j, T stg
T C=25 C2) I D=30 A, R GS=25 I D=30 A, V DS=48 V, di /dt =200 A/s, T j,max=175 C
mJ kV/s V W C
T C=25 C
100 -55 ... 175 55/175/56
Current is limited by bondwire;with an R thJC=1.5 K/W the chip is able to carry 43 A. See figure 3
Rev. 1.0
page 1
2006-07-05
IPD230N06N G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm2 cooling area3) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=50 A V DS=60 V, V GS=0 V, T j=25 C V DS=60 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance Gate resistance Transconductance I GSS R DS(on) RG g fs |V DS|>2|I D|R DS(on)max, I D=30 A V GS=20 V, V DS=0 V V GS=10 V, I D=30 A 60 2.1 3 0.01 4 1 A V 1.5 75 50 K/W Values typ. max. Unit
17
1 1 18 1.6 34
100 100 23 nA m S
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
3)
Rev. 1.0
page 2
2006-07-05
IPD230N06N G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics4) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge
4)
Values typ. max.
Unit
C iss C oss C rss t d(on) tr t d(off) tf V DD=30 V, V GS=10 V, I D=30 A, R G=12 V GS=0 V, V DS=30 V, f =1 MHz
-
860 240 64 10 25 26 24
1100 320 96 15 37 39 36
pF
ns
Q gs Q g(th) Q gd Q sw Qg V plateau Q oss V DD=30 V, V GS=10 V V DD=30 V, I D=30 A, V GS=0 to 10 V
-
5 2.6 9.7 12 23 5.5 9
6 3 14.6 17 31 11
nC
V
IS I S,pulse V SD t rr Q rr
T C=25 C V GS=0 V, I F=30 A, T j=25 C V R=30 V, I F=I S, di F/dt =100 A/s
-
0.91 39 48
30 120 1.3 48 60
A
V ns nC
See figure 16 for gate charge parameter definition
Rev. 1.0
page 3
2006-07-05
IPD230N06N G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
120 30 100 25 80 20
P tot [W]
60
I D [A]
0 50 100 150 200
15
40
10
20
5
0
0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
limited by on-state resistance
1 s 10 s 100 s
10
2
100
0.5
Z thJC [K/W]
I D [A]
101
DC
0.2
1 ms
0.1
10 ms
10-1
0.05 0.02
100
0.01 single pulse
10-1 10
-1
10-2 10
0
10
1
10
2
10-6
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 1.0
page 4
2006-07-05
IPD230N06N G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
80
10 V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
60
70 60
7V 6.5 V
50
5V
5.5 V
I D [A]
6V
40 30
5.5 V
R DS(on) [m]
50
40
6V
z
30
6.5 V 7V
20 20
5V
10 V
10 0 0 1 2 3 4 5 6 7 8 10 0 10 20 30 40 50 60
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
40
8 Typ. forward transconductance g fs=f(I D); T j=25 C
50 45 40
30 35 30 20
g fs [S]
175 C 25 C
I D [A]
25 20 15
10
10 5
0 0 1 2 3 4 5 6 7
0 0 10 20 30 40 50 60
V GS [V]
I D [A]
Rev. 1.0
page 5
2006-07-05
IPD230N06N G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=30 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
70 4 3.5
490A
60
50
3
49 A
R DS(on) [m]
2.5
V GS(th) [V]
typ
40
2 1.5
30
98 %
20
1 10 0.5 0 -60 -20 20 60 100 140 180 -60 -20 20 60 100 140 180
0
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
103
102 103
Ciss 25 C 175 C 175 C 98%
C [pF]
I F [A]
Coss
101
102
Crss
100
25 C 98%
101 0 10 20 30 40 50
10-1 0 0.5 1 1.5 2 2.5
V DS [V]
V SD [V]
Rev. 1.0
page 6
2006-07-05
IPD230N06N G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
102
14 Typ. gate charge V GS=f(Q gate); I D=30 A pulsed parameter: V DD
12
10
12V
30 V 48 V
25 C
8
I AV [A]
100 C 150 C
V GS [V]
101
6
4
2
0 100 100 0 10
1
5
10
15
20
25
30
t AV [s]
10
2
10
3
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
75
V GS
70
Qg
V BR(DSS) [V]
65
60
V g s(th)
55
Q g (th)
50 -60 -20 20 60 100 140 180
Q sw Q gs Q gd
Q gate
T j [C]
Rev. 1.0
page 7
2006-07-05
IPD230N06N G
PG-TO252-3: Outline
packaging:
Rev. 1.0
page 8
2006-07-05
IPD230N06N G
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. All Rights Reserved. Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office ( www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.0
page 9
2006-07-05


▲Up To Search▲   

 
Price & Availability of IPD230N06NG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X