Part Number Hot Search : 
AME88 E110C 4R7M10 6545SP AM8257 BD5252G 25VF020 2SK656
Product Description
Full Text Search
 

To Download IDT74FCT88915TT70J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT54/74FCT88915TT 55/70/100/133 LOW SKEW PLL-BASED CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Integrated Device Technology, Inc.
LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT54/74FCT88915TT 55/70/100/133 PRELIMINARY
FEATURES:
* 0.5 MICRON CMOS Technology * Input frequency range: 10MHz - f2Q Max. spec (FREQ_SEL = HIGH) * Max. output frequency: 133MHz * Pin and function compatible with MC88915T * 5 non-inverting outputs, one inverting output, one 2x output, one /2 output; all outputs are TTL-compatible * 3-State outputs * Output skew < 500ps (max.) * Duty cycle distortion < 500ps (max.) * Part-to-part skew: 1ns (from tPD max. spec) * TTL level output voltage swing * 64/-15mA drive at TTL output voltage levels * Available in 28 pin PLCC, LCC and SSOP packages
DESCRIPTION:
The IDT54/74FCT88915TT uses phase-lock loop technology to lock the frequency and phase of outputs to the input reference clock. It provides low skew clock distribution for high performance PCs and workstations. One of the outputs
is fed back to the PLL at the FEEDBACK input resulting in essentially delay across the device. The PLL consists of the phase/frequency detector, charge pump, loop filter and VCO. The VCO is designed for a 2Q operating frequency range of 40MHz to f2Q Max. The IDT54/74FCT88915TT provides 8 outputs with 500ps skew. The Q5 output is inverted from the Q outputs. The 2Q runs at twice the Q frequency and Q/2 runs at half the Q frequency. The FREQ_SEL control provides an additional / 2 option in the output path. PLL _EN allows bypassing of the PLL, which is useful in static test modes. When PLL_EN is low, SYNC input may be used as a test clock. In this test mode, the input frequency is not limited to the specified range and the polarity of outputs is complementary to that in normal operation (PLL_EN = 1). The LOCK output attains logic HIGH when the PLL is in steady-state phase and frequency lock. When OE/ RST is low, all the outputs are put in high impedance state and registers at Q, Q and Q/2 outputs are reset. The IDT54/74FCT88915TT requires one external loop filter component as recommended in Figure 1.
FUNCTIONAL BLOCK DIAGRAM
FEEDBACK Phase/Freq. Detector Voltage Controlled Oscilator LF REF_SEL PLL_EN 0 1 Mux 2Q (/1) (/2) 1M u x 0
D Q
LOCK 0M u 1x
SYNC (0) SYNC (1)
Charge Pump
Q0 Q1
Divide -By-2 FREQ_SEL OE/RST
CP R Q D CP R D CP R D CP R D CP R D CP D CP R
R
Q
Q
Q2
Q
Q3
Q
Q4 Q5
Q
Q
Q/2
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
3072 drw 01
MILITARY AND COMMERCIAL TEMPERATURE RANGES
(c)1995 Integrated Device Technology, Inc.
AUGUST 1995
DSC-4247/1
9.7 9.7
1
1
IDT54/74FCT88915TT 55/70/100/133 LOW SKEW PLL-BASED CMOS CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
OE/RST GND
VCC
VCC
Q5
Q4
2Q
4 FEEDBK REF_SEL SYNC(0) VCC(AN) LF GND(AN) SYNC(1) 5 6 7 8 9 10 11 12
3
2
1
28
27
26 25 24 23 Q/2 GND Q3 VCC Q2 GND LOCK
GND Q5 VCC OE/RST FEEDBACK REF_SEL SYNC(0) VCC(AN) LF GND(AN)
19
1 2 3 4 5 6 7 8 9 10 11 12 13 14 SO28-7
28 27 26 25 24 23 22 21 20 19 18 17 16 15
Q4 VCC 2Q Q/2 GND Q3 VCC Q2 GND LOCK PLL_EN GND Q1 VCC
3072 drw 03
J28-1, L28-1
22 21 20
SYNC(1) FREQ_SEL GND Q0
13
14
15
16
17
18
Q1
GND
GND
FREQ_SEL
PLL_EN
3072 drw 02
PLCC/LCC TOP VIEW
VCC
Q0
SSOP TOP VIEW
PIN DESCRIPTION
Pin Name SYNC(0) SYNC(1) REF_SEL FREQ_SEL FEEDBACK LF Q0-Q4 Q5 2Q Q/2 LOCK OE/RST PLL_EN I/O I I I I I I O O O O O I I Reference clock input. Reference clock input. Chooses reference between SYNC (0) & SYNC (1). (Refer to functional block diagram). Selects between /1 and /2 frequency options. (Refer to functional block diagram). Feedback input to phase detector. Input for external loop filter connection. Clock output. Inverted clock output. Clock output (2 x Q frequency). Clock output (Q frequency / 2). Indicates phase lock has been achieved (HIGH when locked). Asynchronous reset (active LOW) and output enable (active HIGH). When HIGH, outputs are enabled. When LOW, outputs are in HIGH impedance. Disables phase-lock for low frequency testing. (Refer to functional block diagram).
3072 tbl 01
Description
9.7
2
IDT54/74FCT88915TT 55/70/100/133 LOW SKEW PLL-BASED CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Rating VTERM(2) Terminal Voltage with Respect to GND (3) Terminal Voltage VTERM with Respect to GND TA Operating Temperature TBIAS Temperature Under Bias TSTG Storage Temperature IOUT DC Output Current Commercial -0.5 to +7.0 Military -0.5 to +7.0 Unit V
CAPACITANCE (TA = +25C, f = 1.0MHz)
Symbol Parameter(1) CIN Input Capacitance COUT Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 4.5 5.5 Max. 6.0 8.0 Unit
pF pF
3072 lnk 03
-0.5 to VCC +0.5 0 to +70 -55 to +125 -55 to +125 -60 to +120
-0.5 to VCC +0.5 -55 to +125 -65 to +135 -65 to +150 -60 to +120
V C C C mA
NOTE: 1. This parameter is measured at characterization but not tested.
3072 tbl 02 NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed VCC by +0.5V unless otherwise noted. 2. Input and VCC terminals. 3. Output and I/O terminals.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Commercial: TA = 0C to 70C, VCC = 5.0V 5%
Symbol VIH VIL II H II L IOZH IOZL VIK VH VOH Clamp Diode Voltage Input Hysteresis Output HIGH Voltage VCC = Min. VIN = VIH or VIL Parameter Input HIGH Level Input LOW Level Input HIGH Current Input LOW Current High Impedance Output Current VCC = Max. Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC VI = GND VO = 2.7V VO = 0.5V VCC = Min., IIN = -18mA -- IOH = -3mA IOH = -12mA MIL. IOH = -15mA COM'L. IOH = -24mA MIL. IOH = -32mA COM'L.(3) VCC = Min. IOL = 48mA MIL. VIN = VIH or VIL IOL = 64mA COM'L. VCC = Max., VIN = GND or VCC (Test mode) Min. 2.0 -- -- -- -- -- -- -- 2.5 2.4 2.0 -- -- Typ.(2) -- -- -- -- -- -- -0.7 100 3.5 3.5 3.0 0.2 2.0 Max. -- 0.8 1 1 1 1 -1.2 -- -- -- -- 0.55 4.0 Unit V V A A A A V mV V V V V mA
VOL ICCL ICCH ICCZ
Output LOW Voltage Quiescent Power Supply Current
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at Vcc = 5.0V, +25C ambient. 3. Duration of the condition can not exceed one second.
3072 tbl 04
9.7
3
IDT54/74FCT88915TT 55/70/100/133 LOW SKEW PLL-BASED CMOS CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD CPD IC Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) Power Dissipation Capacitance Total Power Supply Current (5,6) Test Conditions(1) VCC = Max. VIN = VCC -2.1V(3) VCC = Max. All Outputs Open 50% Duty Cycle VCC = Max. PLL_EN = 1, LOCK = 1, FEEDBACK = Q/2 SYNC frequency = 20MHz. Q/2 loaded with 50pF All other outputs open VCC = Max. PLL_EN = 1, LOCK = 1, FEEDBACK = Q/2 SYNC frequency = 20MHz. Q/2 loaded with 50 Thevenin termination. All other outputs open
3072 tbl 05 NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input; all other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. It is derived with Q frequency as the reference. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (f) + ILOAD ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) f = 2Q frequency ILOAD = Dynamic Current due to load.
Min. --
Typ.(2) 0.5 0.25 15 25
Max. 1.5 0.4 40 40
Unit mA mA/ MHz pF mA
VIN = VCC VIN = GND
-- -- --
--
42
60
mA
SYNC INPUT TIMING REQUIREMENTS
Symbol Parameter TRISE/FALL Rise/Fall Times, SYNC inputs (0.8V to 2.0V) Frequency Input Frequency, SYNC Inputs Duty Cycle Input Duty Cycle, SYNC Inputs Min. -- Max. 3.0 Unit ns
10(1) 25%
2Q fmax 75%
MHz --
3053 tbl 06
OUTPUT FREQUENCY SPECIFICATIONS
Max. (2) Symbol f2Q fQ fQ/2 Parameter Operating frequency 2Q Output Operating frequency Q0-Q4, Q5 Outputs Operating frequency Q/2 Output Min. 40 20 10 55 55 27.5 13.75 70 70 35 17.5 100 100 50 25 133 133 66.7 33.3 Unit MHz MHz MHz
3072 tbl 07 NOTES: 1. Note 8 in "General AC Specification Notes" and Figure 2 describes this specification and its actual limits depending on the feedback connection. 2. Maximum operating frequency is guaranteed with the part in a phase locked condition and all outputs loaded.
9.7
4
IDT54/74FCT88915TT 55/70/100/133 LOW SKEW PLL-BASED CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
Symbol tRISE/FALL All outputs tPULSE WIDTH (3) All outputs(3) Parameter Rise/Fall Time (between 0.8V and 2.0V) Output Pulse Width Q0-Q4, Q5, Q/2, 2Q @ 1.5V Load = 50 to VCC/2, CL = 20pF 0.1F from LF to Analog GND (9) Load = 50 to VCC/2, CL = 20pF Condition(1) Load = 50 to VCC/2, CL = 20pF Min. 0.2 (2) 0.5tCYCLE - 0.5(5) -0.5 Max. 1.2 0.5tCYCLE + 0.5(5) +0.5 Unit ns ns ns
SYNC input to FEEDBACK delay tPD SYNC-FEEDBACK (3) (measured at SYNC0 or 1 and FEEDBACK input pins) tSKEWr (rising)(3,4) tSKEWf (falling)(3,4) tSKEWall tLOCK (6)
(3,4)
Output to Output Skew between outputs 2Q, Q0-Q4, Q/2 (rising edges only) Output to Output Skew between outputs Q0-Q4 (falling edges only) Output to Output Skew 2Q, Q/2, Q0-Q4 rising, Q5 falling Time required to acquire Phase-Lock from time SYNC input signal is received Output Enable Time OE/RST (LOW-to-HIGH) to Q, 2Q, Q/2, Q Output Disable Time OE/RST (HIGH-to-LOW) to Q, 2Q, Q/2, Q
--
350
ps
-- -- 1(2)
350 500 10
ps ps ms
tPZH tPZL tPHZ tPLZ
3(2) 3(2)
14 14
ns ns
3072 tbl 08 GENERAL AC SPECIFICATION NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested. 3. These specifications are guaranteed but not production tested. 4. Under equally loaded conditions, as specified under test conditions, and at a fixed temperature and voltage. 5. tCYCLE = 1/frequency at which each output (Q, Q, Q/2 or 2Q) is expected to run. 6. With VCC fully powered-on and an output properly connected to the FEEDBACK pin. tLOCK Max. is with C1 = 0.1F, tLOCK Min. is with C1 = 0.01F. (Where C1 is loop filter capacitor shown in Figure 1).
9.7
5
IDT54/74FCT88915TT 55/70/100/133 LOW SKEW PLL-BASED CMOS CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
NOTES: 7. These two specs ( tRISE/FALL and tPULSE WIDTH 2Q output) guarantee that the FCT88915TT meets 68040 P-Clock input specification.
88915TT 2Q Output
Zo (clock trace)
68040 P-Clock
Rp
Input Rp = 1.5 Zo
3072 drw 04
8. The wiring diagrams and written explanations of Figure 4 demonstrate the input and output frequency relationships for various possible feedback configurations. The allowable SYNC input range to stay in the phase-locked condition is also indicated. There are two allowable SYNC frequency ranges, depending on whether FREQ_SEL is HIGH or LOW. Also it is possible to feed back the Q5 output, thus creating a 180 phase shift between the SYNC input and the Q outputs. The table below summarizes the allowable SYNC frequency range for each possible configuration.
FREQ_SEL Level HIGH HIGH HIGH HIGH LOW LOW LOW LOW
Feedback Output Q/2 Any Q (Q0-Q4) Q5 2Q Q/2 Any Q (Q0-Q4) Q5 2Q
Allowable SYNC Input Frequency Range (MHZ) 10 to (2Q fMAX Spec)/4 20 to (2Q fMAX Spec)/2 20 to (2Q fMAX Spec)/2 40 to (2Q fMAX Spec) 5 to (2Q fMAX Spec)/8 10 to (2Q fMAX Spec)/4 10 to (2Q fMAX Spec)/4 20 to (2Q fMAX Spec)/2
Corresponding 2Q output Frequency Range 40 to (2Q fMAX Spec) 40 to (2Q fMAX Spec) 40 to (2Q fMAX Spec) 40 to (2Q fMAX Spec) 20 to (2Q fMAX Spec)/2 20 to (2Q fMAX Spec)/2 20 to (2Q fMAX Spec)/2 20 to (2Q fMAX Spec)/2
Phase Relationship of the Q Outputs to Rising SYNC Edge 0 0 180 0 0 0 180 0
3072 tbl 09
9. The tPD spec describes how the phase offset between the SYNC input and the output connected to the FEEDBACK input, varies with process, temperature and voltage. Measurements were made with a 10MHz SYNC input and Q/2 output as feedback. The phase measurements were made at 1.5V. The Q/2 output was terminated at the FEEDBACK input with 100 to VCC and 100 to ground. tPD measurements were made with the loop filter connection shown below:
External Loop Filter
LF
0.1F
C1
Analog GND
3072 drw 05
9.7
6
IDT54/74FCT88915TT 55/70/100/133 LOW SKEW PLL-BASED CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
BOARD VCC
ANALOG VCC
10F Low Freq. Bypass
0.1F High Freq. Bypass
Analog loop filter LF section of the FCT88915TT 0.1F (Loop Filter Cap) ANALOG GND
BOARD GND A separate Analog power supply is not necessary and should not be used. Following these prescribed guidelines is all that is necessary to use the FCT88915TT in a normal digital environment.
3072 drw 06
Figure 1. Recommended Loop Filter and Analog Isolation Scheme for the FCT88915TT
NOTES: 1. Figure 1 shows a loop filter and analog isolation scheme which will be effective in most applications. The following guidelines should be followed to ensure stable and jitter-free operation: All loop filter and analog isolation components should be tied as close to the package as possible. Stray current passing through the parasitics of long traces can cause undesirable voltage transients at the LF pin. b. The 10F low frequency bypass capacitor and the 0.1F high frequency bypass capacitor form a wide bandwidth filter that will minimize the 88915TT's sensitivity to voltage transients from the system digital VCC supply and ground planes. If good bypass techniques are used on a board design near components which may cause digital VCC and ground noise, VCC step deviations should not occur at the 88915TT's digital VCC supply. The purpose of the bypass filtering scheme shown in figure 1 is to give the 88915TT additional protection from the power supply and ground plane transients that can occur in a high frequency, high speed digital system. c. The loop filter capacitor (0.1F) can be a ceramic chip capacitor, the same as a standard bypass capacitor. 2. In addition to the bypass capacitors used in the analog filter of figure 1 there should be a 0.1F bypass capacitor between each of the other (digital) four VCC pins and the board ground plane. This will reduce output switching noise caused by the 88915TT outputs, in addition to reducing potential for noise in the "analog" section of the chip. These bypass capacitors should also be tied as close to the 88915TT package as possible. a.
9.7
7
IDT54/74FCT88915TT 55/70/100/133 LOW SKEW PLL-BASED CMOS CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
The frequency relationship shown here is applicable to all Q outputs (Q0, Q1, Q2, Q3 and Q4).
25MHz feedback signal HIGH RST Q5 FEEDBACK LOW 25MHz input REF_SEL SYNC(0) VCC(AN) LF GND(AN) FQ_SEL Q0 Q1 FCT88915TT Q4
50MHz signal
1:2 INPUT TO "Q" OUTPUT FREQUENCY RELATIONSHIP
In this application, the Q/2 output is connected to the FEEDBACK input. The internal PLL will line up the positive edges of Q/2 and SYNC, thus the Q/2 frequency will equal the SYNC frequency. The Q outputs (Q0-Q4, Q5) will always run at 2X the Q/2 frequency, and the 2Q output will run at 4X the Q/2 frequency.
50MHz signal 12.5MHz feedback signal HIGH RST Q5 FEEDBACK LOW 12.5 MHz input REF_SEL SYNC(0) VCC(AN) LF GND(AN) FQ_SEL Q0 HIGH Q1 PLL_EN HIGH
3072 drw 07
2Q Q/2 12.5MHz signal 25MHz "Q" Clock Outputs
Q3
Q2
PLL_EN HIGH
3072 drw 08
Q4
2Q Q/2
HIGH
Q3 FCT88915TT Q2
25MHz "Q" Clock Outputs
Allowable Input Frequency Range: 20MHz to (f2Q FMAX Spec)/2 (for FREQ_SEL HIGH) 10MHz to (f2Q FMAX Spec)/4 (for FREQ_SEL LOW)
Figure 2b. Wiring Diagram and Frequency Relationships With Q4 Output Feedback
2:1 INPUT TO "Q" OUTPUT FREQUENCY RELATIONSHIP
In this application, the 2Q output is connected to the FEEDBACK input. The internal PLL will line up the positive edges of 2Q and SYNC, thus the 2Q frequency will equal the SYNC frequency. The Q/2 output will always run at 1/4 the 2Q frequency, and the Q output will run at 1/2 the 2Q frequency.
50MHz feedback signal HIGH RST Q5 FEEDBACK LOW 50MHz input REF_SEL SYNC(0) VCC(AN) LF GND(AN) FQ_SEL Q0 HIGH Q1 PLL_EN HIGH
3072 drw 09
Allowable Input Frequency Range: 10MHz to (f2Q FMAX Spec /4 (for FREQ_SEL HIGH) 5MHz to (f2Q FMAX Spec /8 (for FREQ_SEL LOW)
Figure 2a. Wiring Diagram and Frequency Relationships With Q/2 Output Feedback
Q4
2Q Q/2
12.5MHz input 25MHz "Q" Clock Outputs
1:1 INPUT TO "Q" OUTPUT FREQUENCY RELATIONSHIP
In this application, the Q4 output is connected to the FEEDBACK input. The internal PLL will line up the positive edges of Q4 and SYNC, thus the Q4 frequency (and the rest of the "Q" outputs) will equal the SYNC frequency. The Q/2 output will always run at 1/2 the Q frequency, and the 2Q output will run at 2X the Q frequency.
Q3 FCT88915TT Q2
Allowable Input Frequency Range: 40MHz to (f2Q FMAX Spec) (for FREQ_SEL HIGH) 20MHz to (f2Q FMAX Spec)/2 (for FREQ_SEL LOW)
Figure 2c. Wiring Diagram and Frequency Relationships With 2Q Output Feedback
9.7
8
IDT54/74FCT88915TT 55/70/100/133 LOW SKEW PLL-BASED CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
CMMU FCT88915TT PLL 2f
CMMU
CPU CARD
CLOCK @f SYSTEM CLOCK SOURCE
CPU
CMMU
CMMU
CMMU
CMMU FCT88915TT PLL 2f
CMMU
CPU CARD
CPU
CMMU
DISTRIBUTE CLOCK @f
CMMU
CMMU
CLOCK @2f at point of use
FCT88915TT PLL 2f
MEMORY CONTROL
MEMORY CARDS CLOCK @2f at point of use
Figure 3. Multiprocessing Application Using the FCT88915TT for Frequency Multiplication and Low Board-to-Board skew
3072 drw 10
FCT88915TT System Level Testing Functionality When the PLL_EN pin is LOW, the PLL is bypassed and the FCT88915TT is in low frequency "test mode". In test mode (with FREQ_SEL HIGH), the 2Q output is inverted from the selected SYNC input, and the Q outputs are divide-by-2 (negative edge triggered) of the SYNC input, and the Q/2 output is divide-by-4 (negative edge triggered). With FREQ_SEL LOW the 2Q output is divide-by-2 of the SYNC, the Q outputs divide-by-4, and the Q/2 output divide-by-8. These relationships can be seen in the block diagram. A recommended test configuration would be to use SYNC0 or SYNC1 as the test clock input, and tie PLL_EN and REF_SEL together and connect them to the test select logic. This functionality is needed since most board-level testers run at 1 MHz or below, and theFCT 88915TT cannot lock onto that low of an input frequency. In the test mode described above, any test frequency test can be used.
9.7
9
IDT54/74FCT88915TT 55/70/100/133 LOW SKEW PLL-BASED CMOS CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TEST CIRCUITS AND WAVEFORM 50 to VCC/2, CL = 20pF
VCC VCC
ENABLE AND DISABLE TEST CIRCUIT
VCC 7.0V 500 VIN Pulse Generator D.U.T. 50pF 500 V OUT
100 VIN Pulse Generator RT D.U.T. 100 20pF
3072 drw 11
VOUT
RT
CL
3072 lnk 12
PROPAGATION DELAY, OUTPUT SKEW
SYNC INPUT (SYNC (1) or SYNC (0))
1.5V tPD t CYCLE SYNC INPUT 1.5V
FEEDBACK INPUT
1.5V Q/2 OUTPUT tSKEWALL Q0-Q4 OUTPUTS t CYCLE "Q" OUTPUTS 1.5V Q5 OUTPUT 1.5V 2Q OUTPUT
(These waveforms represent the hookup of Figure 2a)
3072 drw 13
t SKEWf
t SKEWr
t SKEWf
t SKEWr 1.5V
NOTES: 1. The FCT88915TT aligns rising edges of the FEEDBACK input and SYNC input, therefore the SYNC input does not require a 50% duty cycle. 2. All skew specs are measured between the 1.5V crossing point of the appropriate output edges. All skews are specified as "windows", not as deviation around a center point. 3. If a Q output is connected to the FEEDBACK input (this situation is not shown), the Q output frequency would match the SYNC input frequency, the 2Q output would run at twice the SYNC frequency and the Q/2 output would run at half the SYNC frequency.
ENABLE AND DISABLE TIMES
ENABLE CONTROL INPUT t PZL OUTPUT NORMALLY SWITCH LOW CLOSED t PZH OUTPUT SWITCH NORMALLY OPEN HIGH 1.5V 0.3V t PHZ 0.3V 1.5V 0V 0V VOH VOL t PLZ DISABLE 3V 1.5V 0V 3.5V
SWITCH POSITION
Test Disable Low Enable Low Disable High Enable High Switch Closed Open
3072 tbl 10
DEFINITIONS: CL= Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
3072 drw 14 NOTES: 1. Diagram shown for input Control Enable-LOW and input Control DisableHIGH 2. Pulse Generator for All Pulses: tF 2.5ns; tR 2.5ns
9.7
10
IDT54/74FCT88915TT 55/70/100/133 LOW SKEW PLL-BASED CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
IDT XXXX XX FCT Temp. Range Device Type X Speed X Package X Process Blank B J PY L 55 70 100 133 88915TT 54 74 Commercial MIL-STD-883, Class B PLCC SSOP LCC 55MHz Max. frequency 70MHz Max. frequency 100MHz Max. frequency 133MHz Max. frequency Low skew PLL-based CMOS clock driver -55C to +125C 0C to +70C
3072 drw 15
9.7
11


▲Up To Search▲   

 
Price & Availability of IDT74FCT88915TT70J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X