![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HI-SINCERITY MICROELECTRONICS CORP. HUN2111 / HUN2112 / HUN2113 / HUN2114 / HUN2115 HUN2116 / HUN2130 / HUN2131 / HUN2132 / HUN2133 HUN2134 / HUN2136 / HUN2137 / HUN2140 PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network Spec. No. : HN200301 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 1/5 Description This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SOT-23 package which is designed for low power surface mount applications. SOT-23 Symbol: Pin 1 Base (Input) R1 Pin 3 Collector (Output) Pin 2 Emitter (Ground) * Simplifies Circuit Design R2 * Reduces Board Space * Reduces Component Count * Moisture Sensitivity Level: 1 * ESD Rating: Human Body Model: Class1, Machine Model: Class B * The SOT-23 package can be soldered using wave or reflow. The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. * Available in 8mm embossed tape and reel. Use the device number to order the 7 inch / 3,000 unit reel. Maximum Ratings (TA=25oC unless otherwise noted) Rating Collector-Base Voltage Collector-Emitter Voltage Collector Curretn Symbol VCBO VCEO IC Value -50 -50 -100 Unit Vdc Vdc mAdc Thermal Characteristics Rating Total Power Dissipation @ TA=25C Derate above 25C Thermal Resistance-Junction-to-Ambient Thermal Resistance-Junction-to-Lead Operating and Storage Temperature Range Note1: FR-4 @ Minimum Pad, Note2: FR-4 @ 1.0X1.0 inch Pad Symbol PD RJA RJL TJ, Tstg Value Note1 246 1.5 508 174 -65 to +150 Note2 400 2.0 311 208 Unit mW mW/C C/W C/W C Device Marking and Resistor Values Device HUN2111 HUN2112 HUN2113 HUN2114 HUN2115 HUN2116 HUN2130 HUN2131 HUN2132 HUN2133 HUN2134 HUN2136 HUN2137 HUN2140 HUN21XX Series Package SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Marking A6A A6B A6C A6D A6E A6F A6G A6H A6J A6K A6L A6N A6P A6T R1(K) 10 22 47 10 10 4.7 1 2.2 4.7 4.7 22 100 47 47 R2(K) 10 22 47 47 1 2.2 4.7 47 47 100 22 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. Electrical Characteristics (TA=25C unless otherwise noted) Characteristic Off Characteristics Collector-Base Cutoff Current (VCB=-50V, IE=0) Collector-Emitter Cutoff Current (VCE=-50V, IB=0) HUN2111 HUN2112 HUN2113 HUN2114 HUN2115 HUN2116 HUN2130 Emitter-Base Cutoff Current (VEB=-6V, IC=0) HUN2131 HUN2132 HUN2133 HUN2134 HUN2136 HUN2137 HUN2140 Collector-Base Breakdown Voltage (IC=-10uA, IE=0) Collector-Emitter Breakdown Voltage (IC=-2mA, IB=0) *On Characteristics HUN2111 HUN2112 HUN2113 HUN2114 HUN2115 HUN2116 HUN2130 HUN2131 HUN2132 HUN2133 HUN2134 HUN2136 HUN2137 HUN2140 35 60 80 80 160 160 3 8 15 80 80 80 80 120 ICBO ICEO -50 -50 Symbol Min. Spec. No. : HN200301 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 2/5 Typ. Max. -100 -500 -0.5 -0.2 -0.1 -0.2 -0.9 -1.9 -4.3 -2.3 -1.5 -0.18 -0.13 -0.05 -0.13 -0.20 - Unit nAdc nAdc IEBO mAdc V(BR)CBO *V(BR)CEO Vdc Vdc DC Current Gain (VCE=-10V, IC=-5mA) hFE 60 100 140 140 250 250 5 15 27 140 130 150 140 250 Collector-Emitter Saturation Voltage (IC=-10mA, IB=-0.3mA) HUN2111/HUN2112/HUN2113/HUN2114 HUN2115/HUN2130/HUN2136/HUN2137 (IC=-10mA, IB=-5mA) HUN2131 (IC=-10mA, IB=-1mA) HUN2116/HUN2132/HUN2134/HUN2140 HUN2111 HUN2112 HUN2114 HUN2115 Output Voltage (on) HUN2116 HUN2130 (VCC=-5V, VB=-2.5V, RL=1k) HUN2131 HUN2132 HUN2133 HUN2134 HUN2113 (VCC=-5V, VB=-3.5V, RL=1k) HUN2140 HUN2136 (VCC=-5V, VB=-5.5V, RL=1k) HUN2137 (VCC=-5V, VB=-4.0V, RL=1k) VCE(sat) - - -0.25 Vdc VOL - - -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 Vdc *Pulse Test: Pulse Width 300us, Duty Cycle2% HUN21XX Series HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. Electrical Characteristics (TA=25C unless otherwise noted) Characteristic *On Characteristics Output Voltage (off) (VCC=-5V, VB=-0.5V, RL=1k) HUN2115 HUN2116 HUN2131 (VCC=-5V, VB=-0.25V, RL=1k) HUN2132 HUN2140 HUN2130 (VCC=-5V, VB=-0.05V, RL=1k) HUN2111 HUN2112 HUN2113 HUN2114 HUN2115 HUN2116 HUN2130 Input Resistor HUN2131 HUN2132 HUN2133 HUN2134 HUN2136 HUN2137 HUN2140 Resistor Ratio HUN2111/HUN2112/HUN2113/HUN2136 HUN2114 HUN2115/HUN2116/HUN2140 HUN2130/HUN2131/HUN2132 HUN2133 HUN2134 HUN2137 Symbol Min. Spec. No. : HN200301 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 3/5 Typ. Max. Unit VOH -4.9 - - Vdc R1 R1/R2 7 15.4 32.9 7 7 3.3 0.7 1.5 3.3 3.3 15.4 70 32.9 32.9 0.8 0.17 0.8 0.055 0.38 1.7 10 22 47 10 10 4.7 1 2.2 4.7 4.7 22 100 47 47 1 0.21 1 0.1 0.47 2.1 13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 130 61.1 61.1 1.2 0.25 1.2 0.185 0.56 2.6 k *Pulse Test: Pulse Width 300us, Duty Cycle2% HUN21XX Series HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. SOT-23 Dimension Marking: A L Series Code (See Page 1) Spec. No. : HN200301 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 4/5 A6 3 Pb Free Mark BS 1 2 Pb-Free: " " (Note) Normal: None V G Note: Pb-free product can distinguish by the green label or the extra description on the right side of the label. Pin Style: 1.Base 2.Emitter 3.Collector Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 DIM A B C D G H J K L S V Min. 2.80 1.20 0.89 0.30 1.70 0.013 0.085 0.32 0.85 2.10 0.25 Max. 3.04 1.60 1.30 0.50 2.30 0.10 0.177 0.67 1.15 2.75 0.65 *: Typical, Unit: mm C D H 3-Lead SOT-23 Plastic Surface Mounted Package HSMC Package Code: N K J Important Notice: * All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: * Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931 HUN21XX Series HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. Soldering Methods for HSMC's Products 1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile tP TP Ramp-up TL Tsmax Temperature tL Spec. No. : HN200301 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 5/5 Critical Zone TL to TP Tsmin tS Preheat Ramp-down 25 t 25oC to Peak Time Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices. Sn-Pb Eutectic Assembly <3 C/sec 100oC 150oC 60~120 sec <3oC/sec 183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes o o o Pb-Free Assembly <3oC/sec 150oC 200oC 60~180 sec <3oC/sec 217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes Peak temperature 245 C 5 C o o Dipping time 5sec 1sec 5sec 1sec 260 C +0/-5 C o o HUN21XX Series HSMC Product Specification |
Price & Availability of HUN2112
![]() |