Part Number Hot Search : 
5KE15 1A156 5KE15 DS310 LM150 1A156 DS310 E006854
Product Description
Full Text Search
 

To Download HMMC-5040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 20 - 40 GHz Amplifier Technical Data
HMMC-5040
Features
* Large Bandwidth: 20 - 44 GHz Typical 21 - 40 GHz Specified * High Gain: 22 dB Typical * Saturated Output Power: 21 dBm Typical * Supply Bias: 4.5 volts @ 300 mA
Description
The HMMC-5040 is a high-gain broadband MMIC amplifier designed for both military applications and commercial communication systems. This four stage amplifier has input and output matching circuitry for use in 50 ohm environments. It is fabricated using a PHEMT integrated circuit structure that provides exceptional broadband performance. The backside of the chip is both RF and DC ground. This helps simplify the assembly process and reduces assembly related performance variations and costs. This MMIC is a cost effective alternative to hybrid (discrete-FET) amplifiers that require complex tuning and assembly processes.
Chip Size: Chip Size Tolerance: Chip Thickness: Pad Dimensions:
1720 x 760 m (67.7 x 29.9 mils) 10 m ( 0.4 mils) 127 15 m (5.0 0.6 mils) 80 x 80 m (3.1 x 3.1 mils)
Absolute Maximum Ratings[1]
Symbol VD1, 2-3-4 VG1, 2-3-4 IDD Pin Tch TA TSTG Tmax Parameters/Conditions Drain Supply Voltages Gate Supply Voltages Total Drain Current RF Input Power Channel Temperature[2] Backside Ambient Temp. Storage Temperature Maximum Assembly Temp. Units V V mA dBm C C C
C
Min. -3.0
Max. 5 0.5 400 21 +160
-55 -65
+75 +165
+300
Note: 1. Absolute maximum ratings for continuous operation unless otherwise noted. 2. Refer to DC Specifications/Physical Properties table for derating information.
5965-5444E
6-58
HMMC-5040 DC Specifications/Physical Properties [1]
Symbol VD1, 2-3-4 ID1 ID2-3-4 VG1, 2, 3-4 Vp ch-bs Tch Parameters and Test Conditions Drain Supply Operating Voltages First Stage Drain Supply Current (VDD = 4.5 V, VG1 = -0.6 V) Total Drain Supply Current for Stages 2, 3, and 4 (VDD = 4.5 V, VGG = -0.6 V) Gate Supply Operating Voltages (IDD = 300 mA) Pinch-off Voltage (VDD = 4.5 V, IDD 10 mA) Thermal Resistance [2] (Channel-to-Backside @ Tch = 160C) Channel Temperature [3] (TA = 125C, MTTF > 106 hrs, VDD = 4.5 V, IDD = 300 mA) Units V mA mA V V C/W C -2 Min. 2 Typ. 4.5 55 24.5 -0.6 -1.2 62 160 -0.8 Max. 5
Notes: 1. Backside ambient operating temperature TA = 25C unless otherwise noted. 2. Thermal resistance (C/Watt) at a channel temperature T (C) can be estimated using the equation: (T) 62 x [T(C)+ 273] / [160C + 273]. 3. Derate MTTF by a factor of two for every 8C above Tch.
HMMC-5040 RF Specifications, TA = 25C, VDD = 4.5 V, IDD = 300 mA, Z o = 50
Symbol BW S21 S21 (RLin)MIN (RLout)MIN S12 P-1dB Psat Parameters/Conditions Units Operating Bandwidth Small Signal Gain Small Signal Gain Flatness Minimum Input Return Loss Minimum Output Return Loss Reverse Isolation Output Power (@ 1dB Gain Compression) Saturated Output Power @ 3 dB Gain Compression GHz dB dB dB dB dB dBm dBm Broadband Specifications Min. Typ. Max. 21 20 8 8 20-44 22 1.5 10 10 54 18 21 40 Narrow Band Performance Typical 21-24 25 1 9 10 54 18 21 27-29 23 0.75 10 11 54 18 21 37-40 22 0.3 14 12 54 18 21
20
6-59
HMMC-5040 Applications
The HMMC-5040 broadband amplifier is designed for both military (35 GHz) applications and wireless communication systems that operate at 23, 28, and 38 GHz. It is also suitable for use as a frequency multiplier due to excellent below-band input return loss and high gain.
No ground wires are needed since ground connections are made with plated through-holes to the backside of the device. The HMMC-5040 can also be used to double, triple, or quadruple the frequency of input signals. Many bias schemes may be used to generate and amplify desired harmonics within the device. The information given here is intended to be used by the customer as a starting point for such applications. Optimum conversion efficiency is obtained with approximately 14 dBm input drive level. As a doubler, the device can multiply an input signal in the 10-20 GHz frequency range up to 20-40 GHz with conversion gain for output frequencies exceeding 30 GHz. Similarly, 5-10 GHz signals can be quadrupled to 20-40 GHz with some conversion loss. Frequency doubling or quadrupling is accomplished by operating the first gain stage at pinch-off (VG1 = VP -1.2 volts). Stages 2, 3, and 4 are biased for normal amplification. The assembly diagram shown in Figure 12b can be used. To operate the device as a frequency tripler the drain voltage can be reduced to approximately 2.5 volts and the gate voltage can be set at about -0.4 volts or adjusted to minimize second harmonics if needed. Either of Figures 12a or Figure 12b can be used. Contact your local HP sales representative for additional information concerning multiplier performance and operating conditions.
Assembly Techniques
Solder die attach using a fluxless gold-tin (AuSn) solder preform is the recommended assembly method. A conductive epoxy such as ABLEBOND(R) 71-1LM1 or ABLEBOND(R) 36-2 may also be used for die attaching provided the Absolute Maximum Ratings are not exceeded. The device should be attached to an electrically conductive surface to complete the DC and RF ground paths. The backside metallization on the device is gold. It is recommended that the RF input and output connections be made using either 500 lines/inch (or equivalent) gold wire mesh. The RF connections should be kept as short as possible to minimize inductance. The DC bias supply wires can be 0.7 mil diameter gold. Thermosonic wedge is the preferred method for wire bonding to the gold bond pads. Mesh wires can be attached using a 2 mil round tacking tool and a tool force of approximately 22 grams with an ultrasonic power of roughly 55 dB for a duration of 76 8 msec. A guidedwedge at an ultrasonic power level of 64 dB can be used for the 0.7 mil wire. The recommended wire bond stage temperature is 150 2C. For more detailed information see HP application note #999 "GaAs MMIC Assembly and Handling Guidelines."
GaAs MMICs are ESD sensitive. Proper precautions should be used when handling these devices.
Biasing and Operation
The recommended DC bias condition is with all drains connected to single 4.5 volt (or less) supply and all gates connected to an adjustable negative voltage supply as shown in Figure 12a. The gate voltage is adjusted for a total drain supply current of typically up to 300 mA. Figures 4, 5, 8, and 9 can be used to help estimate the minimum drain voltage and current necessary for a given RF gain and output power. The second, third, and fourth stage DC drain bias lines are connected internally (Figure 1) and therefore require only a single bond wire. An additional bond wire is needed for the first stage DC drain bias, VD1. Only the third and fourth stage DC gate bias lines are connected internally. A total of three DC gate bond wires are required: one for VG1, one for VG2, and one for the VG3-to-VG4 connection. The RF input has matching circuitry that creates a 50 ohm DC and RF path to ground. A DC blocking capacitor should be used in the RF input transmission line. Any DC voltage applied to the RF input must be maintained below 1 volt. The RF output is AC-coupled.
6-60
VD1
VG2
VD2
VD3
VD4
IN
MATCHING MATCHING MATCHING MATCHING
MATCHING
OUT
50
VG1
VG3
VG4
Figure 1. HMMC-5040 Simplified Schematic Diagram.
HMMC-5040 Typical Performance
30
SMALL-SIGNAL GAIN (dB)
VDD = 4.5 V, IDD = 300 mA
0
REVERSE ISOLATION (dB) INPUT RETURN LOSS (dB)
0
VDD = 4.5 V, IDD = 300 mA
0
OUTPUT RETURN LOSS (dB)
26
Gain
10 20
5
5
22
30 40 Isolation 50 60 70 40
10 Input
10
18
15
15
14
20
Output
20
10 20
24
28
32
36
25 20
24
28
32
36
25 40
FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 2. Typical Gain and Isolation vs. Frequency.[1]
Figure 3. Typical Input and Output Return Loss vs. Frequency.[1]
30
SMALL-SIGNAL GAIN (dB)
VDD = 4.5 V
30
SMALL-SIGNAL GAIN (dB)
VDD = 3 V
24
18
300 mA 250 mA 200 mA 150 mA 100 mA
24
18
300 mA 250 mA 200 mA 150 mA 100 mA
12
12
6
Spec Range 21 - 40 GHz
6
Spec Range 21 - 40 GHz
0 10
18
26
34
42
50
0 10
18
26
34
42
50
FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 4. Broadband Gain as a Function of Drain Current vs. Frequency with VDD = 4.5 V.[1]
Note: 1. Wafer-probed measurements
Figure 5. Broadband Gain as a Function of Drain Current vs Frequency with VDD = 3 V.[1]
6-61
HMMC-5040 Typical Performance, continued
COMPRESSED OUTPUT POWER (dBm)
35
SMALL-SIGNAL GAIN (dB)
VDD = 4.5 V, IDD = 300 mA @ TA = 25C
40
20
30
NOISE FIGURE (dB)
0.06 dB/C
35
25 Gain
30
20
25
22 GHz 28 GHz 38 GHz 25 GHz 30 GHz 35 GHz 40 GHz
16
12
VDD = 4.5 V IDD = 300 mA
8 VDD = 3.0 V IDD = 130 mA
VDD = 2.0 V IDD = 170 mA
15 Power -30 0 30 60
20
4
10 -60
15 90
0 20
24
28
32
36
40
OPERATING TEMPERATURE (C)
FREQUENCY (GHz)
Figure 6. Small-Signal Gain[3] and Compressed Power[1] vs. Temperature.
Figure 7. Noise Figure vs. Frequency.
POWER-ADDED EFFECIENCY @ PSAT (%)
23
OUTPUT POWER, PSAT (dBm)
25
23
OUTPUT POWER, PSAT (dBm)
25
POWER-ADDED EFFECIENCY @ PSAT (%)
VDD = 4.5 V
VDD = 3 V
21
Power
21
23 GHz 28 GHz 38 GHz 42 GHz
21 Power 19 Efficiency
21
23 GHz 28 GHz 38 GHz 42 GHz
19 Efficiency 17
17
17
13
17
13
15
9
15
9
13 100
200 TOTAL DRAIN CURRENT, IDD (mA)
5 300
13 100
200 TOTAL DRAIN CURRENT, IDD (mA)
5 300
Figure 8. Output Power[1] and Efficiency vs. Drain Current with VDD = 4.5 V.
VDD = 4.5 V, IDD = 300 mA, f = 40GHz
Figure 9. Output Power[1] and Efficiency vs. Drain Current with VDD = 3 V.
OUTPUT POWER, P-1dB AND PSAT (dBm)
30
20
POWER-ADDED EFFICIENCY (%)
30
VDD = 4.5 V, IDD = 300 mA
30
SMALL-SIGNAL GAIN (dB)
26
GAIN (dB)
Gain
25
26 P SAT 22
Gain
26
22 10 18 5
22
18 P-1dB 14
18
14
added
10 14 18 22 0 26
14
10 6
10 20
24
28
32
36
10 40
OUTPUT POWER (dBm)
FREQUENCY (GHz)
Figure 10. Gain Compression and Efficiency Characteristics.[2]
Figure 11. Output Power and Gain vs. Frequency Characteristics.[2]
Notes: 1. Output power into 50 with 2 dBm input power. Wafer-probed measurements. 2. Wafer-probed measurements. 3. Measurements taken on a device mounted in a connectorized package calibrated at the connector terminals.
6-62
( 100 pF)
Gold Plated Shim (Optional)
Cb
To VDD DC Drain Supply Feed
( 100 pF)
Cb
To VDD DC Drain Supply Feed
VD1 RFIN VG1
VG2
VD2-3-4 RFOUT VG3-4
RFIN
VD1
VG2
VD2-3-4 RFOUT
VG1
VG3-4
To VGG DC Gate Supply Feed
VG2 to VG3 Jumper-Wire
Cb
( 100 pF)
[or use VG2 wire shown in (b)]
To VGG DC Gate Supply Feed
Cb
( 100 pF)
( 100 pF)
Cb
To VG3-4 DC Gate Supply Feed
Figure 12a. Single drain and single gate supply assembly for tripler and standard amplifier applications.
Figure 12b. Separate first-stage gate bias supply for any multiplier or amplifier application. This diagram shows an optional variation to the VG2 jumper-wire bonding scheme presented in (a).
Figure 12. HMMC-5040 Common Assembly Diagrams. (Note: To assure stable operation, bias supply feeds should be bypassed to ground with a capacitor, Cb > 100 nF typical.)
0 760
70
330
700
930
1180
1465
660 480
300 95 0 0 95 710 1200 1640 1720 0
Figure 13. HMMC-5040 Bonding Pad Locations. (Dimensions in micrometers)
This data sheet contains a variety of typical and guaranteed performance data. The information supplied should not be interpreted as a complete list of circuit specifications. In this data sheet the term typical refers to the 50th percentile performance. For additional information contact your local HP sales representative.
6-63


▲Up To Search▲   

 
Price & Availability of HMMC-5040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X