Part Number Hot Search : 
K550CSE LB1813M TA6250EV SPU30N03 SMAW250 P1300 1N5931 R7222207
Product Description
Full Text Search
 

To Download HM4033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9523 Issued Date : 1997.04.17 Revised Date : 2002.06.28 Page No. : 1/3
HM4033
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HM4033 is designed for high current general purpose amplifier applications.
Absolute Maximum Ratings
SOT-89
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) .................................................................................... 1.2 W * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ........................................................................................ -80 V VCEO Collector to Emitter Voltage ..................................................................................... -80 V VEBO Emitter to Base Voltage ............................................................................................. -5 V IC Collector Current ............................................................................................................. -1 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 *hFE1 *hFE2 *hFE3 *hFE4 fT Cob Min. -80 -80 -5 75 100 70 25 100 Typ. Max. -100 -100 -150 -500 -900 -1.1 20 Unit V V V nA nA mV mV mV V Test Conditions IC=-10uA, IE=0 IC=-10mA, IB=0 IC=-10uA, IC=0 VCB=-60V, IE=0 VEB=-5V, IC=0 IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA VCE=-5V, IC=-0.1mA VCE=-5V, IC=-100mA VCE=-5V, IC=-500mA VCE=-5V, IC=-1A VCE=-10V, IC=-50mA, f=100MHz VCB=-10V, IE=0, f=1MHz
*Pulse Test : Pulse Width 380us, Duty Cycle2%
MHz pF
HM4033
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 1000
Spec. No. : HE9523 Issued Date : 1997.04.17 Revised Date : 2002.06.28 Page No. : 2/3
Saturation Voltage & Collector Current
100
hFE @ VCE=5V
Saturation Voltage (mV)
hFE
100
VCE(sat) @ IC=10IB
10
1 0.1 1 10 100 1000
10 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
1000 100
Capacitance & Reverse-Biased Voltage
VBE(sat) @ IC=10IB
Saturation Voltage (mV)
Capacitance (pf)
Cob
10
100 1 10 100 1000
1 0.1 1 10 100
Collector Current-IC (mA)
Reverse-Biased Voltage (V)
HM4033
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-89 Dimension
Marking:
Spec. No. : HE9523 Issued Date : 1997.04.17 Revised Date : 2002.06.28 Page No. : 3/3
C
H
Date Code HM 4033 Laser Marking
B 1 E F G A 2 3
D
Style: Pin 1.Base 2.Collector 3.Emitter
I
3-Lead SOT-89 Plastic Surface Mounted Package HSMC Package Code: M
*: Typical
DIM A B C D E
Inches Min. Max. 0.1732 0.1811 0.1594 0.1673 0.0591 0.0663 0.0945 0.1024 0.0141 0.0201
Millimeters Min. Max. 4.40 4.60 4.05 4.25 1.50 1.70 2.40 2.60 0.36 0.51
DIM F G H I
Inches Min. Max. 0.0583 0.0598 0.1165 0.1197 0.0551 0.0630 0.0138 0.0161
Millimeters Min. Max. 1.48 1.52 2.96 3.04 1.40 1.60 0.35 0.41
Notes: 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HM4033
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HM4033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X