Part Number Hot Search : 
23A005 1N757 BAW000 SSI22101 10H100CT 5KP20A C102G2 1000M
Product Description
Full Text Search
 

To Download GSIB440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GSIB420 thru GSIB480
New Product
Vishay Semiconductors
formerly General Semiconductor
Reverse Voltage 200 and 800V Forward Current 4.0A
Single-Phase Single In-Line Bridge Rectifier
Case Style GSIB-3G
0.118 x 45 Chamfer 0.996 (25.3) 0.972 (24.7) 0.492 (12.5) 0.150 (3.8) 0.134 (3.4) Detail Z enlarged
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * High case dielectric strength of 1500 VRMS * Ideal for printed circuit boards * Glass passivated chip junction * High surge current capability
0.134 (3.4) 0.122 (3.1) Dia.
0.602 (15.3) 0.579 (14.7) 0.157 (4.0) 0.057(1.45) 0.041(1.05) 0.709 (18.0) 0.669 (17.0)
+
0.059 (1.50)
0.382 (9.7) 0.366 (9.3)
Z
Mechanical Data
0.146 (3.7) 0.130 (3.3) 0.709 (18.0) 0.669 (17.0) 0.078 (1.98) 0.062 (1.58) 0.042 (1.07) 0.038 (0.96) Dia. 0.012 (0.30) 0.189 (4.8) 0.173 (4.4)
0.303 (7.7) (3x) 0.287 (7.3)
0.126 (3.2) 0.110 (2.8)
Dimensions in inches and (millimeters) Use suffix "N" for no stand-off
Case: Molded plastic body over passivated junctions Terminals: Plated leads solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 260C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3kg) tension Mounting Position: Any (3) Mounting Torque: 5 in-lbs max. Weight: 0.15 oz., 4.0 g
Maximum Ratings & Thermal Characteristics
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current at TC = 100C TA = 25C Symbol VRRM VRMS VDC IF(AV) IFSM I2t RJA RJC TJ, TSTG
Ratings at 25C ambient temperature unless otherwise specified.
GSIB420 GSIB440 GSIB460 GSIB480 200 140 200 400 280 400 4.0 2.3 (2) 130 60 26 (2) 5 (1) -55 to +150
(1)
Unit V V V A A A2sec C/W C
600 420 600
800 560 800
Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Rating for fusing (t<8.3ms) Maximum thermal resistance per leg Operating junction and storage temperature range
Electrical Characteristics
Parameter
Ratings at 25C ambient temperature unless otherwise specified.
Symbol VF IR
GSIB420 GSIB440 GSIB460 GSIB480 0.95 10 250
Unit V A
Maximum instantaneous forward voltage drop per leg at 2.0A Maximum DC reverse current at rated DC blocking voltage per leg TA = 25C TA = 125C
Notes: (1) Unit case mounted on Al plate heatsink. (2) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12mm) copper pads and 0.375" (9.5mm) lead length (3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
Document Number 88647 26-Nov-03
www.vishay.com 1
GSIB420 thru GSIB480
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
4 150 Heatsink Mounting, TC
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current Per Leg
Peak Forward Surge Current (A)
125 100
Average Forward Output Current (A)
3
2 P.C.B. Mounting, TA
75 50 25 1.0 Cycle 0
1
0 0 25 50 75 100 125 150
1
10
100
Case T emperature (C)
Number of Cycles at 60 HZ
Fig. 3 - Typical Instantaneous Forward Characteristics Per Leg
100 1000.0
Fig. 4 - Typical Reverse Characteristics Per Leg
Instantaneous Reverse Current (A)
Tj = 150C TJ = 125C 100.0 Tj = 125C 10.0
Instantaneous Forward Current (A)
Tj = 150C 10
Tj = 25C 1
1.0
0.1
Tj = 125C
0.1
Tj = 25C
0.01 0.3
0.0 0.5 0.7 0.9 1.1 1.3 0 20 40 60 80 100
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 5 - Typical Junction Capacitance Per Leg
1000 100
Fig. 6 - Typical Transient Thermal Impedance Per Leg
Transient Thermal Impedance (C/W)
Junction Capacitance (pF)
100
10
1
10
1 0.1
1
10
100
0.1 0.01
0.1
1
10
100
Reverse Voltage (V) www.vishay.com 2
t - Heating Time (sec.) Document Number 88647 26-Nov-03


▲Up To Search▲   

 
Price & Availability of GSIB440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X