Part Number Hot Search : 
ACM2004C 00EL1 CJ100A FX407A BC557 TA1327A YF333 1004P
Product Description
Full Text Search
 

To Download GS3019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GS3019 Hybrid with LS509 Amplifier
GS3019 - HYB DATA SHEET
FEATURES * Gennum's LS509 3 stage amplifier * independent preamp can be used as telecoil preamplifier * four "must use" capacitors mounted on hybrid * choice of 5 settings for optimal transducer current * easy assembly and high reliability STANDARD PACKAGING * Hybrid Typical Dimensions 0.276 in x 0.101 in x 0.094 in (7.01 mm x 2.57 mm x 2.39 mm) DESCRIPTION The hybrid consists of Gennum's LS509 class A amplifier, four capacitors, and two selectable bias resistors. This hybrid is very similar to Gennum's 3010 with the exception that capacitors C2 and C3 on the GS3019 have been increased in value to extend the frequency response of the system.
VB 8 VCC 8
VMIC 15 GS3019
This hybrid is very similar to Gennum's 3010 with the exception that capacitors C2 and C3 on the GS3019 have been increased in value to extend the frequency response of the system. C2 and the output impedance of the microphone form a high pass filter with a corner frequency of approximately 180 Hz. The hybrid allows for easy adjustment of this corner frequency via the addition of components to its many additional solder pads. Likewise, R3 and C3 form a high pass filter with a corner frequency of 130 Hz. Altering this frequency is easily accomplished by adding additional capacitance between pads 12 and 2 on the hybrid. Stage C of the LS509 is a class A current drive output. There is a fixed reference voltage of typically 29 mV at pin 2 of the chip (pad 5 of the hybrid). The current that flows in the receiver is the ratio of this 29 mV reference voltage to the resistance seen from pin 2 to ground. R1 and R2 have been included on the GS3019 to allow for easy adjustment of the current for the most commonly used receivers. The system also has the capability of MPO (Maximum Power Output) control. This is provided by the Schottky diodes on the LS509 die. To make use of the diodes in the system, a potentiometer must be added from pads 7 to 9 on the hybrid.
4k C1 47 7 9 C4 01 7 MPO
21k C2
IN 16
220n
6
-A
-B
-C
10 2
9 OUT
125 LS509 - DIE
RE
5
4
3
1 R1 58 R2 98
MGND 1 R3 5k6 14
A IN
C3 220n 2 13
B IN
3
12
4
B OUT
6
GND
17
GND1
11
18
10
5
R3
A OUT A OUTR B INC
R1 GND2 R2
All resistors in ohms, all capacitors in farads unless otherwise stated.
FUNCTIONAL BLOCK DIAGRAM
Revision Date: May 1998 Document No. 521 - 04 - 02
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996 Web Site: www.gennum.com E-mail: hipinfo@gennum.com
ABSOLUTE MAXIMUM RATINGS
PARAMETER Supply Voltage Power Dissipation Operating Temperature Range Storage Temperature Range VALUE/UNITS 3 V DC 25 mW -10C to +40C -20C to +70C
VMIC 15 MGND 1 16 14 AIN
PAD CONNECTION
BINC AOUT BOUT 4 R3 GND 6 18 10 R2 GND1 GND2 7 MPO
2
3
5 17
IN
8
VB OUT
13 BIN
12 AOUTR
11 R1
9
CAUTION CLASS 1 ESD SENSITIVITY
ELECTRICAL CHARACTERISTICS
PARAMETER Amplifier Current Transducer Current Transducer Current Transducer Current Bias Voltage (Pad 15) Bias Voltage (Pad 5) System Voltage Gain Maximum Power Output
Conditions: Frequency = 3 kHz, Temperature = 25C, Supply Voltage V B = 1.3 V
SYMBOL I AMP I TRANS 1 I TRANS 2 I TRANS 3 VP15 V P5 Gain MPO
CONDITIONS
MIN 75 175
TYP 160 225 520 725 1.3 28.5 64.5 -12
MAX 245 290 600 820 35.5 67.5 -9
UNITS A A A A V mV dB dBV
S1 = Closed, S3 = Closed S1 = Closed, S2 = Closed
450 650 1.27 21.5
VIN = -90 dBV VIN = -60 dBV
61.5 -17
All conditions and parameters remain as shown in the Test Circuit unless otherwise specified in CONDITIONS Column. V PX - Actual voltage measured on the pin at given condition (X is pin number). Notes: 1. All capacitors on Hybrid 20%, all screened on resistors 5%.
1.3V
8 VCC 4k 15 C1 47 7 9 8 C4 01 2k7 21k RS 3k9 C2 16 220n 6 S1
GS3019
7
-A
-B
-C
10 2
9
VOUT
VIN
LS509 - DIE
125
RE
5
4
3
1 R1 58 R2 98
1 R3 5k6 14 RGT 47k5
All resistors in ohms, all capacitors in farads unless otherwise stated.
C3 220n 2 13 RVC S2 47k5 S3 4 6 17 11 18 10 5
3
12
Fig. 1 Production Test Circuit
521 - 04 - 02
2
VB 8 VCC 8 15 C1 47 7 9 4k C4 01 RMPO 21k EK3033 16 C2 220n 6 7 50k
GS3019
ED1915
-A
-B
-C
10 2
9
125 LS509 - DIE
RE
5
4
3
1 R1 58 R2 98
1 R3 5k6 14 50k RGT
All resistors in ohms, all capacitors in farads unless otherwise stated.
C3 220n 2 13 50k RVC 4 6 17 11 18 10 5
3
12
Fig. 2 Typical Hearing Instrument Application
VOLUME CONTROL
+
-
BATTERY 1 16 2 3 4 5 17 14 13 12 11 6 18 10 7
MIC
8
+
15 9
+
REC
GAIN TRIMMER MPO TRIMMER
Fig. 3 Typical Assembly Diagram
3
521 - 04 - 02
1.3V 8 VCC 8 15 C1 47 7 9 4k C4 01 RMPO 50k 9 10 OUT 7 6k8
GS3019
2.6V
21k 3k9 16 C2 220n 6
-A
-B
-C
10 2
VIN
LS509 - DIE
125
RE
100k
5
4
3
1 R1 58 R2 98
1 R3 5k6 14 47k5 RGT
All resistors in ohms, all capacitors in farads unless otherwise stated.
C3 220n 2 13 47k5 CLC RVC 4 6 17 11 18 10 5
3
12
Fig. 4 Characterization Circuit (used to generate typical curves)
0
CLC=0 OUTPUT LEVEL (dBV) CLC=01 CLC=47nF
-20
0
RVC=100k OUTPUT LEVEL (dBV)
-10 -20 -30 -40 -50 -60
-10
RVC=47k RVC=22k RVC=10k RVC=3k9
CLC=22nF CLC=10nF
-30
-40 20
100
1k
10k
20k
-70 -130
-120
-110
-100
-90
-80
-70
-60
-50
-40
FREQUENCY (Hz)
INPUT LEVEL (dBV)
Fig. 5
Frequency Response for Different CLC Capacitors
Fig. 6
I/O Curves at Various R VC Settings
521 - 04 - 02
4
0.276 (7.01)
0.101 (2.57)
GS3019
XXXXXX
0.104 MAX (2.64)
1
2
3
4
5
17
6
18
7
16 14 15 13 12
8
11
10 9
Dimensions are in inches. Dimensions in parenthesis are in millimetres, converted from inches and include minor round off errors. 1.0000 inches = 25.400 mm. Dimensions 0.005 ( 0.13) unless otherwise stated. Pad numbers for illustration purposes only. Smallest pad 0.023 x 0.013 (0.58 x 0.33). Largest pad 0.036 x 0.027 (0.92 x 0.69). XXXXXX - work order number. This hybrid is designed for point to point manual soldering.
Fig. 7 Hybrid Layout & Dimensions
DOCUMENT IDENTIFICATION: DATA SHEET The product is in production. Gennum reserves the right to make changes at any time to improve reliability, function or design, in order to provide the best product possible.
REVISION NOTES:
Updated to Data sheet
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement. (c) Copyright March 1994 Gennum Corporation. All rights reserved.
Printed in Canada.
5
521 - 04 - 02


▲Up To Search▲   

 
Price & Availability of GS3019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X