Part Number Hot Search : 
H8S2630 41000 MJD45H11 2SK1958 336X0 09104 EMD29 100ML
Product Description
Full Text Search
 

To Download FM3100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FM320 THRU FM3100
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes
FEATURES
* * * * * Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.24 gram
DO-214AB
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
0.125 (3.17) 0.115 (2.92) 0.280 (7.11) 0.260 (6.60) 0.245 (6.22) 0.220 (5.59)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
0.103 (2.62) 0.079 (2.06) 0.060 (1.52) 0.030 (0.76) 0.320 (8.13) 0.305 (7.75)
0.012 (0.305) 0.006 (0.152)
0.008 (0.203) 0.004 (0.102)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Derating Lead Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJA CJ TJ TSTG -55 to + 125 -55 to + 150 FM320 20 14 20 FM330 30 21 30 FM340 40 28 40 FM350 50 35 50 3.0 80 25 200 -55 to + 150 FM360 60 42 60 FM380 FM3100 UNITS 80 56 80 100 70 100 Volts Volts Volts Amps Amps
0
C/ W pF
0 0
C C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @TA = 25 o C @TA = 100 o C SYMBOL VF IR FM320 FM330 FM340 .55 2.0 20 FM350 FM360 FM380 FM3100 UNITS .85 Volts mAmps mAmps 2001-5
.75
NOTES : 1. Thermal Resistance (Junction to Ambient). 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. P.C.B Monuted with 0.4X0.4" (10.0X10.0mm 2) copper pad area.
RATING AND CHARACTERISTIC CURVES ( FM320 THRU FM3100 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
2.5
INSTANTANEOUS REVERSE CURRENT, (mA)
3.0
10
AVERAGE FORWARD CURRENT, (A)
TJ = 125
1.0
2.0
FM 50~ FM3
FM 320
TJ = 75
1.5
Single Phase Half Wave 60Hz Resistive of Inductive Load
~FM 340
.1
0 310
1.0
TJ = 25
.01
FM320~FM340 FM350~FM360 FM380~FM3100
.5
P.C.B Mounted on 0.4X0.4"(10X10mm) copper pad areas
0 0
INSTANTANEOUS FORWARD CURRENT, (A)
.001 25 50 75 100 125 LEAD TEMPERATURE, ( ) 150
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL JUNCTION CAPACITANCE 500
20 10
JUNCTION CAPACITANCE, (pF)
TJ = 25 Pulse Width = 300uS 1% Duty Cycle
TJ = 25
200 100 50 20 10 5
1.0
FM320 FM330 FM340 FM350 FM360 FM380 FM3100
.1 .2 .3 .4 .5 .6 .7 .8 .9 INSTANTANEOUS FORWARD VOLTAGE, (V)
.1
.2
.5 1 2 5 10 20 REVERSE VOLTAGE, (V)
40
PEAK FORWARD SURGE CURRENT, (A)
80 70 60 50 40 30 20 10
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
At rated TL 8.3ms Single Half Sine-Wave (JEDEC Method)
1
2
5 10 20 50 NUMBER OF CYCLE AT 60Hz
100


▲Up To Search▲   

 
Price & Availability of FM3100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X