|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Formosa MS FM320-ALN THRU FM3100-ALN Chip Schottky Barrier Diodes Silicon epitaxial planer type Features Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current. 0.040(1.0) Typ. SMA-LN 0.205(5.2) 0.189(4.8) 0.012(0.3) Typ. 0.110(2.8) 0.094(2.4) 0.181(4.6) 0.165(4.2) 0.075(1.9) 0.067(1.7) 0.040 (1.0) Typ. 0.067(1.7) 0.053(1.3) Mechanical data Dimensions in inches and (millimeters) Case : Molded plastic, JEDEC DO-214AC Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.0015 ounce, 0.05 gram MAXIMUM RATINGS PARAMETER Forward rectified current Forward surge current (AT TA=25oC unless otherwise noted) CONDITIONS See Fig.1 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C Symbol IO IFSM MIN. TYP. MAX. 3.0 80 0.5 20 Rq JA CJ TSTG -55 80 250 +150 o UNIT A A mA mA C/w pF o Reverse current Thermal resistance Diode junction capacitance Storage temperature VR = VRRM TA = 125o C Junction to ambient f=1MHz and applied 4vDC reverse voltage IR C SYMBOLS MARKING CODE SS32 SS33 SS34 SS35 SS36 SS38 S310 V RRM *1 V RMS *2 VR *3 VF *4 Operating temperature (o C) (V) FM320-ALN FM330-ALN FM340-ALN FM350-ALN FM360-ALN FM380-ALN FM3100-ALN 20 30 40 50 60 80 100 (V) 14 21 28 35 42 56 70 (V) 20 30 40 50 60 80 100 (V) 0.50 -55 to +125 *1 Repetitive peak reverse voltage *2 RMS voltage 0.75 -55 to +150 0.85 *3 Continuous reverse voltage *4 Maximum forward voltage RATING AND CHARACTERISTIC CURVES (FM320-ALN THRU FM3100-ALN) FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,(A) FIG.2-TYPICAL FORWARD CHARACTERISTICS 3.0 2.5 35 FM 50 INSTANTANEOUS FORWARD CURRENT,(A) FM FM 35 32 00AL FM AL N~ 38 N FM 0~F AL 36 M N~ 034 AL FM 0N AL 31 N 00 -A LN 2.0 1.5 1.0 0.5 0 0 20 40 60 LN 0-A 80 AMBIENT TEMPERATURE,( C) FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWAARD SURGE CURRENT,(A) 100 32 FM LN 0-A 4 M3 ~F 10 3.0 1.0 1 M3 ~F 00 N -AL 100 LN 0-A 120 140 160 180 200 Tj=25 C Pulse Width 300us 1% Duty Cycle 0.1 80 .01 .1 .3 .5 .7 .9 1.1 1.3 1.5 FORWARD VOLT AGE,(V) 60 Tj=25 C 8.3ms Single Half Sine Wave JEDEC method 40 20 FIG.5 - TYPICAL REVERSE CHARACTERISTICS 1 5 10 50 100 0 100 NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL JUNCTION CAPACITANCE 700 600 500 400 300 200 100 0 JUNCTION CAPACITANCE,(pF) REVERSE LEAKAGE CURRENT, (mA) 10 1.0 Tj=75 C .1 Tj=25 C .01 .05 .1 .5 1 5 10 50 100 .01 0 20 40 60 80 100 120 140 REVERSE VOLTAGE,(V) PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) |
Price & Availability of FM3100-ALN |