Part Number Hot Search : 
HMU1362M KBU601G 74HC181U 4HC595 PTPA0110 SG6100 PM200 SB251
Product Description
Full Text Search
 

To Download FM3100-AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip Schottky Barrier Diodes
FM320-AL THRU FM3100-AL
Silicon epitaxial planer type
Formosa MS
SMA-L
0.205(5.2) 0.189(4.8) 0.012(0.3) Typ.
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current.
0.110(2.8) 0.094(2.4)
0.181(4.6) 0.165(4.2)
0.075(1.9) 0.067(1.7)
0.040(1.0) Typ.
0.040 (1.0) Typ.
Mechanical data
Case : Molded plastic, JEDEC DO-214AC Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.0015 ounce, 0.05 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current See Fig.1 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C CONDITIONS Symbol IO IFSM MIN. TYP. MAX. 3.0 80 0.5 20 Rq JA CJ TSTG -55 80 250 +150
o
UNIT A A mA mA C/w pF
o
Reverse current Thermal resistance Diode junction capacitance Storage temperature
VR = VRRM TA = 125o C Junction to ambient f=1MHz and applied 4vDC reverse voltage
IR
C
SYMBOLS
MARKING CODE SS32 SS33 SS34 SS35 SS36 SS38 S310
V RRM
*1
V RMS
*2
VR
*3
VF
*4
Operating temperature (o C)
(V) FM320-AL FM330-AL FM340-AL FM350-AL FM360-AL FM380-AL FM3100-AL 20 30 40 50 60 80 100
(V) 14 21 28 35 42 56 70
(V) 20 30 40 50 60 80 100
(V)
0.50
-55 to +125
*1 Repetitive peak reverse voltage *2 RMS voltage
0.75 -55 to +150 0.85
*3 Continuous reverse voltage *4 Maximum forward voltage
RATING AND CHARACTERISTIC CURVES (FM320-AL THRU FM3100-AL)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
3.0 2.5
35 FM
50
INSTANTANEOUS FORWARD CURRENT,(A)
31 FM L~ 0-A
FM FM 35 32 00AL FM AL ~F 38 ~F M 036 M AL 034 ~F AL 0M AL 31 00 -A L
2.0 1.5 1.0 0.5 0 0 20 40 60
80
AMBIENT TEMPERATURE,( C)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
100
32 FM 34 FM L~ 0-A
10 3.0 1.0
00 -AL
100
L 0-A
120
140
160
180
200
Tj=25 C Pulse Width 300us 1% Duty Cycle
0.1
80
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
FORWARD VOLT AGE,(V)
60
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
40
20
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
1 5 10 50 100
0
100
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
700 600 500 400 300 200 100 0
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
.1
Tj=25 C
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)


▲Up To Search▲   

 
Price & Availability of FM3100-AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X