Part Number Hot Search : 
MOC21 7S11BMT 2SD188 HD74LV08 F1A1G 2SK24607 AUY14A2 NCE0157D
Product Description
Full Text Search
 

To Download CXA3562AR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXA3562AR
LCD Driver
Description The CXA3562AR is a driver IC developed for use with Sony polycrystalline silicon TFT LCD panels. It supports digital 2-parallel and single input, and the input data is analog demultiplexed into 12 phases and output. The CXA3562AR can directly drive an LCD panel, and the VCOM setting circuit and precharge pulse waveform generator are also on-chip. Features * Supports 10-bit 2-parallel and single input * Supports signals up to UXGA (1/2 clock when using UXGA signals) * Low output deviation by on-chip output offset cancel circuit * Supports both line inversion and dot and line inversion * On-chip timing generator with ECL * VCOM voltage generation circuit * Precharge pulse waveform generation circuit Applications LCD projectors and other video equipment Absolute Maximum Ratings (VSS = 0V) * Supply voltage VCC 16 V VDD 5.5 V * Operating temperature Topr -20 to +70 C * Storage temperature Tstg -65 to +150 C * Allowable power dissipation PD 2000 mW Recommended Operating Conditions * Supply voltage VCC 15.0 to 15.5 VDD 4.75 to 5.25 * Operating temperature Topr -20 to +70 100 pin LQFP (Plastic)
V V C
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E01820A22
CXA3562AR
Block Diagram and Pin Configuration
VCOM_OFST
VCOM_OUT
SID_OUTX
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
D_A9 76 D_A8 77 D_A7 78 D_A6 79 D_A5 80 D_A4 81 D_A3 82 D_A2 83 D_A1 84 D_A0 85 GND 86 GND 87 GND 88 GND 89 GND 90 D_B9 91 D_B8 92 D_B7 93 D_B6 94 D_B5 95 D_B4 96 D_B3 97 D_B2 98 D_B1 99 D_B0 100 CAL_PLS Offset Cancel Level Gen. TG FRP_OD FRP_EV D/A S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H D/A S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H S/H SID Gen. Vref Gen. Line Inv. Offset Cancel Line Inv. Offset Cancel Line Inv. Offset Cancel Line Inv. Offset Cancel Line Inv. Offset Cancel Line Inv. Offset Cancel Line Inv. Offset Cancel Line Inv. Offset Cancel Line Inv. Offset Cancel Line Inv. Offset Cancel Line Inv. Offset Cancel Line Inv. Offset Cancel VCOM Gen.
SH_OUT1
SID_OUT
F/H_CNT
VREF_O
SL_SCN
PRG_LV
SL_DAT
VREF_I
SL_INV
SID_LV
TEST
DIRC
GND
GND
GND
GND
GND
PRG
VDD
VCC
NC
PS
50 PVCC 49 SH_OUT2 48 NC 47 SH_OUT3 46 NC 45 SH_OUT4 44 NC 43 SH_OUT5 42 NC 41 SH_OUT6 40 GND 39 GND 38 PGND 37 GND 36 GND 35 SH_OUT7 34 NC 33 SH_OUT8 32 NC 31 SH_OUT9 30 NC 29 SH_OUT10 28 NC 27 SH_OUT11 26 PVCC
1
TEST
2
MCLK
3
MCLKX
4
FRP
5
SHST
6
POSCTR0
7
POSCTR1
8
POSCTR2
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
CAL_IH CAL_IL GND GND GND GND GND SHTEST SIG.C CAL_OL POSCTR3 CAL_OH GND NC SIG_OFST DCFBOFF SH_OUT12
-2-
CXA3562AR
Pin Description Pin No. Symbol I/O Standard voltage level
VDD
Equivalent circuit
Description
2 3
MCLK MCLKX
I
PECL differential (amplitude 0.4V or more between VDD to 2V) or TTL input
140k 1k 2 1k 3 60k GND
8k
140k
100
60k
Dot clock input. PECL differential input or TTL input. For TTL input, input to MCLK and connect MCLKX to GND through a capacitor.
VDD 50k
4
FRP
I
High: 2.0V Low: 0.8V
192 4
LCD panel AC drive inversion timing input. High: inverted Low: non-inverted See the Timing Chart.
GND VDD 50k 192 5
5
SHST
I
High: 2.0V Low: 0.8V
GND
Internal sample-and-hold timing circuit reset pulse input. This pin is also used as the offset cancel level insertion timing input. A reset is applied to the internal timing generator at the falling edge. Output phase adjustment. The output phase is adjusted in MCLK period units when SL_DAT (Pin 72) is high, and in 1/2 MCLK period units when SL_DAT is low.
VDD
6 7 8 9
POSCTR0 POSCTR1 POSCTR2 POSCTR3
50k
I
High: 2.0V Low: 0.8V
192 6 7 8 9
GND
VDD 30k
VCC 20
16
SIG.C
I
1 to 5.0V
16
Signal center voltage (inversion folded voltage) adjustment input. The SH_OUT output center voltage can be adjusted in the range from 7.0 to 8.0V.
GND
VDD 30k
VCC 10
17
SIG_OFST
I
0 to 5.0V
17
GND
Output signal offset adjustment from signal center voltage. The SH_OUT output 100% white level (at 3FF input) voltage can be adjusted in the range from 0 to 1V from the center voltage.
-3-
CXA3562AR
Pin No.
Symbol
I/O
Standard voltage level
Equivalent circuit
VCC 40 1k 145 18 19 GND
Description
18 19
CAL_OL CAL_OH
O
3.0 to 6.0V 9.0 to 12.0V
Level output for canceling the offset between channels. Connect directly to CAL_IL and CAL_IH, respectively.
VCC 20k
21 22
CAL_IH CAL_IL
O
9.0 to 12.0V 3.0 to 6.0V
30k 21 22 GND
VDD 24k 24k 145 24
20
Level input for canceling the offset between channels. Connect directly to CAL_OL and CAL_OH, respectively. When using two CXA3562R, connect the CAL_IL and CAL_IH of both chips to the CAL_OL and CAL_OH of only one CXA3562R. Offset cancel function off. Normally connect to GND to use with the offset cancel function on. High (offset cancel function off) when open.
24
DCFBOFF
I
GND
GND
PVCC 25 27
25, 29, 33, 41, 45, 49,
27, 31, SH_OUT12 35, to 43, SH_OUT1 47, 51
300
29 31 33 35 41 43 45 47 49 51
O
1.5 to 13.5V
300
Demultiplexed output of AC inverse driven video signals. Can be connected directly to the LCD panel.
GND VCC 80
100k
500 145 53 500
53
VCOM_OUT
O
5.0 to 8.0V
LCD panel common voltage output. Can be set in the range from the SH_OUT center potential Vsig.c to Vsig.c - 2V by VCOM_OFST.
GND
VDD 2k VCC 80
54
VCOM_OFST
I
0 to 5.0V
54 100 GND
LCD panel common voltage adjustment. VCOM_OUT can be set in the range from the SH_OUT center potential Vsig.c to Vsig.c - 2V by inputting 0 to 5V.
-4-
CXA3562AR
Pin No.
Symbol
I/O
Standard voltage level
VCC
Equivalent circuit
Description Precharge waveform output. SID_OUTX outputs the inverse of SID_OUT based on the output center voltage. These pins cannot directly drive the LCD panel, so input to the LCD panel with an external a buffer.
VCC
100k 0.2p 145 56 100k 0.2p GND 57
56 57
SID_OUTX SID_OUT
O
1.5 to 13.5V
VDD 29
58 59
PRG_LV SID_LV
I
1.0 to 5.0V
50k 58 50k 59 GND
Precharge level setting. Adjusts the SID_OUT and SID_OUTX output potential. PRG_LV is reflected when the PRG input pin (Pin 60) is high, and SID_LV is reflected when PRG is low.
VDD 100k
VCC 10k
60
PRG
I
High: 2.0V Low: 0.8V
60 50 GND
Timing pulse input for switching the Pins 56 and 57 output levels. (See PRG_LV (Pin 58) and SID_LV (Pin 59).)
VDD 70 10
68
VREF_I
I
3.2V
68 1k 280 GND 33.3k
Internal D/A converter reference voltage input. Normally connect directly to VREF_O.
VDD 2k
69
VREF_O
O
3.2V
20 20k 12.4k GND
69
Reference voltage output. Normally connect directly to VREF_I, and connect to GND through a 0.5 to 1.0F capacitor.
VDD 50k
70
F/H_CNT
I
High: 2.0V Low: 0.8V Open: Low
192 70 200k GND
SH_OUT output timing selection. High: SH_OUT1 to SH_OUT6 and SH_OUT7 to SH_OUT12 are output at different timing. Low: SH_OUT1 to SH_OUT12 are output at the same timing.
-5-
CXA3562AR
Pin No.
Symbol
I/O
Standard voltage level
VDD
Equivalent circuit
Description
70k
66
PS
I
5V
66 180k GND 30
Test. Normally connect to VDD.
38 55 67
PGND VCC VDD
GND 15.5V 15.5V 5V
Power GND. Power VCC. 15V power supply. 5V power supply.
26, 50 PVCC
11 to 15, 20, 36, 37, 39, GND 40, 61 to 65, 86 to 90 23, 30, 34, 44, 48, 28, 32, 42, NC 46, 52
GND
GND.
VDD 1 2k 192 1 75 20 GND
1, 75
TEST
O
1.7 to 3.2V
DAC output monitor test. Normally connect to VDD.
VDD 20k 250k 20k 20k
20k
10
SHTEST
I
2.5V
192 10 250k GND 10 10
Test. Leave open.
VDD 50k
71
DIRC
I
High: 2.0V Low: 0.8V
192 71
Scan direction setting. High: output as a time series in ascending order of output pin symbol (in order from SH_OUT1 to SH_OUT12) Low: output in descending order
GND
-6-
CXA3562AR
Pin No.
Symbol
I/O
Standard voltage level
Equivalent circuit
Description
VDD 50k
72
SL_DAT
I
High: 2.0V Low: 0.8V Open: Low
192 72 200k GND
Digital input mode switch setting. High: single input from the A port Low: parallel input from both the A and B ports
VDD
73
SL_SCN
I
High: 2.0V Low: 0.8V Open: High
200k 192 73
50k
GND
A and B port input switching interlocked/non-interlocked setting relative to scan direction setting during parallel input. High: A and B port switching interlocked to DIRC Low: fixed regardless of DIRC
VDD 50k
74
SL_INV
I
High: 2.0V Low: 0.8V Open: Low
192 74 200k GND
SH_OUT odd-numbered and even-numbered output polarity inverted/non-inverted setting. High: odd-numbered and evennumbered outputs inverted Low: non-inverted
VDD 50k
76 to 85
D_A9 to D_A0
I
High: 2.0V Low: 0.8V
192 76 to 85
A port digital data input.
GND
VDD 50k
91 to 100
D_B9 to D_B0
I
High: 2.0V Low: 0.8V
192 91 to 100
B port digital data input.
GND
-7-
CXA3562AR
Electrical Characteristics Measurement Circuit
VDD
1
47p
47p VCC
A
VDD VCOM_OFST SID_OUTX SH_OUT1 SID_OUT
360p
VCOM_OUT
A
VCC
F/H_CNT
VREF_O
SL_SCN
PRG_LV
SL_DAT
VREF_I
SL_INV
SID_LV
TEST
DIRC
GND
GND
GND
GND
GND
PRG
VDD
75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 1
TEST
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
NC
PS
56
55
54
53
52
51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26
D_A9 D_A8 D_A7 D_A6 D_A5 D_A4 D_A3 D_A2 D_A1 D_A0 GND GND GND GND GND D_B9 D_B8 D_B7 D_B6 D_B5 D_B4 D_B3 D_B2 D_B1 D_B0
PVCC SH_OUT2 NC SH_OUT3 NC SH_OUT4 NC SH_OUT5 NC SH_OUT6 GND GND PGND GND GND SH_OUT7 NC SH_OUT8 NC SH_OUT9 NC SH_OUT10 NC SH_OUT11 PVCC 360p 360p 360p 360p 360p 360p 360p 360p 360p 360p
2
MCLK
3
MCLKX
4
FRP
5
SHST
6
POSCTR0
7
POSCTR1
8
POSCTR2
9
POSCTR3
10
SHTEST
11
GND
12
GND
13
GND
14
GND
15
GND
16
SIG.C
17
SIG_OFST
18
CAL_OL
19
CAL_OH
20
GND
21
CAL_IH
22
CAL_IL
23
NC
24
DCFBOFF
25
SH_OUT12
A
VCC
VDD
360p
VCC 15.5V
VDD 5V
-8-
CXA3562AR
Electrical Characteristics No. 1 2 3 4 Item Digital input resolution Digital input setup time Digital input hold time MCLK input frequency range 1 MCLK input frequency range 2 Symbol n TS TH fMCLK1 SHST, D_A[9:0] and D_B[9:0] minimum setup time relative to MCLK input. (PELL) SHST, D_A[9:0] and D_B[9:0] minimum hold time relative to MCLK input. (PECL) SL_DAT: 5V; maximum frequency at which the internal timing generator and D/A converter operate normally. SL_DAT: 0V; maximum frequency at which the internal timing generator and D/A converter operate normally. Measure the VREF_O (Pin 69) voltage. Measure the SH_OUT1 voltage difference at D_A[9:0]: 000h and 3FFh. Measure the SH_OUT2 voltage difference at D_B[9:0]: 000h and 3FFh. Lower the VREF_I voltage and adjust the amplitude; minimum amplitude at which SH_OUT1 can be output at D_B[9:0]: 000h and 3FFh. Load capacitance = 360pF; measure slew rate at 10 to 90% of output waveform rise and fall when D_A[9:0] is varied from 000h to 3FFh and from 3FFh to 000h. Minimum voltage at which sampleand-hold outputs VOUT1 to VOUT12 can be output. Maximum voltage at which sampleand-hold outputs VOUT1 to VOUT12 can be output. Value obtained by subtracting minimum VOUT1 to VOUT12 value from maximum VOUT1 to VOUT12 value at D_A[9:0]: 200h and D_B[9:0]: 200h. Value obtained by subtracting minimum VOUT1 to VOUT12 value from maximum VOUT1 to VOUT12 value at D_A[9:0]: 000h or 3FFh and D_B[9:0]: 000h or 3FFh. Value obtained by subtracting minimum VOUT1 to VOUT12 value from maximum VOUT1 to VOUT12 value at D_A[9:0]: 200h and D_B[9:0]: 200h. (when using two CXA3562R) Measurement points Measurement conditions Min. Typ. Max. Unit -- 2 3 30 10 -- -- -- -- -- -- 80 bit ns ns MHz
5 6 7 8
fMCLK2
60
--
100 MHz 3.32 4.83 4.83 V V V V
VREF_O output VVREF_O voltage range SH_OUT amplitude 1 SH_OUT amplitude 2 SH_OUT minimum amplitude VSHOUT1p-p VOUT1 VSHOUT2p-p VOUT2
3.10 3.20 4.44 4.50 4.44 4.50
9
VOUTMINp-p VOUT1
4
--
--
10
SH_OUT slew rate
SROUT
VOUT1 to VOUT12
160
300
--
V/s
SH_OUT 11 minimum output voltage SH_OUT 12 maximum output voltage
VMIN
VOUT1 to VOUT12 VOUT1 to VOUT12 VOUT1 to VOUT12
1.5
--
--
V
VMAX
--
--
13.6
V
Output deviation 13 between DOUT1 channels 1 Output deviation 14 between DOUT2 channels 2
--
3
10
mVp-p
VOUT1 to VOUT12
--
10
40
mVp-p
15
Output deviation DIC1 between ICs 1
VOUT1 to VOUT12
--
10
--
mVp-p
-9-
CXA3562AR
No.
Item
Measurement Symbol points
Measurement conditions Value obtained by subtracting minimum VOUT1 to VOUT12 value from maximum VOUT1 to VOUT12 value at D_A[9:0]: 000h or 3FFh and D_B[9:0]: 000h or 3FFh. (when using two CXA3562R) PRG: 0V; measure VSID_LV and VSID at FRP: 0V, and VSID_LV and VSIDX at FRP: 5V. Calculate as ASID1 = VSID(X)/VSID_LV. PRG: 5V; measure VPRG_LV and VSID at FRP: 0V, and VPRG_LV and VSIDX at FRP: 5V. Calculate as ASID2 = VSID(X)/VPRG_LV. Load capacitance = 47pF, PRG: 0V; input a repeating high/low pulse to FRP (Pin 4), and apply DC input voltage so that VSID and VSIDX are 2.5V/11.5V. Measure slew rate at 10 to 90% of output waveform rise and fall. VOUT1 center voltage when SIG.C (Pin 16) is varied from 1 to 5V. D_A[9:0]: 3FFh, FRP: 0V, D_B[9:0]: 3FFh; value obtained by subtracting VOUT1 from VOUT1 center voltage when SIG_OFST (Pin 17) is varied from 1 to 5V. VCOM_OUT voltage when VCOM_OFST (Pin 54) is varied from 0 to 5V. IDD = IVDD ICC = IVCC1 + IVCC2 (no digital data input) GND (Pin 66), ICC = IVDD + IVCC1 + IVCC2 VVREF_I = 3.2V VVREF_I = 3.2V
Min.
Typ. Max. Unit
16
Output deviation DIC2 between ICs 2
VOUT1 to VOUT12
--
20
--
mVp-p
SID output 17 gain 1
ASID1
VSID_LV VSID VSIDX VPRG_LV VSID VSIDX
1.9
2.0
2.1 times
SID output 18 gain 2
ASID2
1.9
2.0
2.1 times
19
SID output slew rate
SRSID
VSID VSIDX
15
50
--
V/s
20
Signal center VSIG adjustable range SH_OUT offset VSIGOFST adjustable range VCOM VCOM adjustable range VDD current consumption VCC current consumption IDD ICC
VOUT1
7
--
8
V
21
VOUT1
0
--
1
V
22 23 24
VCOM IVDD IVCC1 IVCC2 IVDD IVCC1 IVCC2 -- --
Vc - 2.5 59 21
-- 85 40
Vc 112 59
V mA mA
Current consumption in 25 IPS power saving mode 26 27 Differential linearity error DLE
31
47
65
mA
-0.7 -1.2
-- --
0.7 1.2
LSB LSB
Integral linearity ILE error
- 10 -
CXA3562AR
Description of Operation The flow of internal operations is described below. The digital signals input to D_A9 to D_A0 and D_B9 to D_B0 are internally D/A converted into approximately 1.5V (at VREF_I: 3.2V) analog signals. After that, the signal that has been demultiplexed into 12 phases is amplified by a factor of three times, inverted at the signal center potential according to FRP and output. , The output level relative to the digital input changes according to the following settings. A: SIG_OFST voltage B: VREF_I voltage VCC C: SIG.C voltage
B
A A 1023 C B 512 0 Digital IN SH_OUT
Signal Center
GND
1. Digital input block The CXA3562AR can be set to single input from only the A port or parallel input from both the A and B ports, and port switching by right/left inversion is also possible in parallel input mode. This makes it possible to support various systems. In single input mode, the signal is internally demultiplexed to 2-parallel format and input to the D/A converter. 2. D/A converter block The internal D/A converter has two systems for odd-numbered and even-numbered outputs. The voltage input from VREF_I becomes the 100% white level potential of the analog converted signal, and this amplitude is a maximum 1.5Vp-p with respect to input data of 000h to 3FFh. 3. Sample-and-hold (S/H) block The odd-numbered and even-numbered D/A converter outputs are input to the odd-numbered and evennumbered sample-and-hold blocks, respectively. The signals are converted from time series signals into 6-phase cyclic parallel signals by the sample-and-hold group which is appropriately controlled by the internal timing generator. For forward scan, the signals are output in the ascending order of SH_OUT1, SH_OUT2, SH_OUT3 ... SH_OUT12. For reverse scan, this order is inverted and the signals are output in descending order. Connect the signals to the LCD panel according to the order used. The timing of each sample-and-hold pulse is shown on the following pages. These pulses are not output and are used only inside the IC. - 11 -
CXA3562AR
Single input mode
DAC 10bit D_A[9:0] D D D_A1 D D D_A2 DAC_O S/H
DAC D_B2 D MCLK MCLK/2 S/H
D_A[9:0] MCLK D_A1 D_A2 D_B2
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
0
1
2
3 1
4
5 3 4
6
7 5 6
8
9 7 8
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
0
2
DAC_O DIRC: H SH1_1_2 SH1_3_4 SH1_5_6 SH1_7_8 SH1_9_10 SH1_11_12 SH2_1_6 SH2_7_12 F/H_CNT: L SH3A_1_12 F/H_CNT: H SH3B_1_6 SH3B_7_12 DIRC: L SH1_1_2 SH1_3_4 SH1_5_6 SH1_7_8 SH1_9_10 SH1_11_12 SH2_1_6 SH2_7_12 F/H_CNT: L SH3A_1_12 F/H_CNT: H SH3B_1_6 SH3B_7_12
1
3
CH1 to CH12 simultaneous output timing CH1 to CH6 simultaneous output timing CH7 to CH12 simultaneous output timing
CH1 to CH12 simultaneous output timing CH1 to CH6 simultaneous output timing CH7 to CH12 simultaneous output timing
- 12 -
CXA3562AR
2-parallel input mode
DAC 10bit D_A[9:0] D D D D_A2 DAC_O S/H
DAC 10bit D_B[9:0] MCLK D D D_B2 S/H
D_A[9:0] D_B[9:0] MCLK D_A2 D_B2
-3 -2
-1 0
1 2
3 4
5 6
7 8
9 10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
27 28
-5 -4
-3 -2
-1 0
1 2
3 4
5 6
7 8
9 10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
DAC_O DIRC: H SH1_1_2 SH1_3_4 SH1_5_6 SH1_7_8 SH1_9_10 SH1_11_12 SH2_1_6 SH2_7_12 F/H_CNT: L SH3A_1_12 F/H_CNT : H SH3B_1_6 SH3B_7_12 DIRC: L SH1_1_2 SH1_3_4 SH1_5_6 SH1_7_8 SH1_9_10 SH1_11_12 SH2_1_6 SH2_7_12 F/H_CNT: L SH3A_1_12 F/H_CNT: H SH3B_1_6 SH3B_7_12
-1
1 3
CH1 to CH12 simultaneous output timing CH1 to CH6 simultaneous output timing CH7 to CH12 simultaneous output timing
CH1 to CH12 simultaneous output timing CH1 to CH6 simultaneous output timing CH7 to CH12 simultaneous output timing
- 13 -
CXA3562AR
4. Timing generator (TG) block The internal timing generator operates by one pair of differential clock inputs (MCLK, MCLKX) and a horizontal sync signal input (SHST), and generates the timing pulses needed by the demultiplexer block, dot inversion control pulse and output deviation cancel circuit. The various operating modes can be designated by the pin settings. The SHST and FRP inputs should satisfy the relationship shown in the figure below with the MCLK and MCLKX input period as 1clk.
SHST
FRP
30clk or more
1s or more
The CXA3562AR can select various operating modes according to the timing generator block settings. These settings are described below. * SL_DAT (Pin 72) Digital input selection. Single input from only the A port is selected when set to high level, and parallel input from both the A and B ports is selected when set to low level. When inputting a 2-parallel processed digital video signal in parallel input mode, input the earlier time series data to the A port and the later time series data to the B port. Input a master clock having the same period as the input data rate to MCLK in both modes. This pin is low level (2-parallel input mode) when left open. * DIRC (Pin 71), SL_SCN (Pin 73) Scan direction settings. Output is ascending order when DIRC is set to high level, and inverted to descending order (SH_OUT1 to SH_OUT12) when set to low level. At this time if SL_SCN is set to high, the A and B port data can be switched by switching DIRC between high and low. When SL_SCN is set to low, the A port data is output from the odd-numbered SH_OUT and the B port data is output from the even-numbered SH_OUT regardless of the DIRC setting. Set SL_SCN to high when SL_DAT is high.
D_A[9:0] D_B[9:0]
A1 B1 A2 B2 A3 B3 A4 B4 A5 B5 A6 B6
DIRC: L SH_OUT1: A6, SH_OUT2: B6, SH_OUT3: A5, SH_OUT4: B5, SH_OUT5: A4, SH_OUT6: B4, SH_OUT7: A3, SH_OUT8: B3, SH_OUT9: A2, SH_OUT10: B2, SH_OUT11: A1, SH_OUT12: B1 SH_OUT1: B6, SH_OUT2: A6, SH_OUT3: B5, SH_OUT4: A5, SH_OUT5: B4, SH_OUT6: A4, SH_OUT7: B3, SH_OUT8: A3, SH_OUT9: B2, SH_OUT10: A2, SH_OUT11: B1, SH_OUT12: A1 - 14 -
DIRC: H SH_OUT1: A1, SH_OUT2: B1, SH_OUT3: A2, SH_OUT4: B2, SH_OUT5: A3, SH_OUT6: B3, SH_OUT7: A4, SH_OUT8: B4, SH_OUT9: A5, SH_OUT10: B5, SH_OUT11: A6, SH_OUT12: B6 SH_OUT1: A1, SH_OUT2: B1, SH_OUT3: A2, SH_OUT4: B2, SH_OUT5: A3, SH_OUT6: B3, SH_OUT7: A4, SH_OUT8: B4, SH_OUT9: A5, SH_OUT10: B5, SH_OUT11: A6, SH_OUT12: B6
SL_SCN: L
SL_SCN: H
CXA3562AR
* SL_INV (Pin 74) Dot inversion and line inversion selection. When set to low level, all SH_OUT channels are output at the same polarity as shown by the solid line in the figure below. When set to high level, the odd-numbered and evennumbered SH_OUT outputs are output at inverse polarities. At this time the odd-numbered outputs are inverted when the FRP pulse is high, and non-inverted when the FRP pulse is low. Conversely, the evennumbered outputs are inverted when the FRP pulse is low, and non-inverted when the FRP pulse is high.
SH_OUT
GND
FRP
* F/H_CNT (Pin 70) SH_OUT output timing phase setting. When set to low level, all SH_OUT outputs are output at the same timing. When set to high level, SH_OUT1 to SH_OUT6 and SH_OUT7 to SH_OUT12 are output at phases offset by 1/2 clock period from each other.
SH_OUT7 to 12 SH_OUT7 to 12 SH_OUT1 to 6
SH_OUT1 to 6
GND
GND
F/H_CNT: L
F/H_CNT: H
* Output phase setting The phase of each SH_OUT output can be adjusted in MCLK period units when SL_DAT is high or in 1/2 MCLK period units when SL_DAT is low by POSCTR[3:0] (Pins 6 to 9). The phase can be set in 16 ways by 4-bit digital input. The output phase shifts backward by the above unit each time this setting is increased by one bit.
- 15 -
CXA3562AR
5. Calibration level generator block The CXA3562AR generates the offset cancel circuit reference with a calibration level generator in order to minimize the deviation between channels at the center level. The 200h output level is generated at both the AC output high and low sides, and these levels are DC output from CAL_OH and CAL_OL, respectively. At the same time, 200h data is forcibly inserted into the video signal while the video blanking period SHST pulse is low level, and feedback is applied so that the output levels of all SH_OUT channels conform to CAL_IH and CAL_IL during this period.
SHST
Video signal replacement period
FRP 200ns CAL_PLS (internal pulse) Offset cancel operation 200h SH_OUT Signal center 200h 000h
000h
Delayed by sample-and-hold
6. SID signal generator block This circuit generates the precharge signal waveform used by the LCD panel. The voltage input from PRG_LV (Pin 58) and SID_LV (Pin 59) is switched by the PRG pulse (Pin 60). The PRG_LV voltage is selected when PRG is high, and the SID_LV voltage is selected when PRG is low. This signal is then further amplified by a factor of two times and folded by the FRP pulse. The folded center voltage is the SH_OUT center voltage (voltage set by the SIG.C pin). SID_OUT (Pin 57) is inverted when FRP is high, and non-inverted when FRP is low. Conversely, SID_OUTX (Pin 56) is inverted when FRP is low, and noninverted when FRP is high. SID_OUT and SID_OUTX cannot directly drive the precharge signal input of the LCD panel, so they should be connected via a buffer having sufficient current supply capability. 7. VCOM potential generator block This block sets the DC common potential for the LCD panel. VCOM_OFST (Pin 54) sets the deviation relative to the SH_OUT center potential, which is set by SIG.C.
- 16 -
CXA3562AR
Example of Representative Characteristics (VCC = 15.5V, VDD = 5.0V, Ta = 25C)
VREF_I voltage vs. SH_OUT voltage white-black amplitude
4.8
SH_OUT white-black amplitude voltage [V]
Input data vs. SH_OUT voltage
14
4.7 4.6 4.5 4.4 4.3 4.2 4.1 4.0 3.9 3.8 2.8
SIG.C = 3.75V SIG_OFST = 3.6V
SH_OUT voltage [V]
12 FRP = High 10 8 6 FRP = Low 4 2 0 000h SIG.C = 3.75V SIG_OFST = 3.6V 100h 200h 300h 3FFh
2.9
3.0
3.1
3.2
3.3
VREF_I voltage [V]
Input data (10 bits)
SIG.C voltage vs. SH_OUT center voltage
9.0 8.5
SH_OUT center voltage [V]
SIG_OFST voltage vs. SH_OUT voltage
12 11
8.0 7.5 7.0 6.5 6.0 5.5 5.0 2.5
SIG_OFST = 3.6V
SH_OUT voltage [V]
10 9 8 7 6 5 4 3
FRP = High
SIG.C = 3.75V FRP = Low DATA = 200h
3.0
3.5 SIG.C voltage [V]
4.0
4.5
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 SIG_OFST voltage [V]
VCOM_OFST voltage vs. VCOM_OUT voltage
7.5 SIG.C = 3.75V
7.0
VCOM_OUT voltage [V]
6.5
6.0
5.5
5.0
4.5 0.0 1.0 2.0 3.0 4.0 5.0 VCOM_OFST voltage [V]
- 17 -
CXA3562AR
SID_LV voltage vs. SID_OUT voltage
16 14 12 SIG.C = 3.75V 16 14 12
PRG_LV voltage vs. SID_OUT voltage
SIG.C = 3.75V
SID_OUT voltage [V]
SID_OUT voltage [V]
FRP = High 10 8 6 FRP = Low 4 2 0 0 1 2 SID_LV voltage [V] 3 4
FRP = High 10 8 6 FRP = Low 4 2 0 0 1 2 PRG_LV voltage [V] 3 4
- 18 -
CXA3562AR
Application Circuit 1 (to XGA Panel)
VDD
20k
VDD 0.1F 20k Buffer 1 Psig VDD 10 10 VDD 0.1F VDD VDD 1F 0.1F VDD 10k
SID_OUTX SID_OUT F/H_CNT VREF_O SL_SCN PRG_LV SL_DAT VREF_I SL_INV
DSD CXD3511Q
PRG 161 RGT 136
20k
47F 1 31 COM 1
VCOM_OFST
VDD
VCOM_OUT
3 Vsig1
SH_OUT1
SID_LV
TEST
DIRC
GND
GND
GND
GND
GND
PRG
VDD
VCC
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 R1OUT9 122 R1OUT8 121 R1OUT7 120 R1OUT6 119 R1OUT5 118 R1OUT4 117 R1OUT3 116 R1OUT2 113 R1OUT1 112 R1OUT0 111 10 10 10 10 10 10 10 10 10 10 D_A9 D_A8 D_A7 D_A6 D_A5 D_A4 D_A3 D_A2 D_A1 D_A0 GND GND GND GND GND D_B9 D_B8 D_B7 D_B6 D_B5 D_B4 D_B3 D_B2 D_B1 D_B0 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 1
TEST
NC
PS
50 49 48 47 46 45 44 43 42 41 40 39
PVCC SH_OUT2 NC SH_OUT3 NC SH_OUT4 NC SH_OUT5 NC SH_OUT6 GND GND PGND GND GND SH_OUT7 NC SH_OUT8 NC SH_OUT9 NC SH_OUT10 NC SH_OUT11 PVCC 0.1F VCC 47F 1 13 Vsig11 1 12 Vsig10 1 11 Vsig9 1 10 Vsig8 1 9 Vsig7 1 8 Vsig6 1 7 Vsig5 1 6 Vsig4 1 5 Vsig3 1 4 Vsig2
CXA3562AR
38 37 36 35 34 33 32 31 30 29 28 27 26
LCD Panel LCX023
2
MCLK
3
MCLKX
4
FRP
5
SHST
6
POSCTR0
7
POSCTR1
8
POSCTR2
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
POSCTR3 SIG_OFST SH_OUT12 DCFBOFF CAL_OL CAL_OH CAL_IH SHTEST CAL_IL SIG.C GND GND GND GND GND GND NC
10k
1 14 Vsig12
VDD VDD FRP 157 SHST 159 10 10 VDD VCC VDD OPEN 20k 0.1F 1F 1F
CXA3266Q
82 CLKH 32 CLKL 31 130 130 82
20k 0.1F
15.5V
5V
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
- 19 -
CXA3562AR
Application Circuit 2 (to SXGA Panel)
VDD
20k
VDD 0.1F 20k Buffer 1 Psig VDD 10 10 VDD 0.1F 21 COML VDD VDD 1F 0.1F VDD 1 47F 1 32 COM 2 COMR 20k
DSD CXD3511Q
PRG 161 RGT 136
VCOM_OFST
10k
3 Vsig1
VCOM_OUT
SID_OUTX
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 R1OUT9 122 R1OUT8 121 R1OUT7 120 R1OUT6 119 R1OUT5 118 R1OUT4 117 R1OUT3 116 R1OUT2 113 R1OUT1 112 R1OUT0 111 10 10 10 10 10 10 10 10 10 10 D_A9 D_A8 D_A7 D_A6 D_A5 D_A4 D_A3 D_A2 D_A1 D_A0 GND GND GND GND GND R2OUT9 110 R2OUT8 109 R2OUT7 108 R2OUT6 107 R2OUT5 106 R2OUT4 105 R2OUT3 104 R2OUT2 103 R2OUT1 99 R2OUT0 98 10 10 10 10 10 10 10 10 10 10 D_B9 D_B8 D_B7 D_B6 D_B5 D_B4 D_B3 D_B2 D_B1 D_B0 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 50 49 48 47 46 45 44 43 42 41 40 39 PVCC SH_OUT2 NC SH_OUT3 NC SH_OUT4 NC SH_OUT5 NC SH_OUT6 GND GND PGND GND GND SH_OUT7 NC SH_OUT8 NC SH_OUT9 NC SH_OUT10 NC SH_OUT11 PVCC 0.1F VCC 47F 1 13 Vsig11 1 12 Vsig10 1 11 Vsig9 1 10 Vsig8 1 9 Vsig7 1 8 Vsig6 1 7 Vsig5 1 6 Vsig4 1 5 Vsig3 1 4 Vsig2
SH_OUT1
SID_OUT
F/H_CNT
VREF_O
SL_SCN
PRG_LV
SL_DAT
VREF_I
SL_INV
SID_LV
TEST
DIRC
GND
GND
GND
GND
GND
PRG
VDD
VCC
NC
PS
CXA3562AR
38 37 36 35 34 33 32 31 30 29 28 27 26
LCD Panel LCX028
SIG_OFST
DCFBOFF
SIG.C
CAL_OL
CAL_OH
CAL_IH
NC
SH_OUT12
SHTEST
MCLKX
POSCTR0
POSCTR1
POSCTR2
POSCTR3
CAL_IL
GND
GND
GND
GND
GND
MCLK
SHST
TEST
GND
FRP
10k
1 14 Vsig12
VDD VDD FRP 157 SHST 159 10 10 VDD VCC VDD OPEN 20k 0.1F 1F 1F
CXA3266Q
82 CLK/2H 30 CLK/2L 29 130 130 82
20k 0.1F
15.5V
5V
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
- 20 -
CXA3562AR
Application Circuit 3 (to WXGA Panel)
Another CXA3562R
SID_OUTX
56
57
SID_OUT
Buffer 2 Psig1 3 Psig2 4 Psig3 5 Psig4 VDD VDD VDD 20k VDD VDD 1F 0.1F VDD 10k VDD VDD 1 47F 1 34 COM 0.1F 25 COML 6 COMR 20k
DSD CXD3511Q
10
RGT 136
VCOM_OFST
7 Vsig-a1
VCOM_OUT
SID_OUTX
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 R1OUT9 122 R1OUT8 121 R1OUT7 120 R1OUT6 119 R1OUT5 118 R1OUT4 117 R1OUT3 116 R1OUT2 113 R1OUT1 112 R1OUT0 111 10 10 10 10 10 10 10 10 10 10 D_A9 D_A8 D_A7 D_A6 D_A5 D_A4 D_A3 D_A2 D_A1 D_A0 GND GND GND GND GND R2OUT9 110 R2OUT8 109 R2OUT7 108 R2OUT6 107 R2OUT5 106 R2OUT4 105 R2OUT3 104 R2OUT2 103 R2OUT1 99 R2OUT0 98 10 10 10 10 10 10 10 10 10 10 D_B9 D_B8 D_B7 D_B6 D_B5 D_B4 D_B3 D_B2 D_B1 D_B0 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 50 49 48 47 46 45 44 43 42 41 40 39 PVCC SH_OUT2 NC SH_OUT3 NC SH_OUT4 NC SH_OUT5 NC SH_OUT6 GND GND PGND GND GND SH_OUT7 NC SH_OUT8 NC SH_OUT9 NC SH_OUT10 NC SH_OUT11 PVCC 0.1F VCC 47F 1 17 Vsig-b5 1 16 Vsig-b4 1 15 Vsig-b3 1 14 Vsig-b2 1 13 Vsig-b1 1 12 Vsig-a6 1 11 Vsig-a5 1 10 Vsig-a4 1 9 Vsig-a3 1 8 Vsig-a2
SH_OUT1
SID_OUT
F/H_CNT
VREF_O
SL_SCN
PRG_LV
SL_DAT
VREF_I
SL_INV
SID_LV
TEST
DIRC
GND
GND
GND
GND
GND
PRG
VDD
VCC
NC
PS
CXA3562AR
38 37 36 35 34 33 32 31 30 29 28 27 26
LCD Panel LCX037
FRP
GND
GND
GND
GND
GND
MCLK
SHST
TEST
MCLKX
SIG.C
CAL_OL
CAL_OH
GND
CAL_IH
SHTEST
CAL_IL
NC
POSCTR0
POSCTR1
POSCTR2
POSCTR3
SIG_OFST
DCFBOFF
SH_OUT12
10k
1 18 Vsig-b6
VDD VDD FRP 157 SHST 159 10 10 VDD VCC VDD OPEN 20k 0.1F 1F 1F
CXA3266Q
82 CLK/2H 30 CLK/2L 29 130 130 82
20k 0.1F
15.5V
5V
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
- 21 -
CXA3562AR
Application Circuit 4 (to UXGA Panel)
VDD 0.1F 20k
VDD 0.1F 20k
DSD CXD3511Q
PRG 161 10
0.47F RGT 136 10
VDD
Buffer 1 Psig1 2 Psig2 VDD
VDD
VDD 0.1F VDD VDD
47F
1
VCOM_OFST
10k
SID_OUTX SID_OUT F/H_CNT VREF_O SL_SCN SL_DAT VREF_I SL_INV PRG_LV
11 Vsig1
VCOM_OUT SH_OUT1
SID_LV
TEST
DIRC
GND
GND
GND
GND
GND
VDD
PRG
VCC
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 R1OUT9 122 R1OUT8 121 R1OUT7 120 R1OUT6 119 R1OUT5 118 R1OUT4 117 R1OUT3 116 R1OUT2 113 R1OUT1 112 R1OUT0 111 10 10 10 10 10 10 10 10 10 10 D_A9 D_A8 D_A7 D_A6 D_A5 D_A4 D_A3 D_A2 D_A1 D_A0 GND GND GND GND GND D_B9 D_B8 D_B7 D_B6 D_B5 D_B4 D_B3 D_B2 D_B1 D_B0 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 1
TEST
NC
PS
50 49 48 47 46 45 44 43 42 41 40 39
PVCC SH_OUT2 NC SH_OUT3 NC SH_OUT4 NC SH_OUT5 NC SH_OUT6 GND GND PGND GND GND SH_OUT7 NC SH_OUT8 NC SH_OUT9 NC SH_OUT10 NC SH_OUT11 PVCC 0.1F VCC 47F 1 31 Vsig21 1 29 Vsig19 1 27 Vsig17 1 25 Vsig15 1 23 Vsig13 1 21 Vsig11 1 19 Vsig9 1 17 Vsig7 1 15 Vsig5 1 13 Vsig3
CXA3562AR
38 37 36 35 34 33 32 31 30 29 28 27 26
LCD Panel LCX036
2
MCLK
3
MCLKX
4
FRP
5
SHST
6
POSCTR0
7
POSCTR1
8
POSCTR2
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
CAL_OL CAL_IH CAL_IL SH_OUT12 SIG.C SIG_OFST CAL_OH NC POSCTR3 DCFBOFF SHTEST GND GND GND GND GND GND
10k
1 33 Vsig23
VDD FRP 157 SHST 159 10 10
OPEN VDD
0.47F
0.47F
20k 0.1F Buffer 4 Psig4 82 82 3 Psig3 VDD
130
130 VDD
VDD 0.1F 0.1F 20k VDD VDD 0.47F 0.1F VDD 10k
SID_OUTX SID_OUT F/H_CNT VREF_O SL_SCN PRG_LV SL_DAT VREF_I SL_INV
20k
47F
1
56 COM1 57 COM2
VDD
VCOM_OFST VCOM_OUT
1 12 VSig2
SH_OUT1
SID_LV
TEST
DIRC
GND
GND
GND
GND
GND
PRG
VDD
VCC
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 R2OUT9 110 R2OUT8 109 R2OUT7 108 R2OUT6 107 R2OUT5 106 R2OUT4 105 R2OUT3 104 R2OUT2 103 R2OUT1 99 R2OUT0 98 10 10 10 10 10 10 10 10 10 10 D_A9 D_A8 D_A7 D_A6 D_A5 D_A4 D_A3 D_A2 D_A1 D_A0 GND GND GND GND GND D_B9 D_B8 D_B7 D_B6 D_B5 D_B4 D_B3 D_B2 D_B1 D_B0 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 1 10
TEST
NC
PS
50 49 48 47 46 45 44 43 42 41 40 39
PVCC SH_OUT2 NC SH_OUT3 NC SH_OUT4 NC SH_OUT5 NC SH_OUT6 GND GND PGND GND GND SH_OUT7 NC SH_OUT8 NC SH_OUT9 NC SH_OUT10 NC SH_OUT11 PVCC 0.1F VCC 47F 1 32 Sig22 1 30 Sig20 1 28 Sig18 1 26 Sig16 1 24 Sig14 1 22 Sig12 1 20 Sig10 1 18 Sig8 1 16 Sig6 1 14 Sig4
CXA3562AR
38 37 36 35 34 33 32 31 30 29 28 27 26
2
MCLK
3
MCLKX
4
FRP
5
SHST
6
POSCTR0
7
POSCTR1
8
POSCTR2
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
SIG_OFST SIG.C CAL_OL CAL_OH CAL_IH CAL_IL NC DCFBOFF SH_OUT12 POSCTR3 SHTEST GND GND GND GND GND GND
XFRP 158
10k
1 34 Sig24
CXA3266Q
VDD
OPEN VDD
0.47F
0.47F
VCC
VDD
CLK/2H 30 CLK/2L 29
15.5V 20k 0.1F 0.1F
5V
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
- 22 -
CXA3562AR
Notes on Operation The CXA3562AR has high power consumption, so be sure to take the following radiation measures. * Use four-layer substrate. * GND lines connected between Pins 11 to 15, Pins 36 to 40, Pins 61 to 65 and Pins 86 to 90 should be as thick as possible.
- 23 -
CXA3562AR
Package Outline
Unit: mm
100PIN LQFP (PLASTIC)
16.0 0.2 14.0 0.1 75 76 51 50
B
A
100 1 0.5 b 25
26
(0.22)
0.13 M
+ 0.2 1.5 - 0.1
0.1 0.1 b = 0.18 0.03
0.5 0.2
0.1 DETAIL B : PALLADIUM
EPOXY RESIN PALLADIUM PLATING COPPER ALLOY 0.7g
(15.0)
0 to 10
0.5 0.2
NOTE: Dimension "" does not include mold protrusion. DETAIL A
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE LQFP-100P-L01 P-LQFP100-14x14-0.5 LEAD TREATMENT LEAD MATERIAL PACKAGE MASS
0.125 0.04
- 24 -
Sony Corporation


▲Up To Search▲   

 
Price & Availability of CXA3562AR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X