Part Number Hot Search : 
SSD13 P60N1 MB100 550T003M SSD13 1117C R39MF5 1N5339B
Product Description
Full Text Search
 

To Download CMLD6263A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMLD6263A CMLD6263C CMLD6263S SURFACE MOUNT PICOminiTM DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
Central
FEATURES:
TM
Semiconductor Corp.
* * *
SOT-563 CASE CMLD6263A CMLD6263C CMLD6263S Dual Pair, Common Anode Dual Pair, Common Cathode Dual Pair, In Series
HIGH VOLTAGE (70V) LOW FORWARD VOLTAGE VARIOUS DUAL PAIR CONFIGURATIONS
Marking Code: 63A Marking Code: 63C Marking Code: 63S
DESCRIPTION: The Central Semiconductor CMLD6263 Series incorporates two pair, high voltage, low VF Silicon Diodes in a space saving SOT-563 surface mount package. These diodes are designed for fast switching applications requiring a low forward voltage drop.
MAXIMUM RATINGS: (TA=25C) Peak Repetitive Reverse Voltage Continuous Forward Current Forward Surge Current, tp=1.0 s Power Dissipation Operating and Storage Junction Temperature Thermal Resistance TJ,Tstg JA -65 to +150 500 C C/W SYMBOL VRRM IF IFSM PD 70 15 50 250 UNITS V mA mA mW
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25C) SYMBOL IR BVR VF CT trr TEST CONDITIONS VR=50V IR=10A IF=1.0mA VR=0V, f=1.0MHz IR=IF=10mA, Irr=1.0mA, RL=100 70 395 410 2.0 5.0 MIN TYP 98 MAX 200 UNITS nA V mV pF ns
R0 ( 8-May 2003)
Central
TM
Semiconductor Corp.
CMLD6263A CMLD6263C CMLD6263S SURFACE MOUNT PICOminiTM DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
SOT-563 CASE - MECHANICAL OUTLINE
D A
6
E
5
E
4
B
G
F
1
2
3
C
H
R0
Pin Configuration
CMLD6263A Marking Code: 63A Lead Code: 1) Cathode D2 2) Anode D2, D4 3) Cathode D4 4) Cathode D3 5) Anode D1, D3 6) Cathode D1
CMLD6263C Marking Code: 63C Lead Code: 1) Anode D1 2) Anode D2 3) Cathode D3, D4 4) Anode D4 5) Anode D3 6) Cathode D1, D2
CMLD6263S Marking Code: 63S Lead Code: 1) Cathode D2 2) Anode D3 3) Cathode D4 4) Cathode D3, Anode D4 5) Anode D1 6) Cathode D1, Anode D2
R0 ( 8-May 2003)


▲Up To Search▲   

 
Price & Availability of CMLD6263A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X