Part Number Hot Search : 
SR120 LM339P 74HC27 S3C9614 INFINEON SP488ACP LTR1619 PFW5008
Product Description
Full Text Search
 

To Download CDRH4D22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS (SMD Type)
SHIELDED TYPE / OUTLINE /
CDRH4D22
SMD type power inductors where by the electrode is attached to the ferrite core directly. They are also magnetically shielded to prevent noise radiation.
CDRH4D22
5.0MAX. 5.0M AX.
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
AX .
6. 9M
2.4MAX.
4.5 1 .9 1 .5 1 .9
5.3
( 1.5H - 150H )
Parts No.
L (H)
D.C.R.( ) : Max.(Typ.)
Saturation Rated Current (A) *C 20 c 100 c
CDRH4D22
Temperature Rise Current (Typ.)(A) * IV
4.5 1.5
Measuring Freq. (L) / L CDRH4D22 100 kHz Tolerance of Inductance / CDRH4D22 Other / 1.5 H - 150 H 30%(N) *C
1R0 1R1 1R2 1R5 1R8 2R0 2R2 2R3 2R7 3R2 3R3 3R9 4R7 5R6 6R3 6R8 8R2 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181
1.0 1.1 1.2 1.5 1.8 2.0 2.2 2.3 2.7 3.2 3.3 3.9 4.7 5.6 6.3 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 88.0m( 67.7m) 96.5m( 74.2m) 102.4m( 78.8m) 110.4m( 84.9m) 127.4m( 98.0m) 168.7m(129.8m) 199.7m(153.6m) 282.5m(217.3m) 325.8m(250.6m) 451.2m(347.1m) 500.4m(384.9m) 555.4m(427.2m) 634.1m(487.8m) 794.6m(608.9m) 880m(670 m) 1.14(880 m) 1.35( 1.04) 1.00 900m 800m 750m 680m 600m 540m 510m 480m 430m 380m 360m 330m 300m 250m 230m 210m 750m 650m 600m 550m 500m 430m 410m 380m 350m 320m 300m 280m 250m 220m 200m 180m 170m 1.95 1.85 1.82 1.80 1.59 1.41 1.32 1.04 1.02 850m 820m 720m 670m 580m 550m 520m 470m 25.4m( 19.5m) 1.80 1.40 3.60 18.3m( 14.1m) 21.6m( 16.6m) 2.00 1.90 1.60 1.50 4.20 3.70
Saturation Rated Current : The current when the inductance becomes 35% lower than its nominal value. (Ta=20C)
*C 65% (Ta=20) * IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes T=40C. (Ta=20C) * IV T=40
35.1m( 27.0m) 40.2m( 30.9m) 55.9m( 43.0m) 62.0m( 47.7m)
1.40 1.30 1.10 1.05
1.10 1.00 900m 850m
3.07 3.04 2.08 2.05
(Ta=20)
About Lead-free products /
. . . .
Lead-free products are now available for sale To order a lead-free product, please add"NP" after the product type: "NP"
e.g. Ordering code of lead product: Type name-x Ordering code of lead-free product: Type name NPx
North America Tel:(1) 847 545-6700 Fax:(1) 847 545-6720 E-mail: sales@us.sumida.com h tt p :/ /www.sumida.com
Japan Tel:(81) 03 3667-3302 Fax:(81) 03 3667-3408 E-mail: sales@jp.sumida.com
Hong Kong Tel:(852) 2880-6688 Fax:(852) 2565-9600 E-mail: sales@hk.sumida.com
Taiwan Tel:(886) 2 2726-2177 Fax:(886) 2 2728-2726 E-mail: sales@tw.sumida.com
Singapore Tel:(65) 6296-3388 Fax:(65) 6296-3390 E-mail: sales@sg.sumida.com
Europe Tel:(32) 2673-9565 Fax:(32) 2672-0454 E-mail: sales@eu.sumida.com
Rev1.0 09/2004


▲Up To Search▲   

 
Price & Availability of CDRH4D22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X