Part Number Hot Search : 
90CLI AX6603 4CBTLV3 TLOH16TP 4CBTLV3 SB803G MC33067P MC14530
Product Description
Full Text Search
 

To Download BYT08PI-400RG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BYT08P-400 BYT08PI-400
FAST RECOVERY RECTIFIER DIODES
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM VF (max) trr (max) FEATURES AND BENEFITS
s
8A 400 V 1.4 V 35 ns
A K
A K
s
s
s
VERY LOW REVERSE RECOVERY TIME VERY LOW SWITCHING LOSSES LOW NOISE TURN-OFF SWITCHING INSULATED PACKAGE: TO-220AC Insulation voltage: 2500 VRMS Capacitance = 7 pF
T0-220AC (Plastic)
Insulated TO-220AC (Plastic)
DESCRIPTION This single rectifier is suited for Switch Mode Power Supplies and other power converters. This device is intended to free-wheeling function in converters and motor control circuits. ABSOLUTE RATINGS (limiting values) Symbol VRRM IFRM IF(RMS) IF(AV) Parameter Repetitive peak reverse voltage Repetitive peak forward current RMS forward current Average forward current TO-220AC Insulated TO-220AC IFSM Tstg Tj Surge non repetitive forward current Storage temperature range Maximum operating junction temperature Tc = 120C = 0.5 Tc = 105C 100 - 40 to + 150 150 A C C tp=5 s F=5kHz Value 400 200 16 8 Unit V A A A
tp = 10 ms Sinusoidal
May 2002 - Ed: 4A
1/7
BYT08P-400 / BYT08PI-400
THERMAL RESISTANCES Symbol Rth (j-c) Parameter Junction to case TO-220AC Ins. TO-220AC Value 2.5 3.5 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol VF * IR ** Parameter Forward voltage drop Test Conditions Tj = 25C Tj = 100C Reverse leakage current Tj = 25C Tj = 100C VR = VRRM IF = 8 A Min. Typ. Max. 1.5 1.4 15 2.5 A mA Unit V
Pulse test : * tp = 380 s, < 2% ** tp = 5 ms, < 2%
To evaluate the conduction losses use the following equation: P = 1.1 x IF(AV) + 0.024 IF2(RMS)
RECOVERY CHARACTERISTICS Symbol trr Test Conditions Tj = 25C IF = 1A VR = 30V dIF/dt = - 15A/s IF = 0.5A IR = 1A Irr = 0.25A TURN-OFF SWITCHING CHARACTERISTICS Symbol tIRM IRM Parameter Maximum reverse recovery time Maximum reverse recovery current Turn-off overvoltage coefficient Test Conditions dIF/dt = - 32 A/s dIF/dt = - 64 A/s dIF/dt = - 32 A/s dIF/dt = - 64 A/s VCC = 200 V IF = 8 A Lp (R) 0.05 H Tj = 100C (see fig. 13) Min. Typ. Max. Unit 75 ns 50 2.2 2.8 3.3 / A Min. Typ. Max. 75 35 Unit ns
C=
VRP VCC
Tj = 100C VCC = 60V IF = IF(AV) dIF/dt = - 30A/s Lp = 1H
2/7
BYT08P-400 / BYT08PI-400
Fig. 1: Average forward power dissipation versus average forward current .
PF(av)(W)
14 12 10 8 6 4 2 0 0 1 2 3 4
T
Fig. 2: Peak current versus form factor.
IM(A)
= 0.1 = 0.05 =1 = 0.2 = 0.5
IF(av) (A)
5 6 7
=tp/T
tp
8
9
10
100 90 80 70 60 50 40 30 20 10 0 0.0
P=5W
T
=tp/T
tp
P=10W P=20W
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Fig. 3: Average forward current versus ambient temperature (=0.5).
IF(av)(A) 10 9 8 7 6 5 4 3 2 1 0
Rth(j-a)=Rth(j-c)
Non insulated
Insulated Rth(j-a)=15C/W
T
=tp/T
tp
Tamb(C) 50 75 100 125 150
0
25
Fig. 4-1: Non repetitive surge peak forward current versus overload duration (TO-220AC).
Fig. 4-2: Non repetitive surge peak forward current versus overload duration (insulated TO-220AC).
IM(A) 100 90 80 70 60 50 40 30 IM 20 10 0 1E-3
IM(A)
90 80 70 60 50 40 30 20 10 0 1E-3
Tc=25C Tc=50C
Tc=50C Tc=25C
Tc=75C
t
IM t
Tc=75C
=0.5
=0.5
t(s) 1E-2 1E-1 1E+0
t(s)
1E-2 1E-1 1E+0
3/7
BYT08P-400 / BYT08PI-400
Fig. 5: Relative variation of thermal impedance junction to case versus pulse duration. Fig. 6: Forward voltage drop versus forward current (maximum values, per diode).
IFM(A) 100.0
Typical values Tj=100C
K=[Zth(j-c)/Rth(j-c)] 1.0
0.5
= 0.5
10.0
= 0.2
Tj=25C
= 0.1
0.2
Single pulse
T
1.0
Tj=100C
tp(s) 0.1 1E-3 1E-2 1E-1
=tp/T
tp
VFM(V)
1E+0
0.1 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Fig. 7: Junction capacitance versus reverse voltage applied (typical values, per diode).
Fig. 8: Recovery charges versus dIF/dt (per diode).
C(pF) 30 28 26 24 22 20 18 16 14 12 10
250
F=1MHz Tj=25C
Qrr(nC)
IF=IF(av) 90% confidence Tj=100C
200 150 100 50
VR(V) 1 10 100 200
0 10 20
dIF/dt(A/s) 50 100 200
Fig. 9: Recovery current versus dIF/dt (per diode).
Fig. 10: Transient peak forward voltage versus dIF/dt (per diode)
VFP(V) 30
IF=IF(av) 90% confidence Tj=100C
IRM(A) 10 8 6 4 2
dIF/dt(A/s)
IF=IF(av) 90% confidence Tj=100C
25 20 15 10 5
dIF/dt(A/s)
0 10
20
50
100
200
0
0
100
200
300
400
500
4/7
BYT08P-400 / BYT08PI-400
Fig. 11: Forward recovery time versus dIF/dt (per diode) Fig. 12: Dynamic parameters versus junction temperature.
tfr(s) 1.50 1.25 1.00 0.75 0.50 0.25
dIF/dt(A/s)
IF=IF(av) 90% confidence Tj=100C
Qrr;IRM[Tj] / Qrr;IRM[Tj=100C] 1.50 1.25 1.00 0.75 0.50
IRM
Qrr
Tj(C)
0.00
0
100
200
300
400
500
0.25
0
25
50
75
100
125
150
Fig. 13: Turn-off switching characteristics (without series inductance).
Fig. 14: Turn-off switching characteristics (with series inductance).
5/7
BYT08P-400 / BYT08PI-400
PACKAGE MECHANICAL DATA TO-220AC DIMENSIONS REF.
H2 C L5 OI L6 L2 D L7 A
Millimeters Min. Max. 4.40 4.60 1.23 1.32 2.40 2.72 0.49 0.70 0.61 0.88 1.14 1.70 4.95 5.15 10.00 10.40 16.40 typ. 13.00 14.00 2.65 2.95 15.25 15.75 6.20 6.60 3.50 3.93 2.6 typ. 3.75 3.85
Inches Min. Max. 0.173 0.181 0.048 0.051 0.094 0.107 0.019 0.027 0.024 0.034 0.044 0.066 0.194 0.202 0.393 0.409 0.645 typ. 0.511 0.551 0.104 0.116 0.600 0.620 0.244 0.259 0.137 0.154 0.102 typ. 0.147 0.151
L9 F1 L4
F G
M E
A C D E F F1 G H2 L2 L4 L5 L6 L7 L9 M Diam. I
6/7
BYT08P-400 / BYT08PI-400
PACKAGE MECHANICAL DATA TO-220AC Insulated
B I L b2 C
DIMENSIONS REF. A a1 a2 B b1 b2 C c1 c2 e F I L l2 Millimeters Min. 14.23 12.70 10.20 0.64 1.15 4.48 0.35 2.10 4.58 5.85 3.55 2.54 1.45 Max. 15.87 4.50 14.70 10.45 0.96 1.39 4.82 0.65 2.70 5.58 6.85 4.00 3.00 1.75 Inches Min. 0.560 0.500 0.402 0.025 0.045 0.176 0.020 0.083 0.180 0.230 0.140 0.100 0.057 Max. 0.625 0.177 0.579 0.411 0.038 0.055 0.190 0.026 0.106 0.220 0.270 0.157 0.118 0.069
F
A
a1
l2 a2 b1
c1 e c2
Ordering type BYT08P-400 BYT08PI-400
s
Marking BYT08P-400 BYT08PI-400
Package TO-220AC Insulated TO-220AC
Weight 1.86 g. 1.86 g.
Base qty 50 250
Delivery mode Tube Bulk
s
s
s
Cooling method: by conduction (C) Recommended torque value: 0.8 N.m. Maximum torque value: 1.0 N.m. Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 7/7


▲Up To Search▲   

 
Price & Availability of BYT08PI-400RG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X