Part Number Hot Search : 
IRC111 SVC203CP CD4050 ACT25 1N5384B B1001 68HC70 EC2C33
Product Description
Full Text Search
 

To Download BU8709KN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 03W024A
Melody sound source LSI for cellular phone
BU8709KN
Description BU8709KN is a melody sound source LSI for cellular phones. This LSI generates 64 high quality polyphonic tones through high sampling rate (fs=44.1KHz). 1 ADPCM encoder and 2 ADPCM decoders functions are embedded, providing mixing capabilities. It can customize output sounds by an equalizer function and display the signals by Graphic Equalizer. It also has Reverb function, as well as LED & Vib synchronization. Dimension (Unit : mm)
1.4 0.1 0.6 +0.1 -0.3
37
7.2 0.1 7.0 0.1
36 25 24
0 .1
7.2 0.1 7.0 0.1
48 1 12
0.1 8
0.4 0.18 0.05
0.2 0.05
Features 1) Simultaneous generation of up to 64 polyphonic tones out of a tone palette of 222 sounds 2) High-quality tone reproduction using Fs=44.1kHz, QFN48U two-voice method 3) 12bit pitch bending and modulation support 4) Stereo and monaural modes 5) Built-in equalizer (3 channels) and vibration function 6) Built-in LED (3 channels) 7) Built-in reverb function 8) Plays up to four songs simultaneously 9) Built-in ADPCM encoder (1 channel) and decoder (2 channel), enables mixing with melody 10)Select among -law, A-law, and linear input for encoder 11)Control from CPU using serial or parallel interface 12)Built-in FIFO for sound source and ADPCM to reduce CPU's processing load 13)Built-in graphic equalizer (7-band) 14)Supports digital output (standard format or IIS format) 15)Provides 1-Poly mode for low power consumption Applications Sound source for cellular phones and portable appliances Absolute Maximum Ratings (Ta=25C)
Parameter Max. I/O supply voltage Max. CORE supply voltage Voltage applied to pin Input current Power dissipation Storage temperature range Operating temperature range Symbol VDDIO VDDCO VIN IIN Pd Tstg Topr Limits -0.3 ~ 4.5 -0.3 ~ 3.5 DVSS-0.3 ~ VDDIO+3.5 -1 ~ +1 500 -50 ~ 125 -30 ~ 85 Unit V V V A Conditions DVDD_IO, AVDD DVDD_CORE
0.05 M
12
12
0.05
mW C C
Warranty setting of single IC
Derating : 5.0mW/C for operation above Ta=25C
February, 2003
0.01+0.03 -0.007 0.6 0.1 0.8 +0.2 -0.1
55 0.
4 0. 3-
.1 0 .4 +0 -
5-
.1 0 .3 +0
13
Recommended Operating Conditions (Ta=25C)
Parameter I/O power supply voltage Ambient temperature MCLK input frequency SCLK input frequency MCLK duty Analog pin's load resistance Symbol VDDIO Ta FMCLK FSCLK DMCLK ZAN Min. 2.7 2.25 -30 2.688 -- 40 10 Typ. 3.0 2.5 25 -- -- 50 -- Max. 3.3 2.75 85 20 20 60 -- Unit V V C MHz MHz % k
Scale precision is approximately 0.2%. After DC Coupling
Conditions
DVDD_IO, AVDD DVDD_CORE
CORE power supply voltage VDDCO
Electrical characteristics (Unless otherwise noted, Ta=25C)
Parameter
High-level input voltage Low-level input voltage High-level input current Low-level input current High-level output voltage Low-level output voltage VREF pin voltage Analog pin voltage VREF pin rise time Analog amplitude Analog Idd 1 Digital Idd 10 Digital Idd 11 (DVDD_CORE) Digital Idd 12 (DVDD_IO) Analog Idd 2 Digital Idd 20 (DVDD_CORE) Digital Idd 21 (DVDD_IO)
Symbol VIH VIL IIH IIL VOH VOL VAGND VOUT TRVR VMAX AIDD1 DIDD10 DIDD11 DIDD12 AIDD2 DIDD20 DIDD21
Min.
DVDD_IO-0.5
Typ. -- -- -- -- -- --
0.5AVDD 0.5AVDD
Max. --
DVSS+0.5
Unit V V A A V V V V mS Vp-p mA mA mA mA A A A
Conditions
-- -- -1
DVDD_IO-0.3
1 -- --
DVSS+0.3
VIH=VDDIO VIL=DVSS IOH=-0.8mA IOH=0.8mA IOUT=0A (no load) IOUT=0A (no load) Not playing When CVREF=1F, NRST=LH Theoretical value for dynamic range Playing Not playing MIDI CLK control="101" Playing 64POLY Playing Standby mode Standby mode Standby mode
--
0.475AVDD 0.47AVDD
0.525AVDD 0.53AVDD
-- -- -- -- -- -- -- -- --
15 1.8 1.5 28 56 0.4 -- -- --
25 -- 2.5 35 65 1 1 10 5
Power consumption DVDD_CORE=2.5V, DVDD_IO=3.0V, AVDD=3.0V, internal operation frequency SYS_CLK=50MHz
Block Diagram
MIDI Core Sequencer Core
D7~D0 MIDI FIFO DLS Parameter LED 3ch/VIB
LED 3ch/VIB
Program ROM
Parametric Equalizer parameter
LED, VIB Control
LED1~3 VIB
IFSEL
Sequencer CPU
Sequencer CPU
Each ch Status
MIDI DSP
SO(/WR) SIO(/AO) CPU I/F
Voice Parameter
L/R Output FIFO
Graphic Equalizer
To CPU I/F Block
Work RAM
Work RAM
Program ROM Wave Table ROM
Wave Table ROM
Work RAM Mixing & Over Sampling
OverSampling
Digital Output Format Standard/IIS D/A Converter
SCLK(/RD) SEL(/CS)
DIGLR DIGDT DIGCK
Hard Logic for MIDI
VREF L_OUT R_OUT MONO_OUT
INT
UCS RAM
Wave ROM
ADPCM Core
NRST Master ch Encoder FIFO E D D ADPCM Encoder & Decoder DSP Digital filter
Slave ch FIFO EIEN EIDT EICK
D
Clock control
D
test
TESTMODE 0~2 TESTBUS 0~5
test
E
Slave ch
44.1kHz/24kHz Timing Generator
PLL
PLL_FILTER MCLK


▲Up To Search▲   

 
Price & Availability of BU8709KN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X