Part Number Hot Search : 
DTA123JE 2SC5593 1S205Q CXG1040T 3552U 32620 9S12X RAS356
Product Description
Full Text Search
 

To Download BFN18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN Silicon High-Voltage Transistors
BFN 16 BFN 18
Suitable for video output stages in TV sets and switching power supplies q High breakdown voltage q Low collector-emitter saturation voltage q Complementary types: BFN 17, BFN 19 (PNP)
q
Type BFN 16 BFN 18
Marking DD DE
Ordering Code (tape and reel) Q62702-F885 Q62702-F1056
Pin Configuration 1 2 3 B C E
Package1) SOT-89
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Base current Peak base current Total power dissipation, TS = 130 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol BFN 16 VCE0 VCB0 VEB0 IC ICM IB IBM Ptot Tj Tstg 250 250
Values BFN 18 300 300 5 200 500 100 200 1 150
Unit V
mA
W C
- 65 ... + 150
75 20
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
BFN 16 BFN 18
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 1 mA BFN 16 BFN 18 Collector-base breakdown voltage IC = 100 A BFN 16 BFN 18 Emitter-base breakdown voltage IE = 100 A Collector-base cutoff current VCB = 200 V VCB = 250 V VCB = 200 V, TA = 150 C VCB = 250 V, TA = 150 C Emitter-base cutoff current VEB = 3 V DC current gain IC = 1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V1) IC = 30 mA, VCE = 10 V1) BFN 16 BFN 18 BFN 16 BFN 18 IEB0 hFE 25 40 40 30 VCEsat - - VBEsat - - - - 0.4 0.5 0.9 - - - - - - - - V V(BR)CE0 250 300 V(BR)CB0 250 300 V(BR)EB0 ICB0 - - - - - - - - - - 100 100 20 20 100 nA nA
A A
Values typ. max.
Unit
V - - - - - - - - - -
5
nA -
BFN 16 BFN 18
Collector-emitter saturation voltage1) IC = 20 mA, IB = 2 mA BFN 16 BFN 18 Base-emitter saturation voltage1) IC = 20 mA, IB = 2 mA AC characteristics Transition frequency IC = 20 mA, VCE = 10 V, f = 20 MHz Output capacitance VCB = 30 V, f = 1 MHz
fT Cobo
- -
70 1.5
- -
MHz pF
1)
Pulse test conditions: t 300 s, D = 2 %.
Semiconductor Group
2
BFN 16 BFN 18
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
Operating range IC = f (VCE0) TA = 25 C, D = 0
Permissible pulse load Ptot max/Ptot DC = f (tp)
Collector current IC = f (VBE) VCE = 10 V
Semiconductor Group
3
BFN 16 BFN 18
Transition frequency fT = f (IC) VCE = 10 V
Collector cutoff current ICB0 = f (TA) VCB = 200 V
DC current gain hFE = f (IC) VCE = 10 V
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of BFN18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X