Part Number Hot Search : 
587B062 29LV0 SY89828L T311015 C4532X 12500 BUV2206 10016
Product Description
Full Text Search
 

To Download AP4407GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4407GM
Pb Free Plating Product
Advanced Power Electronics Corp.
Simple Drive Requirement Low On-resistance Fast Switching Characteristic
D D D D
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
G S S S
-30V 14m -10.7A
SO-8
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The SO-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters.
D
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating -30 25 -10.7 -8.6 -50 2.5 0.02 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 50
Unit /W
Data and specifications subject to change without notice
201125031
AP4407GM
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS BVDSS/Tj RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Parameter Drain-Source Breakdown Voltage Test Conditions Min. -30 -1 Typ. -0.015
Max. Units 14 20 -3 -1 -25 100 46 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
VGS=0V, ID=-250uA Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
2
VGS=-10V, ID=-10A VGS=-4.5V, ID=-5A VDS=VGS, ID=-250uA VDS=-10V, ID=-10A VDS=-30V, VGS=0V VDS=-24V, VGS=0V VGS= 25V ID=-10.7A VDS=-24V VGS=-4.5V VDS=-15V ID=-1A RG=3.3,VGS=-10V RD=15 VGS=0V VDS=-25V f=1.0MHz
13 29 6 14 15 12 100 70 500 370
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
2600 4100
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2
Test Conditions IS=-10.7A, VGS=0V IS=-10.7A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 31 25
Max. Units -1.2 V ns nC
trr
Qrr
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 125 /W when mounted on min. copper pad.
AP4407GM
44 40
40
T A =25 C
o
36
32
-ID , Drain Current (A)
28
-ID , Drain Current (A)
-10V -5.0V -4.5V -4.0V
36
T A =150 o C
32
28
-10V -5.0V -4.5V -4.0V
24
24
20
20
16
16
V G =-3.0V
12
12
V G =-3.0V
8 4
8
4
0
0
0
1
2
3
0
1
1
2
2
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
16
1.80
I D =-10A T A =25 C Normalized R DS(ON)
14
1.60
o
I D =-10A V GS = -10V
1.40
RDS(ON) (m )
1.20
12
1.00
0.80
10
0.60 3 5 7 9 11 -50 0 50 100 150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
3
100.00
10.00 2
T j =25 o C
-IS(A)
1.00
-VGS(th) (V)
1 0 -50
T j =150 o C
0.10
0.01 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5
0
50
100
150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4407GM
f=1.0MHz
14
10000
12
I D =-10.7A V DS =-24V Ciss C (pF)
-VGS , Gate to Source Voltage (V)
10
8
1000
6
Coss
4
Crss
2
0
100
0
20
40
60
80
1
5
9
13
17
21
25
29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
100us
10
Normalized Thermal Response (Rthja)
DUTY=0.5
0.2
1ms
1
0.1
0.1
0.05
-ID (A)
10ms 100ms
0.02 0.01
PDM
0.01
Single Pulse
t T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=125/W
0.1
T A =25 o C Single Pulse
1s 10s DC
10 100
0.01
0.001
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG -4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4407GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X