Part Number Hot Search : 
0603L F063P SPGDS1 5VTP2 CM2030 K1620 BD6220 TJA1080A
Product Description
Full Text Search
 

To Download AD8341 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5 GHz to 2.4 GHz RF Vector Modulator AD8341
FEATURES
Cartesian amplitude and phase modulation 1.5 GHz to 2.4 GHz frequency range Continuous magnitude control of -4.5 dB to -34.5 dB Continuous phase control of 0 to 360 Output third-order intercept 17.5 dBm Output 1 dB compression point 8.5 dBm Output noise floor -150.5 dBm/Hz @ full gain Adjustable modulation bandwidth up to 230 MHz Fast output power disable 4.75 V to 5.25 V single-supply voltage
FUNCTIONAL BLOCK DIAGRAM
VPRF QBBP QBBM VPS2
90 RFIP RFIM 0
04700-001
RFOP RFOM
CMOP
IBBP IBBM
DSOP
Figure 1.
APPLICATIONS
RF PA linearization/RF predistortion Amplitude and phase modulation Variable attenuators and phase shifters CDMA2000, WCDMA, GSM/EDGE linear power amplifiers Smart antennas
GENERAL DESCRIPTION
The AD8341 vector modulator performs arbitrary amplitude and phase modulation of an RF signal. Since the RF signal path is linear, the original modulation is preserved. This part can be used as a general-purpose RF modulator, a variable attenuator/phase shifter, or a remodulator. The amplitude can be controlled from a maximum of -4.5 dB to less than -34.5 dB, and the phase can be shifted continuously over the entire 360 range. For maximum gain, the AD8341 delivers an OP1dB of 8.5 dBm, an OIP3 of 17.5 dBm, and an output noise floor of -150.5 dBm/Hz, independent of phase. It operates over a frequency range of 1.5 GHz to 2.4 GHz. The baseband inputs in Cartesian I and Q format control the amplitude and phase modulation imposed on the RF input signal. Both I and Q inputs are dc-coupled with a 500 mV differential full-scale range. The maximum modulation bandwidth is 230 MHz, which can be reduced by adding external capacitors to limit the noise bandwidth on the control lines. Both the RF inputs and outputs can be used differentially or single-ended and must be ac-coupled. The RF input and output impedances are nominally 50 over the operating frequency range. The DSOP pin allows the output stage to be disabled quickly in order to protect subsequent stages from overdrive. The AD8341 operates off supply voltages from 4.75 V to 5.25 V while consuming approximately 125 mA. The AD8341 is fabricated on Analog Devices' proprietary, high performance 25 GHz SOI complementary bipolar IC process. It is available in a 24-lead, Pb-free LFCSP package and operates over a -40C to +85C temperature range. Evaluation boards are available.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
AD8341 TABLE OF CONTENTS
Specifications..................................................................................... 3 Absolute Maximum Ratings............................................................ 4 ESD Caution.................................................................................. 4 Pin Configuration and Function Descriptions............................. 5 Typical Performance Characteristics ............................................. 6 Theory of Operation ...................................................................... 10 RF Quadrature Generator ......................................................... 10 I-Q Attenuators and Baseband Amplifiers.............................. 11 Output Amplifier ........................................................................ 11 Noise and Distortion.................................................................. 11 Gain and Phase Accuracy.......................................................... 11 RF Frequency Range .................................................................. 11 Applications..................................................................................... 12 Using the AD8341 ...................................................................... 12 RF Input and Matching ............................................................. 12 RF Output and Matching .......................................................... 13 Driving the I-Q Baseband Controls......................................... 13 Interfacing to High Speed DACs.............................................. 14 CDMA2000 Application............................................................ 14 WCDMA Application ................................................................ 15 Evaluation Board ............................................................................ 17 Outline Dimensions ....................................................................... 20 Ordering Guide .......................................................................... 20
REVISION HISTORY
7/04--Revision 0: Initial Version
Rev. 0 | Page 2 of 20
AD8341 SPECIFICATIONS
VS = 5 V, TA = 25C, ZO = 50 , f = 1.9 GHz, single-ended, ac-coupled source drive to RFIP through 1.2 nH series inductor, RFIM ac-coupled through 1.2 nH series inductor to common, differential-to-single-ended conversion at output using 1:1 balun. Table 1.
Parameter OVERALL FUNCTION Frequency Range Maximum Gain Minimum Gain Gain Control Range Phase Control Range Gain Flatness Group Delay Flatness RF INPUT STAGE Input Return Loss CARTESIAN CONTROL INTERFACE (I AND Q) Gain Scaling Modulation Bandwidth Second Harmonic Distortion Third Harmonic Distortion Step Response Conditions Min 1.5 Maximum gain setpoint for all phase setpoints VBBI = VBBQ = 0 V differential (at recommended common-mode level) Relative to maximum gain Over 30 dB control range Over any 60 MHz bandwidth Over any 60 MHz bandwidth RFIM, RFIP (Pins 21 and 22) From RFIP to CMRF (with 1.2 nH series inductors) IBBP, IBBM, QBBP, QBBM (Pins 16, 15, 3, 4) 500 mV p-p, sinusoidal baseband input single-ended 500 mV p-p, 1 MHz, sinusoidal baseband input differential 500 mV p-p, 1 MHz, sinusoidal baseband input differential For gain setpoint from 0.1 to 0.9 (VBBP = 0.5 V, VBBM = 0.55 V to 0.95 V) For gain setpoint from 0.9 to 0.1 (VBBP = 0.5 V, VBBM = 0.95 V to 0.55 V) RFOP, RFOM (Pins 9, 10) Measured through balun Maximum gain setpoint Maximum gain setpoint, no input PIN = 0 dBm, frequency offset = 20 MHz f1 = 1900 MHz, f2 = 1897.5 MHz, maximum gain setpoint CDMA2000, single carrier, POUT = -4 dBm, maximum gain, phase setpoint = 45 (See Figure 35) Maximum gain VPS2 (Pins 5, 6, and 14), VPRF (Pins 19 and 24), RFOP, RFOM (Pins 9 and 10) Includes load current DSOP (Pin 13) (See Figure 24) DSOP = 5 V Delay following high-to-low transition until RF output amplitude is within 10% of final value. Delay following low-to-high transition until device produces full attenuation 4.75 105 -4.5 -34.5 30 360 0.5 50 12 2 230 41 47 45 45 0.5 7.5 -4.5 -150.5 -149 17.5 -76 8.5 Typ Max 2.4 Unit GHz dB dB dB Degrees dB ps dB 1/V MHz dBc dBc ns ns V dB dB dBm/Hz dBm/Hz dBm dBm dBm
Recommended Common-Mode Level RF OUTPUT STAGE Output Return Loss f = 1.9 GHz Gain Output Noise Floor Output IP3 Adjacent Channel Power Output 1 dB Compression Point POWER SUPPLY Positive Supply Voltage Total Supply Current OUTPUT DISABLE Disable Threshold Attenuation Enable Response Time Disable Response Time
5 125 Vs/2 33 30 15
5.25 145
V mA V dB ns ns
Rev. 0 | Page 3 of 20
AD8341 ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameters Supply Voltage VPRF, VPS2 DSOP IBBP, IBBM, QBBP, QBBM RFOP, RFOM RF Input Power at Maximum Gain (RFIP or RFIM, Single-Ended Drive) Equivalent Voltage Internal Power Dissipation JA (With Pad Soldered to Board) Maximum Junction Temperature Operating Temperature Range Storage Temperature Range Lead Temperature Range (Soldering 60 sec) Rating 5.5 V 5.5 V 2.5 V 5.5V 13 dBm, re: 50 2.8 V p-p 825 mW 59 C/W 125C -40C to +85C -65C to +150C 300C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. 0 | Page 4 of 20
AD8341 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 VPRF 23 CMRF 22 RFIP 21 RFIM 20 CMRF 19 VPRF
QFLP QFLM QBBP QBBM VPS2 VPS2
1 2 3 4 5 6
PIN 1 INDICATOR
AD8341
TOP VIEW (Not to Scale)
18 IFLP 17 IFLM 16 IBBP 15 IBBM 14 VPS2 13 DSOP
CMOP 7 CMOP 8 RFOP 9 RFOM 10 CMOP 11 CMOP 12
Figure 2. 24-Lead Lead Frame Chip Scale Package (LFCSP)
Table 3. Pin Function Descriptions
Pin No. 1, 2 3, 4 5, 6, 14, 19, 24 7, 8, 11, 12, 20, 23 9, 10 13 15, 16 17, 18 21, 22 Mnemonic QFLP, QFLM QBBP, QBBM VPS2, VPRF CMOP, CMRF RFOP, RFOM DSOP IBBM, IBBP IFLM, IFLP RFIM, RFIP Function Q Baseband Input Filter Pins. Connect optional capacitor to reduce Q baseband channel low-pass corner frequency. Q Channel Differential Baseband Inputs. Positive Supply Voltage. 4.75 V - 5.25 V. Device Common. Connect via lowest possible impedance to external circuit common. Differential RF Outputs. Must be ac-coupled. Differential impedance 50 nominal. Output disable. Pull high to disable output stage. I Channel Differential Baseband Inputs. I Baseband Input Filter Pins. Connect optional capacitor to reduce I baseband channel low-pass corner frequency. Differential RF Inputs. Must be ac-coupled. Differential impedance 50 nominal.
Rev. 0 | Page 5 of 20
04700-002
AD8341 TYPICAL PERFORMANCE CHARACTERISTICS
0 PHASE SETPOINT = 0 PHASE SETPOINT = 270 -10 -15 PHASE SETPOINT = 180 -20 PHASE SETPOINT = 90 -25 -30
04700-003
1.0 GAIN SETPOINT = 1.0 0.5 GAIN SETPOINT = 0.5 0 -0.5 -1.0 -1.5 -2.0 GAIN SETPOINT = 0.25 -2.5 -3.0 -3.5 -4.0 -4.5 0 45 90 135 180 225 270 315 PHASE SETPOINT (Degrees)
04700-006
GAIN CONFORMANCE ERROR (dB)
-5
GAIN (dB)
-35 -40 0 0.1 0.2 0.3 0.4 0.5 0.6 GAIN SETPOINT 0.7 0.8 0.9
GAIN SETPOINT = 0.1
1.0
360
Figure 3. Gain Magnitude vs. Gain Setpoint at Different Phase Setpoints, RF Frequency = 1900 MHz
6 5
GAIN CONFORMANCE ERROR (dB)
Figure 6. Gain Conformance Error vs. Phase Setpoint at Different Gain Setpoints, RF Frequency = 1900 MHz
360 315
PHASE SETPOINT = 315
4 3 2 1 0 -1 -2 -3 -4 -5 -6 -7 -8 0
PHASE SETPOINT = 270 PHASE SETPOINT = 0
GAIN SETPOINT = 0.25 270 GAIN SETPOINT = 0.5
PHASE (Degrees)
PHASE SETPOINT = 45
225 GAIN SETPOINT = 0.1 180 135 90 GAIN SETPOINT = 1.0
PHASE SETPOINT = 225
PHASE SETPOINT = 90 PHASE SETPOINT = 180
04700-004
PHASE SETPOINT = 135 0.1 0.2 0.3 0.4 0.5 0.6 GAIN SETPOINT 0.7 0.8 0.9
0 0 45 90 135 180 225 270 PHASE SETPOINT (Degrees) 315
1.0
360
Figure 4. Gain Conformance Error vs. Gain Setpoint at Different Phase Setpoints, RF Frequency = 1900 MHz
-2 -4 -6 GAIN SETPOINT = 0.5
PHASE ERROR (Degrees)
Figure 7. Phase vs. Phase Setpoint at Different Gain Setpoints, RF Frequency = 1900 MHz
25 GAIN SETPOINT = 0.1 20 15 GAIN SETPOINT = 0.25 10 5 0 -5 -10 -15 0 45 90 135 180 225 270 PHASE SETPOINT (Degrees) 315 GAIN SETPOINT = 0.5 GAIN SETPOINT = 1.0
GAIN SETPOINT = 1.0
-8 -10
GAIN (dB)
-12 -14 -16 -18 -20 -22 -24 -26 -28 0 45 90 135 180 225 270 315 PHASE SETPOINT (Degrees) GAIN SETPOINT = 0.1
04700-005
GAIN SETPOINT = 0.25
360
360
Figure 5. Gain Magnitude vs. Phase Setpoint at Different Gain Setpoints, RF Frequency = 1900 MHz
Figure 8. Phase Error vs. Phase Setpoint at Different Gain Setpoints, RF Frequency = 1900 MHz
Rev. 0 | Page 6 of 20
04700-008
04700-007
45
AD8341
-147 -148 RF PIN = +5dBm -149
NOISE (dBm/Hz)
-2 +25C -3 0 -1 -40C
RF PIN = 0dBm -150 -151 -152 -153 -154 0 0.1 0.2 0.3 0.4 0.5 0.6 GAIN SETPOINT 0.7 0.8 0.9 RF PIN = -5dBm NO RF INPUT
04700-009
GAIN (dB)
-4 -5 -6 +85C -7 -8 -9 -10 1500 1600 1700 1800 1900 2000 2100 FREQUENCY (MHz) 2200 2300
04700-012
1.0
2400
Figure 9. Output Noise Floor vs. Gain Setpoint, Noise in dBm/Hz, No Carrier, and With 1900 MHz Carrier (Measured at 20 MHz Offset) Pin = -5, 0, and +5 dBm
0 -2 -4 -6 -8 -10
GAIN (dB)
Figure 12. Gain Magnitude vs. Frequency and Temperature, Maximum Gain, Phase Setpoint = 0
0
GAIN SETPOINT = 1.0
RF OUTPUT AM SIDEBAND POWER (dBm)
FUNDAMENTAL POWER, 1899MHz, 1900MHz -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 100 200
04700-013
GAIN SETPOINT = 0.5
-12 -14 -16 -18 -20 -22
GAIN SETPOINT = 0.25
SECOND BASEBAND HARMONIC PRODUCT, 1898MHz, 1902MHz
GAIN SETPOINT = 0.1
-26 -28 1500 1600 1700 1800 1900 2000 2100 2200 2300
04700-010
-24
THIRD BASEBAND HARMONIC PRODUCT, 1897MHz, 1903MHz 300 400 500 600 700 800 900
2400
1000
FREQUENCY (MHz)
DIFFERENTIAL BB LEVEL (mV p-p)
Figure 10. Gain vs. Frequency at Different Gain Setpoints, Phase Setpoint = 0
-146 -147
Figure 13. Baseband Harmonic Distortion (I and Q Channel, RF Input = 0 dBm, Output Balun and Cable Losses of Approximately 2 dB Not Accounted for in Plot)
12 -40C 10 +25C
-148
NOISE (dBm/Hz)
8
-150 -151 -152
OP1dB (dBm)
-149
6 +85C 4
2
04700-011
-154 1500
1600
1700
1800 1900 2000 2100 FREQUENCY (MHz)
2200
2300
2400
0 1500
1600
1700
1800 1900 2000 2100 FREQUENCY (MHz)
2200
2300
2400
Figure 11. Output Noise Floor vs. Frequency, Maximum Gain, No RF Carrier, Phase Setpoint = 0
Figure 14. Output 1 dB Compression Point vs. Frequency and Temperature, Maximum Gain, Phase Setpoint = 0
Rev. 0 | Page 7 of 20
04700-014
-153
AD8341
25 -40C 20 +25C
20 GAIN SETPOINT = 1.0 15 GAIN SETPOINT = 0.5 10
OIP3 (dBm)
OIP3 (dBm)
15 +85C 10
GAIN SETPOINT = 0.25 5
0 GAIN SETPOINT = 0.1
5
04700-015
-5
04700-018
0 1500
-10 0 45 90 135 180 225 270 315 PHASE SETPOINT (Degrees)
1600
1700
1800 1900 2000 2100 FREQUENCY (MHz)
2200
2300
2400
360
Figure 15. Output IP3 vs. Frequency and Temperature, Maximum Gain, Phase Setpoint = 0, 2.5 MHz Carrier Spacing
-10 1V p-p BB INPUT
Figure 18. Output IP3 vs. Gain and Phase Setpoints, RF Frequency = 1900 MHz, 2.5 MHz Carrier Spacing
REF LVL 0dBm RBW 30kHz VBW 30kHz SWT 100ms RF ATT UNIT 20dB dBm
A
RF OUTPUT AM SIDEBAND POWER (dBm)
0
-15
-10
SECOND BASEBAND HARMONIC
-20
OUTPUT POWER (dBm)
-20
-30 -40 -50 -60 -70 -80 -90
SECOND BASEBAND HARMONIC
500mV p-p BB INPUT
1SA
250mV p-p BB INPUT -30
04700-016
60
110
160 210 260 FREQUENCY (MHz)
310
360
410
-100
CENTER 1.9GHz
500kHz/ FREQUENCY (MHz)
SPAN 5MHz
Figure 16. I/Q Modulation Bandwidth vs. Baseband Magnitude
10
Figure 19. Single-Sideband Performance, RF Frequency = 1900 MHz, RF Input = -10 dBm; 1 MHz, 500 mV p-p Differential BB Drive
90 120 60
GAIN SETPOINT = 1.0
5 GAIN SETPOINT = 0.5
OP1dB (dBm)
0 GAIN SETPOINT = 0.25 -5
150
30
180 1500MHz
0
-10
04700-017
GAIN SETPOINT = 0.1 -15 0 45 90 135 180 225 270 315 PHASE SETPOINT (Degrees)
210
2400MHz
330
360
240 270
300
04700-020
Figure 17. Output 1 dB Compression Point vs. Gain and Phase Setpoints, RF Frequency = 1900 MHz
S11 RF PORT WITH 1.2nH INDUCTORS S11 RF PORT WITHOUT INDUCTORS
Figure 20. Input Impedance Smith Chart
Rev. 0 | Page 8 of 20
04700-019
-35 10
RF FEEDTHROUGH
-25
UNDESIRED SIDEBAND
DESIRED SIDEBAND
AD8341
90 120 60
RF OUTPUT POWER (dBm)
0 -5 -10 -15 -20 -25 -30 -35 -40 -45 -50 -55 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
04700-024
150
30
180 1500MHz 2400MHz 210
0
330
5.0
240 270
300
DSOP VOLTAGE (V)
04700-021
SDD22 PORT DIFFERENTIAL S22 WITH 1 TO 1 TRANSFORMER
Figure 24. Output Disable Attenuation, RF Frequency = 1900 MHz, RF Input = -5 dBm
Figure 21. Output Impedance Smith Chart
0 2V/DIV -10 DSOP
PHASE ERROR (Degrees)
-20 PHASE SETPOINT = 0 -30 -40 PHASE SETPOINT = 45 -50 -60 PHASE SETPOINT = 90 -70 0 0.1 0.2 0.3 0.4 0.5 0.6 GAIN SETPOINT 0.7 0.8 0.9
4 3
VOLTS
RF OUTPUT
100mV/DIV
04700-022
04700-025
1.0
CH3 2.0V CH4 100mV M10.0ns 5.0GS/s A CH3 TIME (10ns/DIV)
1.84V
Figure 22. Phase Error vs. Gain Setpoint by Phase Setpoint, RF Frequency = 1900 MHz
127
Figure 25. Output Disable Response Time, RF Frequency = 1900 MHz, RF Input = 0 dBm
126
SUPPLY CURRENT (mA)
VPOS = 5.00V 125 VPOS = 5.25V 124
123 VPOS = 4.75V 122
04700-023
121 -40 -30 -20 -10
0
10 20 30 40 TEMPERATURE (C)
50
60
70
80
Figure 23. Supply Current vs. Temperature
Rev. 0 | Page 9 of 20
AD8341 THEORY OF OPERATION
The AD8341 is a linear RF vector modulator with Cartesian baseband controls. In the simplified block diagram given in Figure 26, the RF signal propagates from the left to the right while baseband controls are placed above and below. The RF input is first split into in-phase (I) and quadrature (Q) components. The variable attenuators independently scale the I and Q components of the RF input. The attenuator outputs are then summed and buffered to the output. By controlling the relative amounts of I and Q components that are summed, continuous magnitude and phase control of the gain is possible. Consider the vector gain representation of the AD8341 expressed in polar form in Figure 27. The attenuation factors for the I and Q signal components are represented on the x- and y-axis, respectively, by the baseband inputs, VBBI and VBBQ. The resultant of their vector sum represents the vector gain, which can also be expressed as a magnitude and phase. By applying different combinations of baseband inputs, any vector gain within the unit circle can be programmed. A change in sign of VBBI or VBBQ can be viewed as a change in sign of the gain or as a 180 phase change. The outermost circle represents the maximum gain magnitude of unity. The circle origin implies, in theory, a gain of 0. In practice, circuit mismatches and unavoidable signal feedthrough limit the minimum gain to approximately -34.5 dB. The phase angle between the resultant gain vector and the positive x-axis is defined as the phase shift. Note that there is a nominal, systematic insertion phase through the AD8341 to which the phase shift is added. In the following discussions, the systematic insertion phase is normalized to 0. The correspondence between the desired gain and phase setpoints, GainSP and PhaseSP, and the Cartesian inputs, VBBI and VBBQ, is given by simple trigonometric identities
Pure amplitude modulation is represented by radial movement of the gain vector tip at a fixed angle, while pure phase modulation is represented by rotation of the tip around the circle at a fixed radius. Unlike traditional I-Q modulators, the AD8341 is designed to have a linear RF signal path from input to output. Traditional I-Q modulators provide a limited LO carrier path through which any amplitude information is removed.
VBBI I CHANNEL INPUT LINEAR ATTENUATOR V-I SINGLE-ENDED OR DIFFERENTIAL 50 INPUT Z 0/90 V-I LINEAR ATTENUATOR Q CHANNEL INPUT VBBQ OUTPUT DISABLE
04700-026
I-V
SINGLE-ENDED OR DIFFERENTIAL 50 OUTPUT
Figure 26. Simplified Architecture of the AD8341
Vq MAX GAIN +0.5
A |A|
-0.5 +0.5
Vi
-0.5
Figure 27. Vector Gain Representation
RF QUADRATURE GENERATOR
The RF input is directly coupled differentially or single-ended to the quadrature generator, which consists of a multistage RC polyphase network tuned over the operating frequency range of 1.5 GHz to 2.4 GHz. The recycling nature of the polyphase network generates two replicas of the input signal, which are in precise quadrature, i.e., 90, to each other. Since the passive network is perfectly linear, the amplitude and phase information contained in the RF input is transmitted faithfully to both channels. The quadrature outputs are then separately buffered to drive the respective attenuators. The characteristic impedance of the polyphase network is used to set the input impedance of the AD8341.
GainSP =
[(VBBI /VO )2 + (VBBQ /VO )2 ]
PhaseSP = arctan(VBBQ /VBBI ) where: VO is the baseband scaling constant (500 mV). VBBI and VBBQ are the differential I and Q baseband voltages, respectively. Note that when evaluating the arctangent function, the proper phase quadrant must be selected. For example, if the principal value of the arctangent (known as the Arctangent(x)) is used, quadrants 2 and 3 could be interpreted mistakenly as quadrants 4 and 1, respectively. In general, both VBBI and VBBQ are needed in concert to modulate the gain and the phase.
Rev. 0 | Page 10 of 20
04700-027
MIN GAIN
AD8341
I-Q ATTENUATORS AND BASEBAND AMPLIFIERS
The proprietary linear-responding attenuator structure is an active solution with differential inputs and outputs that offer excellent linearity, low noise, and greater immunity from mismatches than other variable attenuator methods. The gain, in linear terms, of the I and Q channels is proportional to its control voltage with a scaling factor designed to be 2/V, i.e., a full-scale gain setpoint of 1.0 (-4.5 dB) for a VBBI (or a VBBQ) of 500 mV. The control voltages can be driven differentially or single-ended. The combination of the baseband amplifiers and attenuators allows for maximum modulation bandwidths in excess of 200 MHz.
GAIN AND PHASE ACCURACY
There are numerous ways to express the accuracy of the AD8341. Ideally, the gain and phase should precisely follow the setpoints. Figure 4 illustrates the gain error in dB from a best fit line, normalized to the gain measured at the gain setpoint = 1.0, for the different phase setpoints. Figure 6 shows the gain error in a different form, normalized to the gain measured at phase setpoint = 0; the phase setpoint is swept from 0 to 360 for different gain setpoints. Figure 8 and Figure 22 show analogous errors for the phase error as a function of gain and phase setpoints. The accuracy clearly depends on the region of operation within the vector gain unit circle. Operation very close to the origin generally results in larger errors as the relative accuracy of the I and Q vectors degrades.
OUTPUT AMPLIFIER
The output amplifier accepts the sum of the attenuator outputs and delivers a differential output signal into the external load. The output pins must be pulled up to an external supply, preferably through RF chokes. When the 50 load is taken differentially, an output P1dB and IP3 of 8.5 dBm and 17.5 dBm is achieved, respectively, at 1.9 GHz. The output can be taken in single-ended fashion, albeit at lower performance levels.
RF FREQUENCY RANGE
The frequency range on the RF input is limited by the internal polyphase quadrature phase-splitter. The phase-splitter splits the incoming RF input into two signals, 90 out of phase, as previously described in the RF Quadrature Generator section. This polyphase network has been designed to ensure robust quadrature accuracy over standard fabrication process parameter variations for the 1.5 GHz to 2.4 GHz specified RF frequency range. Using the AD8341 as a single-sideband modulator and measuring the resulting sideband suppression is a good gauge of how well the quadrature accuracy is maintained over RF frequency. A typical plot of sideband suppression from 1.1 GHz to 2.7 GHz is shown in Figure 28. The level of sideband suppression degradation outside the 1.5 GHz to 2.4 GHz specified range will be subject to manufacturing process variations.
-15
NOISE AND DISTORTION
The output noise floor and distortion levels vary with the gain magnitude but do not vary significantly with the phase. At the higher gain magnitude setpoints, the OIP3 and the noise floor vary in direct proportion with the gain. At lower gain magnitude setpoints, the noise floor levels off while the OIP3 continues to vary with the gain.
SIDEBAND SUPPRESSION (dBc)
-20
-25
-30
-35
-40
04700-028
-45 0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
FREQUENCY (GHz)
Figure 28. Sideband Suppression vs. Frequency
Rev. 0 | Page 11 of 20
AD8341 APPLICATIONS
USING THE AD8341
The AD8341 is designed to operate in a 50 impedance system. Figure 30 illustrates an example where the RF input is driven in a single-ended fashion while the differential RF output is converted to a single-ended output with an RF balun. The baseband controls for the I and Q channels are typically driven from differential DAC outputs. The power supplies, VPRF and VPS2, should be bypassed appropriately with 0.1 F and 100 pF capacitors. Low inductance grounding of the CMOP and CMRF common pins is essential to prevent unintentional peaking of the gain. loss of >10 dB over the operating frequency range. Different matching inductors can improve matching over a narrower frequency range. The single-ended and differential input impedances are exactly the same.
100pF 1.2nH RFIM ~1VDC 100pF 1.2nH RFIP 50
04700-029
RC PHASE
RF
Figure 29. RF Input Interface to the AD8341 Showing Coupling Capacitors and Matching Inductors
RF INPUT AND MATCHING
The input impedance of the AD8341 is defined by the characteristics of the polyphase network. The capacitive component of the network causes its impedance to roll-off with frequency albeit at a rate slower than 6 dB/octave. By using matching inductors on the order of 1.2 nH in series with each of the RF inputs, RFIP and RFIM, a 50 match is achieved with a return
The RFIP and RFIM should be ac-coupled through low loss series capacitors as shown in Figure 29. The internal dc levels are at approximately 1 V. For single-ended operation, one input is driven by the RF signal while the other input is ac grounded.
VP
C2 100pF IBBM IBBP C12 (SEE TEXT) C8 0.1F VP C6 100pF L3 1.2nH C7 100pF
C1 0.1F VP
A B
OUTPUT DISABLE
IFLP VPRF CMRF RFIM
VPS2
IBBP
IFLM
IBBM
DSOP CMOP CMOP RFOM C17 100pF
ETC1-1-13
RF INPUT
AD8341
C5 100pF L4 1.2nH RFIP CMRF
QBBM QBBP QFLM
RF OUTPUT
RFOP CMOP
VPS2
L1 120nH
C18 L2 100pF 120nH C14 0.1F VP
VP C3 0.1F C4 100pF
VPRF
QFLP
CMOP VPS2
C11 (SEE TEXT) QBBP QBBM
C10 0.1F C9 100pF
04700-030
Figure 30. Basic Connections
Rev. 0 | Page 12 of 20
AD8341
RF OUTPUT AND MATCHING
The RF outputs of the AD8341, RFOP, and RFOM, are open collectors of a transimpedance amplifier which need to be pulled up to the positive supply, preferably with RF chokes as shown in Figure 31. The nominal output impedance looking into each individual output pin is 25 . Consequently, the differential output impedance is 50 .
VP -2.5 -3.0 -3.5 -4.0 -4.5 RL2 = SHORT
GAIN (dB)
-5.0 -5.5 -6.0 -6.5 -7.0 -7.5
RL2 = 50
RL2 = OPEN
04700-032
RT RFOM ISIG GM RFOP RT
120nH 100pF 1:1 100pF 50 DIFFERENTIAL RF OUTPUT
-8.0 -8.5 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 FREQUENCY (GHz) 2.6
RL = 50 2.8
3.0
Figure 32. Gain of the AD8341 Using a Single-Ended Output with Different Dummy Loads, RL2 , on the Unused Output
04700-031
Figure 31. RF Output Interface to the AD8341 Showing Coupling Capacitors, Pull-Up RF Chokes, and Balun
Since the output dc levels are at the positive supply, ac coupling capacitors will usually be needed between the AD8341 outputs and the next stage in the system. A 1:1 RF broadband output balun, such as the ETC1-1-13 (M/A-COM), converts the differential output of the AD8341 into a single-ended signal. Note that the loss and balance of the balun directly impact the apparent output power, noise floor, and gain/phase errors of the AD8341. In critical applications, narrow-band baluns with low loss and superior balance are recommended. If the output is taken in a single-ended fashion directly into a 50 load through a coupling capacitor, there will be an impedance mismatch. This can be resolved with a 1:2 balun to convert the single-ended 25 output impedance to 50 . If loss of signal swing is not critical, a 25 back termination in series with the output pin can also be used. The unused output pin must still be pulled up to the positive supply. The user may load it through a coupling capacitor with a dummy load to preserve balance. The gain of the AD8341 when the output is singleended varies slightly with dummy load value as shown in Figure 32.
The RF output signal can be disabled by raising the DSOP pin to the positive supply. The output disable function provides >30 dB attenuation of the input signal even at full gain. The interface to DSOP is high impedance and the shutdown and turn-on response times are <100 ns. If the disable function is not needed, the DSOP pin should be tied to ground.
DRIVING THE I-Q BASEBAND CONTROLS
The I and Q inputs to the AD8341 set the gain and phase between input and output. These inputs are differential and should normally have a common-mode level of 0.5 V. However, when differentially driven, the common mode can vary from 250 mV to 750 mV while still allowing full gain control. Each input pair has a nominal input swing of 0.5 V differential around the common-mode level. The maximum gain of unity is achieved if the differential voltage is equal to +500 mV or -500 mV. So with a common-mode level of 500 mV, IBBP and IBBM will each swing between 250 mV and 750 mV. The I and Q inputs can also be driven with a single-ended signal. In this case, one side of each input should be tied to a low noise 0.5 V voltage source (a 0.1 F decoupling capacitor located close to the pin is recommended), while the other input swings from 0 V to 1 V. Differential drive generally offers superior even-order distortion and lower noise than single-ended drive. The bandwidth of the baseband controls exceeds 200 MHz even at full-scale baseband drive. This allows for very fast gain and phase modulation of the RF input signal. In cases where lower modulation bandwidths are acceptable or desired, external filter capacitors can be connected across Pins IFLP to IFLM and QFLP to QFLM to reduce the ingress of baseband noise and spurious signal into the control path.
Rev. 0 | Page 13 of 20
AD8341
DIFFERENTIAL PEAK-TO-PEAK SWING (V)
The 3 dB bandwidth is set by choosing CFLT according to the following equation:
f3dB
45 kHz x 10 nF C FLT + 0.5 pF
This equation has been verified for values of CFLT from 10 pF to 0.1 F (bandwidth settings of approximately 4.5 kHz to 43 MHz).
INTERFACING TO HIGH SPEED DACs
The AD977x family of dual DACs is well suited to driving the I and Q vector controls of the AD8341. While these inputs can in general be driven by any DAC, the differential outputs and bias level of the ADI TxDAC(R) family allows for a direct connection between DAC and modulator. The AD977x family of dual DACs has differential current outputs. The full-scale current is user programmable and is usually set to 20 mA, that is, each output swings from 0 mA to 20 mA. The basic interface between the AD9777 DAC outputs and the AD8341 I and Q inputs is shown in Figure 33. The Resistors R1 and R2 set the dc bias level according to the equation: Bias Level = Average Output Current x R1 For example, if the full-scale current from each output is 20 mA, each output will have an average current of 10 mA. Therefore to set the bias level to the recommended 0.5 V, R1 and R2 should be set to 50 each. R1 and R2 should always be equal. If R3 is omitted, this will result in an available swing from the DAC of 2 V p-p differential, which is twice the maximum voltage range required by the AD8341. DAC resolution can be maximized by adding R3, which scales down this voltage according to the following equation: Full Scale Swing = R2 2 x I MAX (R1 || (R2 + R3)) x 1 - R2 + R3
AD9777
IOUTA1 R1 R2 IOUTB1 OPTIONAL LOW-PASS FILTER R3 IBBM
1.15 1.13 1.10 1.08 1.05 1.02 1.00 0.97 0.95 0.92 0.90 0.88 0.85 0.82 0.80 0.77 0.75 0.72 0.70 50 55 60 65 70 75 80 85 90 95 100 105 110 115 120 125 130 ()
Figure 34. Peak-to-Peak DAC Output Swing vs. Swing Scaling Resistor R3 (R1 = R2 = 50 )
Figure 34 shows the relationship between the value of R3 and the peak baseband voltage with R1 and R2 equal to 50 . From Figure 34, it can be seen that a value of 100 for R3 will provide a peak-to-peak swing of 1 V p-p differential into the AD8341's I and Q inputs. When using a DAC, low-pass image reject filters are typically used to eliminate the Nyquist images produced by the DAC. They also provide the added benefit of eliminating broadband noise that might feed into the modulator from the DAC.
CDMA2000 APPLICATION
To test the compliance to the CDMA2000 base station standard, a single-carrier CDMA2000 test model signal (forward pilot, sync, paging, and six traffic as per 3GPP2 C.S0010-B, Table 6.5.2.1) was applied to the AD8341 at 1960 MHz. A cavity tuned filter was used to reduce noise from the signal source being applied to the device. The 6.8 MHz pass band of this filter is apparent in the subsequent spectral plots. Figure 35 shows a plot of the spectrum of the output signal under nominal conditions. POUT is equal to -4 dBm and VBBI = VBBQ = 0.353 V, i.e., VIBBP - VIBBM = VQBBP - VQBBM = 0.353 V. Noise and distortion is measured in a 1 MHz bandwidth at 2.25 MHz carrier offset (30 kHz measurement bandwidth).
AD8341
IBBP
IOUTA2 R1 R2 IOUTB2 OPTIONAL LOW-PASS FILTER R3
QBBP
QBBM
04700-033
Figure 33. Basic AD9777 to AD8341 Interface
Rev. 0 | Page 14 of 20
04700-034
AD8341
REF LVL 0.3dB OFFSET
1
1 [T1] CH PWR ACP UP ACP LOW
-20 -30 -40
1AVG
OUTPUT POWER (dBm)
-18.47dBm 1.95999900GHz -4.06dBm -77.64dBm -76.66dBm
A
-5
-65
-10
-70
1RM
-50 -60 -70 -80
C0 C0
-15
-75
-20
-80
-25
CU1 CU1
-85
C11
C11
04700-035
-100 -112
-30
-90 0 0.1 0.2 0.3 0.4 IQ CONTROL VOLTAGE 0.5
CENTER 1.96Hz
1MHz/
SPAN 10MHz
Figure 35. Output Spectrum, 1960 MHz, Single-Carrier CDMA2000 Test Model at -4 dBm, VBBI = VBBQ = 0.353 V, Adjacent Channel Power Measured at 2.25 MHz Carrier Offset in 1 MHz BW Input Signal Filtered Using a Cavity Tuned Filter (Pass Band = 6.8 MHz)
Figure 37. Output Power and ACP vs. I and Q Control Voltages, CDMA2000 Test Model, VBBI = VBBQ, ACP Measured at 2.25 MHz Carrier Offset in 1 MHz BW
Holding the differential I and Q control voltages steady at 0.353 V, input power was swept. Figure 36 shows variation in spurious content, again measured at 2.25 MHz carrier offset in a 1 MHz bandwidth, as defined by the 3GPP2 specification.
-70
Figure 37 shows that for a fixed input power, the ACP (measured in dBm) tracks the output power as the gain is changed.
WCDMA APPLICATION
Figure 38 shows a plot of the output spectrum of the AD8341 transmitting a single-carrier WCDMA signal (Test Model 1-64 at 2140 MHz). The carrier power is approximately -9 dBm. The differential I and Q control voltages are both equal to 0.353 V, that is, the vector is sitting on the unit circle at 45. At this power level, an adjacent channel power ratio of -61 dBc is achieved. The alternate channel power ratio of -72 dBc is dominated by the noise floor of the AD8341.
REF LVL -24dBm OFFSET 1dB MARKER 1 [T1 ] -28.39dBm 2.14050000GHz
1
ACP @ 2.25MHz OFFSET (dBm, 1MHz, BW)
-72 -74 -76 -78 -80 -82 -84 -86 -88 -90 -20 -18 -16 -14 -12 -10 -8 -6 OUTPUT POWER (dBm) -4 -2 0
04700-036
-24 -30 -40 -50 -60 -70 -80 -90
RBW 30kHz VBW 300kHz SWT 1s 1 [T1]
RF ATT 0dB UNIT dBm A
-28.39dBm 2.14050000GHz CH PWR -8.95dBm ACP UP -60.78dB ACP LOW -60.82dB ALT1 UP -72.67dB ALT1 LOW -72.66dB
1RM
Figure 36. Adjacent Channel Power vs. Output Power, CDMA2000 Single Carrier @ 1960 MHz; ACP Measured at 2.25 MHz Carrier Offset (1 MHz BW); VBBI = VBBQ = 0.353 V
C0
With a fixed input power of 2.4 dBm, the output power was again swept by exercising the I and Q inputs. VBBI and VBBQ were kept equal and were swept from 100 mV to 500 mV. The resulting output power and ACP are shown in Figure 37.
-100 -110
C12
C12
C0
CU2
C11 C11 CU1 CU1
-120 -124
CENTER 2.14GHz
2.5MHz/
SPAN 25MHz
Figure 38. AD8341 Single-Carrier WCDMA Spectrum at 2140 MHz
Figure 39 shows how ACPR and noise vary with varying input power (differential I and Q control voltages are held at 0.353 V). At high power levels, both adjacent and alternate channel power ratios increase sharply. As output power drops, adjacent and alternate channel power ratios both reach minimums before the measurement becomes dominated by the noise floor of the AD8341. At this point, adjacent and alternate channel power ratios become approximately equal.
Rev. 0 | Page 15 of 20
04700-038
04700-037
-90
ACP dBm (1MHz BW) @ 2.25MHz OFFSET
-12
-12dBm
MARKER 1 [T1 ] -18.47dBm 1.95999900GHz
RBW 30kHz VBW 100kHz SWT 500ms
RF ATT 0dB UNIT dBm
0
-60
AD8341
ACPR (dBc) NOISE dBm @ 50MHz OFFSET (1MHz BW)
As the output power drops, the noise floor, measured in dBm in 1 MHz BW at 50 MHz carrier offset, drops slightly.
ADJACENT/ALTERNATE CHANNEL POWER RATIO (dBc) NOISE dBm @ 50MHz CARRIER OFFSET (1MHz BW)
0 OUTPUT POWER dBm -5 -10
-40 -45 -50 ACPR 5MHz OFFSET -55 -60 -65 -70 ACPR 10MHz OFFSET -75 -80 NOISE -50MHz OFFSET 0 0.1 0.2 0.3 0.4 IQ CONTROL VOLTAGE 0.5 -85 -90
OUTPUT POWER (dBm)
-30 -35 ACPR 5MHz OFFSET -40 -45 ACPR 10MHz OFFSET -50 -55 -60 -65 -70 -75 NOISE -50MHz OFFSET -80 -30 -25 -20 -15 -10 -5 OUTPUT POWER (dBm) 0 5
-50 -55 -60 -65 -70 -75 -80 -85 -90 -95 -100
-15 -20 -25 -30 -35 -40 -45 -50
04700-039
Figure 40. AD8341 Output Power, ACPR and Noise vs. VIQ. Single-Carrier WCDMA (Test Model 1-64 at 2140 MHz)
Figure 39. AD8341 ACPR and Noise vs. Output Power; Single-Carrier WCDMA (Test Model 1-64 at 2140 MHz)
Figure 40 shows how output power, ACPR, and noise vary with the differential I and Q control voltages. VBBI and VBBQ are tied together and are varied from 0.5 V to 50 mV.
In this case, adjacent channel power ratio remains constant as the (noise dominated) alternate channel power degrades roughly 1-for-1 with output power. As the I and Q control voltage drops, the noise floor again drops slowly.
Rev. 0 | Page 16 of 20
04700-040
AD8341 EVALUATION BOARD
The evaluation board circuit schematic for the AD8341 is shown in Figure 41. The evaluation board is configured to be driven from a single-ended 50 source. Although the input of the AD8341 is differential, it may be driven single-ended, with no loss of performance. The low-pass corner frequency of the baseband I and Q channels can be reduced by installing capacitors in the C11 and C12 positions. The low-pass corner frequency for either channel is approximated by f3dB 45 kHz x 10 nF C FLT + 0.5 pF The baseband input of the AD8341 requires a differential voltage drive. The evaluation board is set up to allow such a drive by connecting the differential voltage source to QBBP and QBBM. The common-mode voltage should be maintained at approximately 0.5 V. For this configuration, Jumpers W1 through W4 should be removed. The baseband input of the evaluation board may also be driven with a single-ended voltage. In this case, a bias level is provided to the unused input from Potentiometer R10 by installing either W1 or W2. Setting SW1 in Position B disables the AD8341 output amplifier. With SW1 set to Position A, the output amplifier is enabled. With SW1 set to Position A, an external voltage signal, such as a pulse, can be applied to the DSOP SMA connector to exercise the output amplifier enable/disable function.
On this evaluation board, the I and Q baseband circuits are identical to each other, so the following description applies equally to each. The connections and circuit configuration for the Q baseband inputs are described in Table 4.
Table 4. Evaluation Board Configuration Options
Components R7, R9, R11, R14, R15, R19, R20, R21, C15, C19, W3, W4 Function I Channel Baseband Interface. Resistors R7 and R9 may be installed to accommodate a baseband source that requires a specific terminating impedance. Capacitors C15 and C19 are bypass capacitors. For single-ended baseband drive, the Potentiometer R11 can be used to provide a bias level to the unused input (install either W3 or W4). Default Conditions R7, R9 = Not Installed R11 = Potentiometer, 2 k, 10 Turn (Bourns) R14 = 4 k (Size 0603) R15 = 44 k (Size 0603) R19, R20, R21 = 0 (Size 0603) C15, C19 = 0.1 F (Size 0603) W3 = Jumper (Installed) W4 = Jumper (Open) R1, R3 = Not Installed R10 = Potentiometer, 2 k, 10 Turn (Bourns) R12 = 4 k (Size 0603) R13 = 44 k (Size 0603) R16, R17, R18 = 0 (Size 0603) C16, C20 = 0.1 F (Size 0603) W1 = Jumper (Installed) W2 = Jumper (Open) C11, C12 = Not Installed
R1, R3, R10, R12, R13, R16, R17, R18, C16, C20, W1, W2
Q Channel Baseband Interface. See the I Channel Baseband Interface section.
C11, C12
T1, C17, C18, L1, L2
Baseband Low-Pass Filtering. By adding Capacitor C11 between QFLP and QFLM, and C12 between IFLP and IFLM, the 3 dB low-pass corner frequency of the baseband interface can be reduced from 230 MHz (nominal). See equation in text. Output Interface. The 1:1 balun transformer, T1, converts the 50 differential output to 50 single-ended. C17 and C18 are dc blocks. L1 and L2 provide dc bias for the output.
L3, L4, C5, C6
Input Interface. The input impedance of the AD8341 requires 1.2 nH inductors in series with RFIP and RFIM for optimum return loss when driven by a single-ended 50 line. C5 and C6 are dc blocks.
Rev. 0 | Page 17 of 20
C17, C18 = 100 pF (Size 0603) T1 = ETC1-1-13 (M/A-COM) L1, L2 = 120 nH (Size 0603) L3, L4 = 1.2 nH (Size 0402) C5, C6 = 100 pF (Size 0603)
AD8341
Components C2, C4, C7, C9, C14, C1, C3, C8, C10, R2, R4, R5, R6 Function Supply Decoupling. Default Conditions C2, C4, C7, C9, C14 = 0.1 F (Size 0603) C1, C3, C8, C10 = 100 pF (Size 0603) R2, R4, R5, R6 = 0 (Size 0603) R8 = 10 k (Size 0603) SW1 = SPDT (Position A, Output Enabled)
R8, SW1
Output Disable Interface. The output stage of the AD8341 is disabled by applying a high voltage to the DSOP pin by moving SW1 to Position B. The output stage is enabled moving SW1 to Position A. The output disable function can also be exercised by applying an external high or low voltage to the DSOP SMA connector with SW1 in Position A.
IBBP
IBBM
R9 (OPEN)
C19 R7 0.1F (OPEN) R19 0 W3 R20 0
VP TEST POINT
GND TEST POINT
W4 R21 0 C15 0.1F
C2 0.1F
VS R14 4k R11 2k R15 44k
R2 0
C1 100pF C12 (OPEN) C7 0.1F VS C8 100pF R8 10k SW1 B A DSOP
IFLP VPRF CMRF RFIN
VPS2
IFLM
IBBP
IBBM
R5 0
DSOP CMOP CMOP RFOM
C6 100pF
L3 1.2nH
C18 100pF
T1 ETC1-1-13 M/A-COM
AD8341
RFIN C5 100pF VP C4 0.1F R4 0 C3 100pF L4 1.2nH RFIP CMRF
QBBM QBBP QFLM
RFOP CMOP
VPS2
RFOP L2 120nH C17 L1 100pF 120nH
VPRF
CMOP VPS2 C14 0.1F VP R6 0
QFLP
C11 (OPEN)
C10 100pF
C9 0.1F
R12 4k
R10 2k
R13 44k VS
C16 0.1F W1 R16 0 R18 0
W2 R17 0 R1 (OPEN) QBBP
R3 C20 (OPEN) 0.1F QBBM
04700-041
Figure 41. Evaluation Board Schematic
Rev. 0 | Page 18 of 20
AD8341
04700-042
Figure 42. Component Side Layout
Figure 43. Component Side Silkscreen
Rev. 0 | Page 19 of 20
04700-043
AD8341 OUTLINE DIMENSIONS
4.00 BSC SQ 0.60 MAX 0.60 MAX
19 18 EXPOSED PAD
(BOTTOM VIEW)
PIN 1 INDICATOR
24 1
PIN 1 INDICATOR
TOP VIEW
3.75 BSC SQ
0.50 BSC 0.50 0.40 0.30
2.25 2.10 SQ 1.95
7 6
13 12
0.25 MIN 2.50 REF
1.00 0.85 0.80
12 MAX
0.80 MAX 0.65 TYP
0.05 MAX 0.02 NOM 0.20 REF COPLANARITY 0.08
SEATING PLANE
0.30 0.23 0.18
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-2
Figure 44. 24-Lead Lead Frame Chip Scale Package [LFCSP] 4 mm x 4 mm Body (CP-24-1) Dimensions shown in millimeters
ORDERING GUIDE
Model AD8341ACPZ-WP1, 2 AD8341ACPZ-REEL72 AD8341-EVAL Temperature Range -40C to +85C -40C to +85C Package Description 24-Lead Lead Frame Chip Scale Package (LFCSP) 24-Lead Lead Frame Chip Scale Package (LFCSP) Evaluation Board Package Option CP-24-1 CP-24-1 Order Multiple 64 1,500 1
1 2
WP = Waffle pack. Z = Pb-free part.
(c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D04700-0-7/04(0)
Rev. 0 | Page 20 of 20


▲Up To Search▲   

 
Price & Availability of AD8341

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X