Part Number Hot Search : 
2SA1067 STTH1 SBLF850 SWFC4150 ATS622 SDR621Z TDA821 TDA821
Product Description
Full Text Search
 

To Download AD7502JN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES DTL/TTL/CMOS Direct Interface Power Dissipation: 30 W R ON: 170 Standard 16-Lead DlPs and 20-Terminal Surface Mount Packages
CMOS 4-/8-Channel Analog Multiplexers AD7501/AD7502/AD7503
FUNCTIONAL BLOCK DIAGRAM AD7501/AD7503
GENERAL DESCRIPTION
The AD7501 and AD7503 are monolithic CMOS, 8-channel analog multiplexers which switch one of eight inputs to a common output, depending on the state of three binary address lines and an "enable" input. The AD7503 is identical to the AD7501 except its "enable" logic is inverted. All digital inputs are TTL/DTL and CMOS logic compatible. The AD7502 is a monolithic CMOS dual 4-channel analog multiplexer. Depending on the state of two binary address inputs and an "enable," it switches two output buses to two of eight inputs.
Truth Tables AD7501 AD7502
A2 0 0 0 0 1 1 1 1 X
A1 0 0 1 1 0 0 1 1 X
A0 0 1 0 1 0 1 0 1 X
AD7503
EN 1 1 1 1 1 1 1 1 0
"ON" 1 2 3 4 5 6 7 8 None
AD7502
A2 0 0 0 0 1 1 1 1 X
A1 0 0 1 1 0 0 1 1 X
A0 0 1 0 1 0 1 0 1 X
EN 0 0 0 0 0 0 0 0 1
"ON" 1 2 3 4 5 6 7 8 None
Al 0 0 1 1 X
A0 0 1 0 1 X
EN 1 1 1 1 0
"ON" 1&5 2&6 3&7 4&8 None
REV. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2003 Analog Devices, Inc. All rights reserved.
AD7501/AD7502/AD7503-SPECIFICATIONS (V
@ +25C Parameter ANALOG SWITCH RON RON vs. VS RON vs. Temperature RON Between Switches RON vs. Temperature Between Switches IS IOUT Version1 Switch Condition AD7501, AD7503 AD7502
DD
= +15 V, VSS = -15 V unless otherwise noted.)
Over Specified Temperature Range AD7501, AD7503 AD7502 Test Conditions
All All All All All K S K S
ON ON ON ON ON OFF OFF OFF OFF ON ON
170 typ, 300 max 20% typ 0.5%/C typ 4% typ 0.01%/C 0.2 nA typ, 2 nA max 0.5 nA max 1 nA typ, 10 nA max 5 nA max 12 nA max 5.5 nA max
170 typ, 300 max 20% typ 0.5%/C typ 4% typ 0.01%/C 0.2 nA typ, 2 nA max 0.5 nA max 0.6 nA typ, 5 nA max 3 nA max 7 nA max 3.5 nA max
-10 V VS +10 V IS = 1.0 mA VS = 0 V, IS = 1.0 mA
50 nA max 50 nA max 250 nA max 250 nA max 300 nA max 300 nA max
50 nA max 50 nA max 125 nA max 125 nA max 175 nA max 175 nA max
|IOUT - IS|
K S
VS = -10 V, VOUT = +10 V and VS = +10 V, VOUT = -10 V VS = -10 V, VOUT = +10 V and VS = +10 V, VOUT = -10 V AD7501/02: Enable LOW AD7503: Enable HIGH VS = 0
DIGITAL CONTROL VINL VINH IINL or IINH CIN DYNAMIC CHARACTERISTICS tON tOFF CS COUT CSOUT CSS Between Any Two Switches POWER SUPPLY IDD ISS IDD ISS
All All All All
0.8 V max 2.4 V min 10 nA typ 3 pF typ 10 nA typ 3 pF typ
0.8 V max 2.4 V min
All All All All All All
OFF OFF OFF OFF
0.8 s typ 0.8 s typ 5 pF typ 30 pF typ 0.5 pF typ 0.5 pF typ
0.8 s typ 0.8 s typ 5 pF typ 15 pF typ 0.5 pF typ 0.5 pF typ
VIN = 0 to +5.0 V (See Test Circuit 2)
All All All All
500 A max 500 A max 800 A max 800 A max
500 A max 500 A max 800 A max 800 A max
500 A max 500 A max 800 A max 800 A max
500 A max 500 A max 800 A max 800 A max
All Digital Inputs Low All Digital Inputs High
NOTES 1 KN version specified for 0C to +70C, KQ version for -25C to +85C; and SQ, SE versions for -55C to +125C. Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
(TA = +25C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +17 V VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -17 V V Between Any Switch Terminals1 . . . . . . . . . . . . . . . . . 25 V Digital Input Voltage Range . . . . . . . . . . . . . . . VDD to GND Overvoltage at VOUT (VS) . . . . . . . . . . . . . . . . . . . . . . VSS, VDD Switch Current (IS, Continuous One Channel) . . . . . . .35 mA Switch Current (IS, Surge One Channel) 1 ms Duration, 10% Duty Cycle . . . . . . . . . . . . . . . 50 mA Power Dissipation (Any Package) Up to +75C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW Derates above +75C by . . . . . . . . . . . . . . . . . . . 6 mW/C
Operating Temperature Commercial (KN Version) . . . . . . . . . . . . . . . 0C to +70C Industrial (KQ Version) . . . . . . . . . . . . . . . -25C to +85C Extended (SQ, SE Versions) . . . . . . . . . . -55C to +125C Storage Temperature . . . . . . . . . . . . . . . . . . -65C to +150C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300C
CAUTION 1 Do not apply voltages higher than V DD and V SS to any other terminal, especially when VSS = VDD = 0 V all other pins should be at 0 V.
2
The digital control inputs are diode protected; however, permanent damage may occur on unconnected units under high energy electrostatic fields. Keep unused units in conductive foam at all times.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7501, AD7502, and AD7503 feature proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
-2-
REV. B
AD7501/AD7502/AD7503
ORDERING GUIDE PIN CONFIGURATIONS
Modell AD7501KN AD7501KQ AD7501SQ AD7501SE AD7502KN AD7502KQ AD7502SQ AD7502SE AD7503KN AD7503KQ AD7503SQ AD7503SE
Temperature Range 0C to +70C -25C to +85C -55C to +125C -55C to +125C 0C to +70C -25C to +85C -55C to +125C -55C to +125C 0C to +70C -25C to +85C -55C to +125C -55C to +125C
Package Options2 N-16 Q-16 Q-16 E-20A N-16 Q-16 Q-16 E-20A N-16 Q-16 Q-16 E-20A
PDIP
CERDIP
LCC
NOTES 1 To order MIL-STD-883, Class B processed parts, add/883B to part number. See the Analog Devices' 1990 Military Databook for military data sheet. 2 E = LCC; N = PDIP; Q = CERDIP.
Typical Performance Characteristics
Figure 1a. RON vs. VS At Different Power Supplies
Figure 2a. Digital Threshold Voltage (VINH, VINL) vs. Power Supply
Figure 3. tON, tOFF vs. Digital Input Voltage
Figure 1b. RON vs. VS At Different Temperatures
Figure 2b. Digital Threshold Voltage (VINH, VINL) vs. Temperature
Figure 4. Power Dissipation vs. Logic Frequency (50% Duty Cycle)
REV. B
-3-
AD7501/AD7502/AD7503 TYPICAL SWITCHING CHARACTERISTICS
TEST CIRCUIT 1 OUTLINE DIMENSIONS 16-Lead Plastic Dual In-Line Package [PDIP] (N-16)
Dimensions shown in inches and (millimeters)
0.785 (19.94) 0.765 (19.43) 0.745 (18.92)
16 1 9 8
0.295 (7.49) 0.285 (7.24) 0.275 (6.99)
0.100 (2.54) BSC 0.015 (0.38) MIN 0.180 (4.57) MAX 0.150 (3.81) 0.130 (3.30) 0.110 (2.79)
0.325 (8.26) 0.310 (7.87) 0.300 (7.62)
0.150 (3.81) 0.135 (3.43) 0.120 (3.05)
1 s/DIV
1 s/DIV
0.022 (0.56) 0.018 (0.46) 0.014 (0.36)
0.060 (1.52) SEATING PLANE 0.050 (1.27) 0.045 (1.14)
0.015 (0.38) 0.010 (0.25) 0.008 (0.20)
COMPLIANT TO JEDEC STANDARDS MO-095AC CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
16-Lead Ceramic Dual In-Line Package [CERDIP] (Q-16)
Dimensions shown in inches and (millimeters)
TEST CIRCUIT 2
0.005 (0.13) MIN PIN 1
0.098 (2.49) MAX
16 9
0.310 (7.87) 0.220 (5.59)
1
8
0.200 (5.08) MAX
0.840 (21.34) MAX
0.060 (1.52) 0.015 (0.38) 0.150 (3.81) MIN
0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20)
0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36)
0.100 (2.54) BSC
0.070 (1.78) SEATING PLANE 0.030 (0.76)
15 0
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
1 s/DIV
1 s/DIV
20-Terminal Ceramic Leadless Chip Carrier [LCC] (E-20A)
Dimensions shown in inches and (millimeters)
0.075 (1.91) REF 0.095 (2.41) 0.075 (1.90)
19 18 20 1
0.100 (2.54) 0.064 (1.63)
3 4
0.200 (5.08) REF 0.100 (2.54) REF 0.015 (0.38) MIN 0.028 (0.71) 0.022 (0.56) 0.050 (1.27) BSC
1 s/DIV
0.358 (9.09) 0.342 (8.69) SQ
0.358 (9.09) MAX SQ
0.011 (0.28) 0.007 (0.18) R TYP 0.075 (1.91) REF 0.055 (1.40) 0.045 (1.14)
BOTTOM VIEW
14 13 8 9
0.088 (2.24) 0.054 (1.37)
45 TYP 0.150 (3.81) BSC
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
-4-
REV. B
C01129-0-7/03(B)


▲Up To Search▲   

 
Price & Availability of AD7502JN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X