Part Number Hot Search : 
960T63 SN510 SBL3030 25AC60AM C5202 LM340 PC554C KA2206BN
Product Description
Full Text Search
 

To Download 851-99-016-30-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 850
12
PCB connectors 1.27 mm Single row / double row Surface mount
Ultraminiature PCB receptacles, surface mount Grid spacing 1.27 x1.27 mm Receptacles for pins 0.35-0.45 mm For corresponding connectors see pages 13, 14 and 15
Platings 91 93 99
Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb
Clip 0.25 m Au 0.75 m Au 5 m Sn Pb
Pin
Ordering information Replace xxx with the number of poles, e.g. 853-91-xxx-30-001 for a double row version with 8 pins per row becomes: 853-91-016-30-001
851-91-xxx-40-001 851-93-xxx-40-001 851-99-xxx-40-001
SMD receptacle: single row, parallel mount Availability from: 1 to 50 contacts Standard number of contacts 25 and 50
851-91-xxx-30-001 851-93-xxx-30-001 851-99-xxx-30-001
SMD receptacle: single row, perpendicular mount Availability from: 3 to 50 contacts Standard number of contacts single row: 25 and 50
853-91-xxx-30-001 853-93-xxx-30-001 853-99-xxx-30-001
SMD receptacle: double row, perpendicular mount Availability from: 4 to 100 contacts Standard number of contacts 50 and 100
853-91-xxx-30-002 853-93-xxx-30-002 853-99-xxx-30-002
SMD receptacle: double row with 2.54 mm distance, perpendicular row to row mount Availability from: 4 to 100 contacts Standard number of contacts 100 On request with positioning pins


▲Up To Search▲   

 
Price & Availability of 851-99-016-30-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X