Part Number Hot Search : 
38001 5359B 2SA2047 03518 002000 FAN53418 SKY65 LM9013G
Product Description
Full Text Search
 

To Download 831-99-016-30-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 830
20
PCB connectors 2.0 mm Single row / double row Surface mount
"Hard metric" PCB receptacles and pin connectors, surface mount Grid spacing 2.0 x2.0 mm Receptacles for pins 0.40-0.56 mm Screw machined pins 0.46-0.47 mm For corresponding connectors see pages 18, 19 and 21
Platings 10 90 91 93 99
Sleeve
Clip
Pin 0.25 m Au 5 m Sn Pb
Ordering information Replace xxx with the number of poles, e.g. 833-91-xxx-30-001 for a double row version with 8 pins per row becomes: 833-91-016-30-001
5 m Sn Pb 5 m Sn Pb 5 m Sn Pb
0.25 m Au 0.75 m Au 5 m Sn Pb
830-10-xxx-30-001 830-90-xxx-30-001
SMD pin connector: single row, perpendicular mount Availability from: 3 to 50 contacts Standard number of contacts 50
832-10-xxx-30-001 832-90-xxx-30-001
SMD pin connector: double row, perpendicular mount Availability from: 4 to 100 contacts Standard number of contacts 100
831-91-xxx-30-001 831-93-xxx-30-001 831-99-xxx-30-001
SMD receptacle: single row, perpendicular mount Availability from: 3 to 50 contacts Standard number of contacts 50
833-91-xxx-30-001 833-93-xxx-30-001 833-99-xxx-30-001
SMD receptacle: double row, perpendicular mount Availability from: 4 to 100 contacts Standard number of contacts 100


▲Up To Search▲   

 
Price & Availability of 831-99-016-30-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X