Part Number Hot Search : 
GI7918A KU325N RL102GP SMDJ90A 34063 00022 V630M 74AHC1
Product Description
Full Text Search
 

To Download 74LVX08SJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVX08 Low Voltage Quad 2-Input AND Gate
May 1993 Revised March 1999
74LVX08 Low Voltage Quad 2-Input AND Gate
General Description
The LVX08 contains four 2-input AND gates. The inputs tolerate voltages up to 7V allowing the interface of 5V systems to 3V systems.
Features
s Input voltage level translation from 5V to 3V s Ideal for low power/low noise 3.3V applications s Guaranteed simultaneous switching noise level and dynamic threshold performance
Ordering Code:
Order Number 74LVX08M 74LVX08SJ 74LVX08MTC Package Number M14A M14D MTC14 Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Pin Names An , Bn On Description Inputs Outputs
(c) 1999 Fairchild Semiconductor Corporation
DS011602.prf
www.fairchildsemi.com
74LVX08
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Diode Current (IIK) VI = -0.5V DC Input Voltage (VI) DC Output Diode Current (IOK) VO = -0.5V VO = VCC + 0.5V DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current (ICC or IGND) Storage Temperature (TSTG) Power Dissipation Lead Temperature (TL) (Soldering, 10 seconds) 240C 50 mA -65C to +150C 180 mW 25 mA -20 mA +20 mA -0.5V to VCC + 0.5V -20 mA -0.5V to 7V -0.5V to +7.0V
Recommended Operating Conditions (Note 2)
Supply Voltage (VCC) Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Input Rise and Fall Time (t/V) 2.0V to 3.6V 0V to 5.5V 0V to VCC -40C to +85C 0 ns/V to 100 ns/V
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH Parameter HIGH Level Input Voltage VCC 2.0 3.0 3.6 VIL LOW Level Input Voltage 2.0 3.0 3.6 VOH HIGH Level Output Voltage 2.0 3.0 3.0 VOL LOW Level Output Voltage 2.0 3.0 3.0 IIN ICC Input Leakage Current Quiescent Supply Current 3.6 3.6 1.9 2.9 2.58 0.0 0.0 0.1 0.1 0.36 0.1 2.0 2.0 3.0 TA = +25C Min 1 2.0 2.4 0.5 0.8 0.8 1.9 2.9 2.48 0.1 0.1 0.44 1.0 20.0 A A V V Typ Max TA = -40C to +85C Min 1.5 2.0 2.4 0.5 0.8 0.8 VIN = VIL or VIH IOH = -50 A IOH = -50 A IOH = -4 mA VIN = V IL or VIH IOL = 50 A IOL = 50 A IOL = 4 mA VIN = 5.5V or GND VIN = VCC or GND V V Max Units Conditions
Noise Characteristics (Note 3)
Symbol VOLP VOLV VIHD VILD Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Input Voltage Maximum LOW Level Dynamic Input Voltage VCC (V) 3.3 3.3 3.3 3.3 TA = 25C Typ 0.3 -0.3 Limit 0.5 -0.5 2.0 0.8 Units V V V V CL (pF) 50 50 50 50
Note 3: Input tr = tf = 3 ns
www.fairchildsemi.com
2
74LVX08
AC Electrical Characteristics
Symbol tPLH tPHL 3.3 0.3 tOSLH tOSHL Output to Output Skew (Note 4) 2.7 3.3 Parameter Propagation Delay Time VCC (V) 2.7 TA = +25C Min Typ 6.3 8.8 4.8 7.3 Max 11.4 14.9 7.1 10.6 1.5 1.5 TA =-40C to +85C Min 1.0 1.0 1.0 1.0 Max 13.5 17.0 8.5 12.0 1.5 1.5 ns ns Units CL (pF) 15 50 15 50 50
Note 4: Parameter guaranteed by design. tOSLH = |t PLHm - tPLHn|, tOSHL = |t PHLm - tPHLn|
Capacitance
Symbol CIN CPD Input Capacitance Power Dissipation Capacitance (Note 5)
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Parameter Min
TA = +25C Typ 4 18 Max 10
TA = -40C to +85C Min Max 10
Units pF pF
3
www.fairchildsemi.com
74LVX08
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow Package Number M14A
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
www.fairchildsemi.com
4
74LVX08 Low Voltage Quad 2-Input AND Gate
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of 74LVX08SJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X