Part Number Hot Search : 
14600 10100 AP431 1GPBF 68027 ISL5500 100SG 62000
Product Description
Full Text Search
 

To Download 5962F9672401VXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACS573MS
January 1996
Radiation Hardened Octal Three-State Transparent Latch
Pinouts
20 LEAD CERAMIC DUAL-IN-LINE MIL-STD-1835 DESIGNATOR, CDIP2-T20, LEAD FINISH C TOP VIEW
OE D0 D1 D2 D3 D4 D5 1 2 3 4 5 6 7 8 9 20 VCC 19 Q0 18 Q1 17 Q2 16 Q3 15 Q4 14 Q5 13 Q6 12 Q7 11 LE
Features
* Devices QML Qualified in Accordance with MIL-PRF-38535 * Detailed Electrical and Screening Requirements are Contained in SMD# 5962-96724 and Intersil's QM Plan * 1.25 Micron Radiation Hardened SOS CMOS * Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si) * Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day (Typ) * SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg * Dose Rate Upset . . . . . . . . . . . . . . . . >10 * Dose Rate Survivability . . . . . . . . . . . >10 * Latch-Up Free Under Any Conditions * Military Temperature Range . . . . . . . . . . . . . . . . . . -55
oC 11 12
RAD (Si)/s, 20ns Pulse RAD (Si)/s, 20ns Pulse to +125oC
D6 D7
* Significant Power Reduction Compared to ALSTTL Logic * DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V * Input Logic Levels - VIL = 30% of VCC Max - VIH = 70% of VCC Min * Input Current 1A at VOL, VOH * Fast Propagation Delay . . . . . . . . . . . . . . . . 17ns (Max), 12ns (Typ)
GND 10
20 LEAD CERAMIC FLATPACK MIL-STD-1835 DESIGNATOR, CDFP4-F20, LEAD FINISH C TOP VIEW
Description
OE 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 LE
The Intersil ACS573MS is a Radiation Hardened Octal Transparent Latch with an active low output enable. The outputs are transparent to the inputs when the latch enable (LE) is High. When the latch goes low the data is latched. The output enable controls the three-state outputs. When the output enable pins (OE) are high the output is in a high impedance state. The latch operation is independent of the state of output enable. The ACS573MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of a radiation hardened, high-speed, CMOS/SOS Logic family. The ACS573MS is supplied in a 20 lead Ceramic Flatpack (K suffix) or a
D0 D1 D2 D3 D4 D5 D6 D7 GND
Ordering Information
PART NUMBER 5962F9672401VRC 5962F9672401VXC ACS573D/Sample ACS573K/Sample ACS573HMSR TEMPERATURE RANGE -55oC to +125oC -55oC to +125oC 25oC 25oC 25oC SCREENING LEVEL MIL-PRF-38535 Class V MIL-PRF-38535 Class V Sample Sample Die PACKAGE 20 Lead SBDIP 20 Lead Ceramic Flatpack 20 Lead SBDIP 20 Lead Ceramic Flatpack Die
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
Spec Number
1
518893 File Number 4093
ACS573MS Functional Diagram
1 OF 8 IDENTICAL CIRCUITS
VCC LE Dn p n LE LE p n LE OE n VSS Qn OE p
COMMON CONTROLS
LE LE
LE OE OE
OE
TRUTH TABLE OE L L L L H LE H H L L X DATA H L l h X OUTPUT H L L H Z
NOTE: L = Low Logic Level, H = High Logic Level, X = Don't Care, Z = High Impedance, l = Low Voltage Level Prior to High-to-Low Latch Enable Transition, h = High Voltage Level Prior to High-to-Low Latch Enable Transition.
Spec Number 2
518893
ACS573MS Die Characteristics
DIE DIMENSIONS: 102 mils x 102 mils 2,600mm x 2,600mm METALLIZATION: Type: AlSi Metal 1 Thickness: 7.125kA 1.125kA Metal 2 Thickness: 9kA 1kA GLASSIVATION: Type: SiO2 Thickness: 8kA 1kA WORST CASE CURRENT DENSITY: <2.0 x 105 A/cm2 BOND PAD SIZE: > 4.3 mils x 4.3 mils > 110m x 110m
Metallization Mask Layout
ACS573MS
(20) VCC
(19) Q0
(18) Q1
(1) OE
(3) D1
(2) D0
D2 (4)
(17) Q2
D3 (5)
(16) Q3
NC
NC
NC
NC
D4 (6)
(15) Q4
D5 (7)
(14) Q5
LE (11)
GND (10)
Q7 (12)
Q6 (13)
D6 (8)
D7 (9)
Spec Number 3
518893
ACS573MS
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. Taiwan Limited 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
Spec Number 4


▲Up To Search▲   

 
Price & Availability of 5962F9672401VXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X