Part Number Hot Search : 
SD335 LB1413 PC1002 IRFP3 MC4053 C3500 100BGC LVC1G32
Product Description
Full Text Search
 

To Download 4116R-R2R-503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R/2R Ladder Networks
R/2R Ladder Networks are available in both DIP and SIP (Molded or Conformal) configurations.
OUT 16 16-PIN 8-BIT DIP RT 9
taken from the R/2R ladder. This terminal (OUT) is commonly used to drive an operational amplifier. RT (the terminating resistor) is always connected to ground. Standard R/2R Ladder Networks have a resistance tolerance of 2.0% (1.0% available on all but low profile SIPs).
15
14
13
12
11
10
R 2R 1 1 MSB 2 2
R 2R 3 3
R 2R 4 4
R 2R 5 5
R 2R 6 6
R 2R 7 7
R 2R 8
2R
2R
Standard R/2R Ladder Networks Availability is as follows: DIP/SMD 14 Pin - 7 Bit 16 Pin - 8 Bit SIP-CONFORMAL 6 Pin - 4 Bit 7 Pin - 5 Bit 8 Pin - 6 Bit 9 Pin - 7 Bit 10 Pin - 8 Bit 11 Pin - 9 Bit 12 Pin -10 Bit 14 Pin -12 Bit SIP MOLDED 6 Pin - 4 Bit 8 Pin - 6 Bit 10 Pin - 8 Bit
PIN BIT
8 LSB
10-PIN 8-BIT SIP
R 2R 2 1 MSB 3 2
R 2R 4 3
R 2R 5 4
R 2R 6 5
R 2R 7 6
R 2R 8 7
R 2R 9 8 LSB 2R 10 RT 2R
PIN 1 BIT OUT
The R/2R Ladder Network is commonly used for Digital to Analog (D/A) conversions and Analog to Digital (A/D) conversion by successive approximations. The bits of the ladder are the points at which input signals are presented to the ladder and the output terminal (OUT) is the point at which the output is
Resistor Power Ratings @ 70 C Low Profile SIP & DIP .................................................... Medium Profile SIP ........................................................ High Profile SIP ..............................................................
.125W .170W .200W
How To Order R/2R Ladder Networks
41 16 R - R2R - 503 Model (41 = Molded DIP) (43 = Molded SIP) (44 = Wide Body SMD) (46 = Conformal SIP) (48 = SMD) Number of Pins Physical Configuration (R = Low Profile - Molded) (X = Low Profile - Conformal) (M = Medium Profile) (H = High Profile) (P = Medium Body SOIC) Electrical Configuration * R2R = R/2R Ladder Network Resistance/Capacitance Code (For value of R). 2R is double this value. * First 2 digits are significant. * Third digit represents the number of zeros to follow.
Specifications are subject to change without notice.
331


▲Up To Search▲   

 
Price & Availability of 4116R-R2R-503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X