Part Number Hot Search : 
BAR6404W EA09310 UPA507TE FX202QAK 55GN01FA R1EX24 15400 ST92F120
Product Description
Full Text Search
 

To Download 2SK3335 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN7216
2SK3335
N-Channel Silicon MOSFET
2SK3335
Ultrahigh-Speed Switching Applications
Features
* *
Package Dimensions
unit : mm 2083B
[2SK3335]
6.5 5.0 4
1.5
Low ON-resistance. 4V drive.
2.3
0.5
0.85 0.7
0.8 1.6
5.5
7.0
1.2
7.5
0.6 1 2 3
0.5
1 : Gate 2 : Drain 3 : Source 4 : Drain
2.3
2.3
SANYO : TP
unit : mm 2092B
[2SK3335]
6.5 5.0 4 2.3
1.5
0.5
5.5
7.0
0.85 1 0.6
0.8
0.5 2 3
2.5
1.2
1.2 0 to 0.2
1 : Gate 2 : Drain 3 : Source 4 : Drain SANYO : TP-FA
2.3
2.3
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
50902 TS IM TA-2237 No.7216-1/4
2SK3335 Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% Tc=25C Conditions Ratings 60 20 8 32 1 15 150 --55 to +150 Unit V V A A W W C C
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on) RDS(on) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions ID=1mA, VGS=0 VDS=60V, VGS=0 VGS= 16V, VDS=0 VDS=10V, ID=1mA VDS=10V, ID=4A ID=4A, VGS=10V ID=4A, VGS=4V VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=10V, VGS=10V, ID=8A VDS=10V, VGS=10V, ID=8A VDS=10V, VGS=10V, ID=8A IS=8A, VGS=0 1.0 3.8 5.5 115 150 220 75 25 6 15 25 15 8 1.5 2 0.95 1.2 150 210 Ratings min 60 10 10 2.4 typ max Unit V
A A
V S m m pF pF pF ns ns ns ns nC nC nC V
Switching Time Test Circuit
VIN 10V 0V VIN ID=4A RL=7.5 VDD=30V
D
PW=10s D.C.1%
VOUT
G
2SK3335 P.G 50
S
No.7216-2/4
2SK3335
10 9 8
ID -- VDS
8. 0V
6.0 V
18 16
ID -- VGS
C
6
=-25 C 75 C
5
Drain Current, ID -- A
7 6 5 4 3 2 1 0 0 0.2 0.4 0.6
5.0
10 8 6 4
4.0V
3.0V VGS=2.5V
0.8 1.0 1.2 IT04480
2 0 0 1 2 3 4 7 IT04481
Drain-to-Source Voltage, VDS -- V
400
RDS(on) -- VGS
Drain-to-Source Voltage, VGS -- V
400
RDS(on) -- Tc
Static Drain-to-Source On-State Resistance, RDS(on) -- m
350 300 250 200 150 100 50 0 0 2 4 6 8 10 12 14 16
Static Drain-to-Source On-State Resistance, RDS(on) -- m
Tc=25C ID=4A
Tc
V
Drain Current, ID -- A
10
.0
V
14 12
350 300 250 200 150 100 50 0 --60
ID=4A VGS=4V
18
20
--40
--20
0
20
40
60
80
100
25
120 140 IT04483 1.2 IT04485
Gate-to-Source Voltage, VGS -- V
10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 0.001 2 3 5 70.01 23 5 7 0.1 23 5 7 1.0 23
| yfs | -- ID
25 C
IT04482 3 2
Case Temperature, Tc -- C
IF -- VSD
VGS=0
Forward Transfer Admittance, | yfs | -- S
VDS=10V Forward Drain Current, IF -- A
10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
Tc
=
75
5 7 10 IT04484
0.01 0.2
0.4
0.6
75 C 25 C --25 C
0.8
--
C 25
C
Tc=
1.0
Drain Current, ID -- A
7 5 3
Ciss, Coss, Crss -- VDS
f=1MHz Gate-to-Source Voltage, VGS -- V
Diode Forward Voltage, VSD -- V
12
VGS -- Qg
VDS=10V ID=8A
10
Ciss, Coss, Crss -- pF
2
Ciss
8
100 7 5 3 2
Coss
6
4
Crss
2
10 0 10 20 30 40 50 60 70 IT04486
0 0 1 2 3 4 5 6 7 8 IT04487
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Gg -- nC
No.7216-3/4
2SK3335
2 100
SW Time -- ID
VDD=30V VGS=10V
Drain Current, ID -- A
Switching Time, SW Time -- ns
7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
ASO
IDP=32A ID=8A <10s 10 0 s 1m s 1 1 0m DC 00m s s op er ati on
7 5 3 2 10 7 5
td(off)
tf
td(on) tr
3 2 1.0 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3
Operation in this area is limited by RDS(on). Tc=25C Single pulse
5 7 0.1 23 5 7 1.0 23 5 7 10 23
0.01 0.01 2 3
Drain Current, ID -- A
1.2
IT04488 20
PD -- Ta
Drain-to-Source Voltage, VDS -- V
5 7 100 IT04489
PD -- Tc
Allowable Power Dissipation, PD -- W
1.0
Allowable Power Dissipation, PD -- W
18 16 15 14 12 10 8 6 4 2 0 0 20 40 60 80 100 120 140 160
0.8
0.6
0.4
0.2
0 0 20 40 60 80 100 120 140 160
Ambient Temperature, Ta -- C
IT04491
Case Temperature, Tc -- C
IT04490
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of May, 2002. Specifications and information herein are subject to change without notice.
PS No.7216-4/4
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SK3335

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X