Part Number Hot Search : 
STZ8160C TDA1574 4740A MT1210 120N1T CF601M 30N45T ML4869
Product Description
Full Text Search
 

To Download 2SB1559 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (7 0 ) E
Darlington
sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SB1559 -160 -150 -5 -8 -1 80(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
2SB1559
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=-160V VEB=-5V IC=-30mA VCE=-4V, IC=-6A IC=-6A, IB=-6mA IC=-6A, IB=-6mA VCE=-12V, IE=1A VCB=-10V, f=1MHz 2SB1559 -100max -100max -150min 5000min -2.5max -3.0max 65typ 160typ V V MHz pF
20.0min 4.0max 3
B
Equivalent circuit
C
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SD2389)
Application : Audio, Series Regulator and General Purpose
(Ta=25C) Unit
5.00.2
External Dimensions MT-100(TO3P)
15.60.4 9.6 2.0 1.8 4.80.2 2.00.1
A A
19.90.3
V
4.0
a b
o3.20.1
2
1.05 +0.2 -0.1 5.450.1 B C E 5.450.1
0.65 +0.2 -0.1 1.4
hFE Rank O(5000 to 12000), P(6500 to 20000), Y(15000 to 30000)
sTypical Switching Characteristics (Common Emitter)
VCC (V) -60 RL () 10 IC (A) -6 VBB1 (V) -10 VBB2 (V) 5 IB1 (mA) -6 IB2 (mA) 6 ton (s) 0.7typ tstg (s) 3.6typ tf (s) 0.9typ
Weight : Approx 6.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
m A
VCE( sat ) - I B Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) -3
I C - V BE Temperature Characteristics (Typical)
-8 (V C E= -4V)
-2
-8
mA
.5
-10
-2.0
mA
- 1 .8 m
A
A - 1 .5 m -1. 3m A
-1 .0 mA
-0.8m A
Collector Current I C( A)
Collector Current I C( A)
-6
-6
-2
-8A -6A I C= -4A
-4
-0.5m A
-4
p) Tem
emp se T (Ca
(Ca
se
IB=-0.3mA
-2
-1
C
-2
25C
125
0
0
-2
-4
-6
0 -0.2
-0.5 -1
-5
-10
-50 -100 -200
0
0
-1
-30
C (
Cas
e Te
mp)
)
-2
-3
Collector-Emitter Voltage V C E( V)
Base Current I B( mA)
Base-Emittor Voltage V B E( V)
(V C E= -4V) 40,000 DC C urrent G ain h FE DC C urrent G ain h FE 50000 125C
(V C E= -4V)
j- a( C/W)
hFE - IC Characteristics (Typical)
hFE - I C Temperature Characteristics (Typical)
j-a - t Characteristics
4
Typ
25C 10000 -30C 5000
10,000
Transient Thermal Resistance
1
5,000
0.5
2,000 -0.2
-0.5
-1 Collector Current I C( A)
-5
-8
1000 -0.2
0.2 -0.5 -1 -5 -8 Collector Current I C( A)
1
5
10
50 100 Time t(ms)
500 1000 2000
fT - IE Characteristics (Typical)
(V C E= -12V) 100 -20 -10 Cu t-of f Fr eque ncy f T( MH Z) 80 Collector Curr ent I C( A)
Safe Operating Area (Single Pulse)
80
10
0m s
P c - T a Derating
m
s
-5
Typ
60
D
M aximu m Power Dissipat io n P C( W)
10
C
60
W ith In fin ite he
-1 -0.5 Without Heatsink Natural Cooling -0.1
40
at si nk
40
20
20
Without Heatsink 0 0.02 0.05 0.1 0.5 1 5 8 -0.05 -2 -5 -10 -50 -100 -200 3.5 0 0 25 50 75 100 125 150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
46


▲Up To Search▲   

 
Price & Availability of 2SB1559

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X