Part Number Hot Search : 
UNR1215 MCH6341 ZTB973E X9511 HZK6A1L BUX9803 HZK6A1L BR1010
Product Description
Full Text Search
 

To Download 1N5296 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
Current Regulator Diodes
Field-effect current regulator diodes are circuit elements that provide a current essentially independent of voltage. These diodes are especially designed for maximum impedance over the operating range. These devices may be used in parallel to obtain higher currents. Manufacturing Locations: WAFER FAB: Phoenix, Arizona ASSEMBLY/TEST: Phoenix, Arizona
1N5283 through 1N5314
CURRENT REGULATOR DIODES
CASE 51-02
MAXIMUM RATINGS
Rating Peak Operating Voltage (TJ = -55C to +200C) Steady State Power Dissipation @ TL = 75C Derate above TL = 75C Lead Length = 3/8 (Forward or Reverse Bias) Operating and Storage Junction Temperature Range Symbol POV PD 600 4.8 mW mW/C Value 100 Unit Volts
TJ, Tstg
-55 to +200
C
1.5 Watt DC Power Data Sheet 9-2
Motorola TVS/Zener Device Data
1N5283 through 1N5314
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Regulator Current IP (mA) @ VT = 25 V Type No. Nom 0.22 0.24 0.27 0.30 0.33 0.39 0.43 0.47 0.56 0.62 0.68 0.75 0.82 0.91 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.80 2.00 2.20 2.40 2.70 3.00 3.30 3.60 3.90 4.30 4.70 Min 0.198 0.216 0.243 0.270 0.297 0.351 0.387 0.423 0.504 0.558 0.612 0.675 0.738 0.819 0.900 0.990 1.08 1.17 1.26 1.35 1.44 1.62 1.80 1.98 2.16 2.43 2.70 2.97 3.24 3.51 3.87 4.23 Max 0.242 0.264 0.297 0.330 0.363 0.429 0.473 0.517 0.616 0.682 0.748 0.825 0.902 1.001 1.100 1.21 1.32 1.43 1.54 1.65 1.76 1.98 2.20 2.42 2.64 2.97 3.30 3.63 3.96 4.29 4.73 5.17 Minimum Dynamic Impedance @ VT = 25 V ZT (M) 25.0 19.0 14.0 9.00 6.60 4.10 3.30 2.70 1.90 1.55 1.35 1.15 1.00 0.880 0.800 0.700 0.640 0.580 0.540 0.510 0.475 0.420 0.395 0.370 0.345 0.320 0.300 0.280 0.265 0.255 0.245 0.235 Minimum Knee Impedance @ VK = 6.0 V ZK (M) 2.75 2.35 1.95 1.60 1.35 1.00 0.870 0.750 0.560 0.470 0.400 0.335 0.290 0.240 0.205 0.180 0.155 0.135 0.115 0.105 0.092 0.074 0.061 0.052 0.044 0.035 0.029 0.024 0.020 0.017 0.014 0.012 Maximum Limiting Voltage @ IL = 0.8 IP (min) VL (Volts) 1.00 1.00 1.00 1.00 1.00 1.05 1.05 1.05 1.10 1.13 1.15 1.20 1.25 1.29 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.75 1.85 1.95 2.00 2.15 2.25 2.35 2.50 2.60 2.75 2.90
1N5283 1N5284 1N5285 1N5286 1N5287
1N5288 1N5289 1N5290 1N5291 1N5292 1N5293 1N5294 1N5295 1N5296 1N5297
1N5298 1N5299 1N5300 1N5301 1N5302
1N5303 1N5304 1N5305 1N5306 1N5307 1N5308 1N5309 1N5310 1N5311 1N5312
1N5313 1N5314
Devices listed in bold, italic are Motorola preferred devices.
Motorola TVS/Zener Device Data
1.5 Watt DC Power Data Sheet 9-3
1N5283 through 1N5314
5 4 ID, DIODE CURRENT (mA) 3 2 1 0 -20 -40 -60 -80 -100 -2 REVERSE ZK @ VK FORWARD IP & ZT @ VT
SYMBOLS AND DEFINITIONS
ID -- Diode Current. IL -- Limiting Current: 80% of IP minimum used to determine Limiting voltage, VL. IP -- Pinch-off Current: Regulator current at specified Test Voltage, VT. POV -- Peak Operating Voltage: Maximum voltage to be applied to device. l -- Current Temperature Coefficient. VAK -- Anode-to-cathode Voltage. VK -- Knee Impedance Test Voltage: Specified voltage used to establish Knee Impedance, ZK. VL -- Limiting Voltage: Measured at IL, VL, together with Knee AC Impedance, ZK, indicates the Knee characteristics of the device. VT -- Test Voltage: Voltage at which IP and ZT are specified. ZK -- Knee AC Impedance at Test Voltage: To test for ZK, a 90 Hz signal VK with RMS value equal to 10% of test voltage, VK, is superimposed on VK: ZK = VK/iK where iK is the resultant ac current due to VK. To provide the most constant current from the diode, ZK should be as high as possible; therefore, a minimum value of ZK is specified. ZT -- AC Impedance at Test Voltage: Specified as a minimum value. To test for ZT, a 90 Hz signal with RMS value equal to 10% of Test Voltage VT, is superimposed on VT.
VL @ IL
POV
+ REVERSE -1 0 20 FORWARD 40 60 80 ANODE 100
- CATHODE 120 140 160
VAK, ANODE-CATHODE VOLTAGE (VOLTS)
Figure 1. Typical Current Regulator Characteristics
JL , JUNCTION-TO-LEAD THERMAL RESISTANCE (C/W)
300
250
APPLICATION NOTE
200 POINT OF LEAD TEMPERATURE MEASUREMENT As the current available from the diode is temperature dependent, it is necessary to determine junction temperature, TJ, under specific operating conditions to calculate the value of the diode current. The following procedure is recommended: Lead Temperature, TL, shall be determined from: TL = LA PD + TA where LA is lead-to-ambient thermal resistance and PD is power dissipation. LA is generally 30-40C/W for the various clips and tie points in common use, and for printed circuit-board wiring. Junction Temperature, TJ, shall be calculated from: TJ = TL + JL PD where JL is taken from Figure 2. For circuit design limits of VAK, limits of PD may be estimated and extremes of TJ may be computed. Using the information on Figures 4 and 5, changes in current may be found. To improve current regulation, keep VAK low to reduce PD and keep the leads short, especially the cathode lead, to reduce JL.
150
100
L L (MOST HEAT CONDUCTION IS THROUGH THE CATHODE LEAD) 0 0.2 0.4 0.6 0.8 1
50
L, LEAD LENGTH (INCHES)
Figure 2. Typical Thermal Resistance
ID, FORWARD DIODE CURRENT (mA)
10 7 5 3 2 1 0.7 0.5
TJ = 25C POV = 100 V (DATA OBTAINED FROM PULSE TESTS)
1N5313 1N5309 1N5305 1N5298 1N5290
0.3 0.2 0.1 0.1 0.2 0.3 0.5 0.7 1 2 3 5 7 10 20 30 50 70 100
VAK, ANODE-CATHODE VOLTAGE (VOLTS)
Figure 3. Typical Forward Characteristics 1.5 Watt DC Power Data Sheet 9-4 Motorola TVS/Zener Device Data
1N5283 through 1N5314
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0.2 RANGE* TYPICAL
I , TEMPERATURE COEFFICIENT (%/ C)
TJ = +25C TO +150C VAK = 25 V IP = I IP(nom) TJ (C) 100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2
3
4
5
IP, NOMINAL PINCH-OFF CURRENT (mA)
Figure 4. Temperature Coefficient
1 I , TEMPERATURE COEFFICIENT (%/ C) 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 2 3 4 5 RANGE* TYPICAL TJ = -55C TO +25C VAK = 25 V IP = I IP(nom) TJ (C) 100
IP, NOMINAL PINCH-OFF CURRENT (mA)
Figure 5. Temperature Coefficient
0.1 0 IP , CURRENT CHANGE (mA) -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1 -1.1 0.2
TYPICAL RANGE* TA = 25C VAK = 40 V, VAK VARIED FROM 10 V TO 50 V IP = IP @ 50 V - IP @ 10 V 1/2 LEAD LENGTH, LA = 30C/W 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 2 3 4 5
IP, NOMINAL PINCH-OFF CURRENT (mA) *90% of the units will be in the ranges shown.
Figure 6. Current Regulation Factor
Devices listed in bold, italic are Motorola preferred devices.
Motorola TVS/Zener Device Data
1.5 Watt DC Power Data Sheet 9-5
1N5283 through 1N5314
Current Regulator Diodes -- Axial Leaded
1.5 Watt DC Power
B
NOTES: 1. PACKAGE CONTOUR OPTIONAL WITHIN DIA B AND LENGTH A. HEAT SLUGS, IF ANY, SHALL BE INCLUDED WITHIN THIS CYLINDER, BUT SHALL NOT BE SUBJECT TO THE MIN LIMIT OF DIA B. 2. LEAD DIA NOT CONTROLLED IN ZONES F, TO ALLOW FOR FLASH, LEAD FINISH BUILDUP, AND MINOR IRREGULARITIES OTHER THAN HEAT SLUGS. MILLIMETERS MIN MAX 5.84 7.62 2.16 2.72 0.46 0.56 -- 1.27 25.40 38.10 INCHES MIN MAX 0.230 0.300 0.085 0.107 0.018 0.022 -- 0.050 1.000 1.500
D K F A F K CASE 51-02 DO-204AA GLASS
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
DIM A B D F K
All JEDEC dimensions and notes apply
MULTIPLE PACKAGE QUANTITY (MPQ) REQUIREMENTS
Package Option Tape and Reel Bulk Type No. Suffix RL (None) MPQ (Units) 2.5K 500
(Refer to Section 10 for more information on Packaging Specifications.)
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
1.5 Watt DC Power Data Sheet 9-6
Motorola TVS/Zener Device Data


▲Up To Search▲   

 
Price & Availability of 1N5296

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X