Part Number Hot Search : 
20010TS 30N06 519410 SF801 15108X 690A51 000X19 MM5416
Product Description
Full Text Search
 

To Download 1N4148SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
1N4148SM
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773
Designer's Data Sheet
FEATURES:
* * * * * * Hyper Fast Recovery: 5 nsec maximum Subminiature Surface Mount Package Round Tab Mounting (Square Tabs Available) Hermetically Sealed Planar Passivated Chip For High Efficiency Applications
200 mAMP 75 VOLTS 5 nsec HYPER FAST RECTIFIER
SURFACE MOUNT ROUND TAB "SM"
* TX, TXV, and Space Level Screening Available
Maximum Ratings
Peak Repetitive Reverse and DC Blocking Voltage
SYMBOL VRRM VRWM VR Io IFSM TOP & TSTG R2JE
VALUE
UNITS
75
Volts
Average Rectified Forward Current (Resistive Load, 60Hz, Sine Wave, TA = 25 oC Peak Surge Current (8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow junction to reach equilibrium between pulses, TA = 25oC) Operating and Storage Temperature Maximum Thermal Resistance Junction to End Tab
200 2 -65 TO +200 0.35
mAmps Amps
o
C
o
C/mW
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0061A
PRELIMINARY
1N4148SM
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773
Electrical Characteristics
Instantaneous Forward Voltage Drop (TA = 25oC, 300 - 500:s Pulse) Instantaneous Forward Voltage Drop (300 - 500:s Pulse) Reverse Leakage Current (TA = 25oC, 300 :s minimum Pulse) Reverse Leakage Current (TA = 150oC, 300 :s minimum Pulse) Junction Capacitance (VR = 1.5VDC, TA = 25oC, f = 1 MHz) Reverse Recovery Time (IF = 10 mA, IR = 10 mA, IRR = 1 mA, TA = 25oC)
CASE OUTLINE: ROUND TAB "SM"
SYMBOL IF = 10mA IF = 100mA IF = 10mA, TA = 150oC IF = 100mA, TA = -55oC VR = 20V VR = 75V VR = 20V VR = 75V VF1 VF2 VF3 VF4 IR1 IR2 IR3 IR4 CJ tRR
MAXIMUM 0.8 1.2 0.8 1.3 25 500 35 75 2.8 5
UNITS VDC VDC nA :A pF nsec
DIMENSIONS DIM A 2x C iB B C MIN. .130" .056" .010" MAX. .146" .064" .022"
A


▲Up To Search▲   

 
Price & Availability of 1N4148SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X