Part Number Hot Search : 
B3916 ADM666A TS9519GS RN142V TLP227 GB71DPBK UN421E HFP5N50S
Product Description
Full Text Search
 

To Download ZXF103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXF103
VARIABLE Q FILTER
DESCRIPTION
The ZXF103 is a versatile analog high Q bandpass filter. It can be configured to provide pass or notch characteristics. The basic filter section requires 2 resistors and 2 capacitors to set the centre frequency. The frequency range is up to 600kHz. Two external resistors control filter Q Factor. The Q can be varied up to 50.
APPLICATIONS
Many filter applications including: -
FEATURES AND BENEFITS
* Centre Frequency up to 1MHz * Variable Q up to 50 * Low distortion * Low noise * Low power 25mW * Devices easily cascaded * Small QSOP16 package
* Sonar and Ultrasonic Systems * Line frequency notch * Signalling * Motion detection * Instrumentation * Low frequency telemetry
ORDERING INFORMATION
PART NUMBER ZXF103Q16 PACKAGE QSOP16 PART MARK ZXF103 PART NUMBER ZXF103Q16TA ZXF103Q16TC CONTAINER Reel 7" 178mm Reel 13" 330mm INCREMENT 500 2500
SYSTEM DIAGRAM
R
C
R
C
Filter Input
ZXF103
Filter Output
PINOUT 1 R2 0V RC2 BIAS RC1 0V C1 FI1
16 GP1 Vcc GP3 GP2 NC Vcc FO FI2
R
Q SET
ISSUE 1 - APRIL 2002 1
ZXF103
ABSOLUTE MAXIMUM RATINGS
Voltage on any pin Operating temperature range Storage temperature 7.0V (relative to 0V) 0 to 70C -55 to 125C
ELECTRICAL CHARACTERISTICS Test Coditions: Temperature =25C, VCC = 5.00V, 0V =0.00V, RL=10k,CL=10pF
GENERAL CHARACTERISTICS Parameter
Operating current Max. operating frequency Q usable range Centre Frequency temperature coefficient Q temperature coefficient Voltage noise Input impedance Linear Output Range Sink current Source current Pin 1 2 3 Name R2 0V RC2 BIAS RC1 0V C1 FI1 FI2 FO Vcc N/C GP2 GP3 Vcc GP1 Output load =10 k Q=30, Q=30, fo = 1kHz fo = 1kHz Vout=1.6V p-p Vout=1.0V p-p 0.5 100 0.1 20 10 15 2 450 450 Function Phase retard node 0 Volts Phase retard node Internal bias generator Phase advance node 0 Volts Phase advance node Filter input mode dependent Filter input, mode dependent Filter output for all modes +5 Volt supply No connection Loop gain node Loop gain node +5 Volt supply Loop gain node 20
Conditions
Min.
Typical
4.0
Max.
5.0 600 1000 50
Units
mA kHz
ppm/C % /C nV/ Hz k V pk-pk A A
1 - 100 kHz
Histogram of Centre Frequency (Fo = 11.80KHz Q = 25)
4 5 6 7
Number of Devices
8 9 10 11 12
11.78 11.79 11.80 11.81 11.82
13 14 15 16
Frequency (KHz)
ISSUE 1 - APRIL 2002 2
ZXF103
Filter Configurations and Responses Notch Filter
AC Filter Performance
0
-8
Fo =
1 2 RC
Gain (dB)
-16
where R=R1=R2 and C=C1=C2 Q R4 R3 2k
-24
-32
where R1,R2,R3 and R4 and C1 and C2 50pF
100K 1M 10M
-40 10K
Frequency (Hz)
270
See "Designing for a value of Q" for more details.
225
Phase (deg)
180
135
90
45 10K
100K
1M
10M
Frequency (Hz)
ISSUE 1 - APRIL 2002 3
ZXF103
Filter Configurations and Responses (Continued) Inverse Notch Filter (with 0dB Stop Band)
AC Filter Performance
30
24
Fo =
1 2 RC
Gain (dB)
18
where R=R1=R2 and C=C1=C2 Q R4 R3 2k
12
6
where R1,R2,R3 and R4 and C1 and C2 50pF
100K 1M 10M
0 10K
Frequency (Hz)
-45
-90
-135
-180
-225
-270 10K
100K
1M
10M
Frequency (Hz)
ISSUE 1 - APRIL 2002 4
ZXF103
Filter Configurations and Responses (Continued) Inverse Notch Filter (with attenuating skirts)
AC Filter Performance
30
20
Fo =
1 2 RC
Gain (dB)
10
where R=R1=R2 and C=C1=C2 Q R4 R3 2k
0
-10
-20 10K
100K
1M
10M
where R1,R2,R3 and R4 and C1 and C2 50pF
Frequency (Hz)
-90
See "Designing for a value of Q" for more details. The skirt `roll off' away from the peak is -20dB/Decade regardless of chosed Q. Typical responses from the circuit with component values derived from the diagram.
-180
Phase (deg)
-270
-360
-450
-540 10K
100K
1M
10M
Frequency (Hz)
ISSUE 1 - APRIL 2002 5
ZXF103
Designing for a value of Q As mentioned on the configuration pages, there is a proportional relationship between the ratio of R4 and R3, and Q. Q R4 R3 Frequency dependant effects must be accounted for in determining the appropriate gain. As the frequency increases, the effective circuit gain reduces. The required gain is nominally two but at higher frequencies it will need to be slightly greater than two in order to compensate for loss of gain and internal phase shifts. This is not really a problem for circuits where the desired Fo remains constant, as the phase shifts are accounted for permanently. For designs where Q is high and Fo is to be `swept', care must be taken that a gain appropriate at the highest frequency does not cause oscillation at the lowest. Variation in Q increases from device to device, as the value of Q increases, due to internal gain spreads.
These resistors define the gain of an inverting amplifier that determines the peak value of gain and therefore the Q of the filter, as Q is described as; Fo Q= -3dBBandwidth This value of required gain is quite critical. As the maximum value of Q is approached, too much gain will cause the filter to oscillate at the centre frequency Fo. A small reduction of gain will cause the value of Q to fall significantly. Therefore, for high values of Q factor or tight tolerances of lower values of Q, the resistor ratio must be trimmed.
ISSUE 1 - APRIL 2002 6
ZXF103
Evaluation Board Schematic
0v
C3
100 nF
C4
5v 100 nF 6.8 k 1 R2 0v RC2 Bias RC1 0v C1 FI 1 GP1 Vcc GP3 GP2 N/C Vcc FO FI 2
C2
330 pF
R2
R3 10 k VR1 2 k R4 22 k C5
Output 100 nF J1 J2 J3
R1
6.8k
C1
330 pF
ZXF103
C6
Input 100 nF
The evaluation board is designed for operation at 70kHz.
Notch Notch Pass 1 Notch Pass 2 J1 and J2 J2 and J3 (0dB Stop Band) J3 only (Attenuating skirts)
ISSUE 1 - APRIL 2002 7
ZXF103
ISSUE 1 - APRIL 2002 8
ZXF103
QSOP16
DIM Millimetres MIN A B C D E F G J K 4.80 0.635 0.23 REF 0.20 3.81 1.35 0.10 5.79 0 0.30 3.99 1.75 0.25 6.20 8 MAX 4.98 Inches MIN 0.189 0.025 NOM 0.009 REF 0.008 0.15 0.053 0.004 0.228 0 0.012 0.157 0.069 0.01 0.244 8 MAX 0.196
Conforms to JEDEC MO-137AB Iss A
(c) Zetex plc 2001
Zetex plc Fields New Road Chadderton Oldham, OL9 8NP United Kingdom Telephone (44) 161 622 4422 Fax: (44) 161 622 4420 Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 Zetex Inc Suite 315 700 Veterans Memorial Highway Hauppauge NY11788 USA Telephone: (631) 360 2222 Fax: (631) 360 8222 Zetex (Asia) Ltd 3701-04 Metroplaza, Tower 1 Hing Fong Road Kwai Fong, Hong Kong China Telephone: (852) 26100 611 Fax: (852) 24250 494
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to www.zetex.com
ISSUE 1 - APRIL 2002 9


▲Up To Search▲   

 
Price & Availability of ZXF103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X