Part Number Hot Search : 
1N522 APTGT1 25616 OPB618 331M1 070906FS M6004 TC74A
Product Description
Full Text Search
 

To Download XP0111F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XP0111F (XP111F)
Silicon PNP epitaxial planar type
(0.425)
Unit: mm
0.12+0.05 -0.02
For switching/digital circuits Features
* Two elements incorporated into one package (Emitter-coupled transistors with built-in resistor) * Reduction of the mounting area and assembly cost by one half
0.200.05 5 4
1.250.10 2.10.1
1
2
3
(0.65) (0.65) 1.30.1 2.00.1 10
Basic Part Number
* UNR211F (UN211F) x 2
0.90.1
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO IC PT Tj Tstg Rating -50 -50 -100 150 150 -55 to +150 Unit V V mA mW C C
1: Base (Tr1) 2: Emitter 3: Base (Tr2) EIAJ: SC-88A
0 to 0.1
0.9+0.2 -0.1
4: Collector (Tr2) 5: Collector (Tr1) SMini5-G1 Package
Marking Symbol: 7O Internal Connection
5 Tr1 4 Tr2
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Emitter-base cutoff current (Collector open) Forward current transfer ratio hFE Ratio * Collector-emitter saturation voltage Output voltage high-level Output voltage low-level Input resistance Resistance ratio Transition frequency Symbol VCBO VCEO ICBO ICEO IEBO hFE hFE(Small
/Large)
1
2
5
3
Conditions IC = -10 A, IE = 0 IC = -2 mA, IB = 0 VCB = -50 V, IE = 0 VCE = -50 V, IB = 0 VEB = -6 V, IC = 0 VCE = -10 V, IC = -5 mA VCE = -10 V, IC = -5 mA IC = -10 mA, IB = - 0.3 mA VCC = -5 V, VB = - 0.5 V, RL = 1 k VCC = -5 V, VB = -2.5 V, RL = 1 k
Min -50 -50
Typ
Max
- 0.1 - 0.5 -1.0 30 0.50 0.99 - 0.25 -4.9 - 0.2 -30% 0.37 4.7 0.47 80 +30% 0.57
VCE(sat) VOH VOL R1 R1 / R 2 fT
VCB = -10 V, IE = 1 mA, f = 200 MHz
MHz
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Ratio between 2 elements Note) The part number in the parenthesis shows conventional part number.
Publication date: February 2004 SJJ00132BED
0.20.1
Unit V V A A mA V V V k
1
XP0111F
PT Ta
250
-240
IC VCE
Ta = 25C IB = -1.0 mA - 0.9 mA - 0.8 mA - 0.7 mA - 0.6 mA
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
-100 IC / IB = 10
Total power dissipation PT (mW)
150
Collector current IC (mA)
200
-200
-10
-160
-120 - 0.5 mA - 0.4 mA - 0.3 mA - 0.2 mA - 0.1 mA -10 -12
-1 Ta = 75C 25C - 0.1 -25C -1 -10 -100
100
-80
50
-40
0
0
0
40
80
120
160
0
-2
-4
-6
-8
- 0.01 - 0.1
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Collector current IC (mA)
hFE IC
Collector output capacitance C (pF) (Common base, input open circuited) ob
160 VCE = -10 V
6
Cob VCB
f = 1 MHz IE = 0 Ta = 25C
IO VIN
-104 VO = -5 V Ta = 25C
Forward current transfer ratio hFE
5
Ta = 75C 25C 80 -25C
4
Output current IO (A)
120
-103
3
-102
2
40
-10
1
0 -1
-10
-100
-1 000
0 - 0.1
-1
-10
-100
-1 - 0.4
- 0.6
- 0.8
-1.0
-1.2
-1.4
Collector current IC (mA)
Collector-base voltage VCB (V)
Input voltage VIN (V)
VIN IO
-100 VO = - 0.2 V Ta = 25C
Input voltage VIN (V)
-10
-1
- 0.1
- 0.01 - 0.1
-1
-10
-100
Output current IO (mA)
2
SJJ00132BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technical information described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2003 SEP


▲Up To Search▲   

 
Price & Availability of XP0111F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X