Part Number Hot Search : 
ON1024 MUN5213 AEXXX 24090 03203 AT30TS STK672 SMB111
Product Description
Full Text Search
 

To Download WJ115F1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJ115F1
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * UL F class rated standard * Small size and light weight, low coil power consumption * Heavy contact load, strong shock and vibration resistance * UL/CUL certified
E197852 26.9 x 31.7 x 20.3 mm
CONTACT DATA
Contact Arrangement Contact Rating 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT N.O. 40A @ 240VAC resistive; 30A @ 277VAC General Purpose 2 hp @ 250VAC N.C. 30A @ 240VAC resistive, 30VDC; 20A @ 277VAC General Purpose 1-1/2 hp @ 250VAC < 30 milliohms initial AgSnO2, AgSnO2In2O3 9600VA, 1120W 277VAC, 110VDC 40A
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
3 5 6 9 12 15 18 24 48 110
3.9 6.5 7.8 11.7 15.6 19.5 23.4 31.2 62.4 140.3
0.6W 15 42 60 135 240 375 540 960 3840 20167
0.9W 10 28 40 90 160 250 360 640 2560 13445
2.25 3.75 4.50 6.75 9.00 10.25 13.50 18.00 36.00 82.50
0.3 0.5 0.6 0.9 1.2 1.5 1.8 2.4 4.8 11.0
.60 .90
15
10
AC COIL PARAMETERS
Coil Voltage VAC
Rated Max. Coil Resistance 10% Pick Up Voltage VAC (max) 75% of rated voltage Release Voltage VAC (min) 30% of rated voltage Coil Power VA Operate Time ms Release Time ms
12 24 110 120 220 240 277
15.6 31.2 143 156 286 312 360
27 120 2360 3040 13490 15320 20210
9.0 18.0 82.5 90 165 180 207
3.6 7.2 33 36 66 72 83.1
2VA
15
10
WJ115F1
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight
100K cycles, typical 10M cycles, typical 100M min @ 500VDC 4000V rms min. @ sea level (With Pin 6 removed) 2500V rms min. @ sea level (With Pin 6) 1500V rms min. @ sea level 200m/s2 for 11ms 1.50mm double amplitude 10-40Hz 10N -55 C to + 125 C -55 C to + 155 C 230 C 2 C for 10 0.5s 30g, 27g (no cover)
ORDERING INFORMATION
1. Series: WJ115F1 2. Contact Arrangement: 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 4. Coil Voltage: 3VDC 5VDC 6VDC 9VDC 12VDC 15VDC 18VDC 24VDC 48VDC 110VDC 12VAC 24VAC 110VAC 120VAC 220VAC 240VAC 277VAC 5. Sealing Options: S = Sealed (standard) N = No cover 6. Option: None = Pin 6 Included 6 = Pin 6 Removed 7. Coil Power: .9 = .9W .6 = .6W Blank = 2VA (AC Coil) 8. Contact Material: Blank = AgSnO2 U = AgSnO2In2O3
WJ115F1
1C
12VDC
S
6
.6
WJ115F1
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
DIMENSIONS (Units = mm)
S = SEALED
N = NO COVER
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
1A
1B
1C
WITH PIN 6
WITHOUT PIN 6


▲Up To Search▲   

 
Price & Availability of WJ115F1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X