Part Number Hot Search : 
6348S EA1532A T201230 CXA1878Q 74HC4049 IPB80N04 N5416A SSR1645C
Product Description
Full Text Search
 

To Download VD5012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ENCODER / DECODER /
VD5012/VD5013/VD5014
1.0 FEATURES
Wide operating voltage (2 - 12V) (2 - 12V) Low standby current 1A typical , 1A On-chip RC oscillator Four time transmission for error checking 4 4,096 combinations encoding capability 4,096 Minimum external components Easy interface with RF, Ultrasonic or Infrared transmission media RF,
2.0 ELECTRICAL CHARATERISTICS VDD = 5V, TA = 25 (unless otherwise specified ) LIMITS PARAMETER SYMBOL MIN Operating Voltage Standby Current Operating Current Source Current (VOH = 4.5V) Sink Current (VOL = 0.5V) Input Current 3.0 APPLICATION Security systems Theft alarm systems Cordless telephone Smoke and fire alarm systems Garage door controller Other remote control systems VDD ISBY IOP IOH IOL
____
UNIT TYP 5 1 1 MAX 12 10 25 V A mA mA mA A
2 -1 1 -
IIN ( TE )

ENCODER / DECODER /
VD5012/VD5013/VD5014
4.0 APPLICATION INFORMATION FOSC(VD5013) = 50FOSC(VD5012) TYP. ROSC(VD5012) = 3M TYP. ROSC(VD5013) = 230K
+VDD 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 DATA IN

ROSC
_____
TRANSMITTER GND RECEIVER +VDD 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10
VD5012
TE

GND
V.T. ROSC
VD5013
D3 D2 D1 D0
ENCODER / DECODER /
VD5012/VD5013/VD5014
FOSC(VD5014) = 50FOSC(VD5012) TYP. ROSC(VD5012) = 3M TYP. ROSC(VD5014) = 230K
+VDD 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10

ROSC
_____
TRANSMITTER GND RECEIVER +VDD 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10
VD5012
TE

V.T. ROSC
VD5014
GND

The IC substrate should be connected to VDD. VDD
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of VD5012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X