Part Number Hot Search : 
MUR860E BUV24 SM0509 RS5C372A NJM23 IDT82V20 1N5369B WM3988TR
Product Description
Full Text Search
 

To Download TS751 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS750-TS758
6A Silicon Rectifiers
Voltage range 50-800 Volts
FEATURES
Plastic material used carries Underwriters Laboratory Classification 94V-0 High forward current capability Diffused junction High surge current capability High temperature soldering guaranteed: 260C/10 seconds, 0.375"(9.5mm) lead length, 5lbs.(2.3kg) tension
P600
MECHANICAL DATA
Cases: Molded plastic body Lead: Plated axial leads, matte-tin plating Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.07 ounce, 2.1 grams
Dimensions in inches and (millimeters)
Pb-free lead finish (second-level interconnect).
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25C ambient temperature unless otherwise specified. Single phase, half wave,60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Parameter
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Non-repetitive Peak Reverse Voltage Maximum Average Forward Rectified Current at TA = 60C, P.C.B. Mounting (Fig. 1) TL= 60C, 0.125"(3.18mm) Lead Length (Fig. 2) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 6.0A @ 100A Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=100C Typical Junction Capacitance ( Note 1 ) Typical Thermal Resistance (Note 2)
Symbol TS750 TS751 TS752 TS754 TS756 TS758
Units
V V V V A
VRRM VRMS VDC VBR I(AV) IFSM VF IR
Cj
50 35 50 60
100 70 100 120
200 140 200 240 6.0 22.0 400 0.95
400 280 400 480
600 420 600 720
800 560 800 1200
A
V
RJA RJL
Operating Junction Temperature Range TJ Storage Temperature Range TSTG Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts 2. Mount on copper pad, size 16mm x 16mm on P.C.B.
1.25 5.0 1000 150 20.0 4.0 -50 to +150 -50 to +150
1.30
uA uA pF C/W
C C
8/26/2004 Rev.1.01
www.SiliconStandard.com
1 of 2
TS750-TS758
RATINGS AND CHARACTERISTIC CURVES
AVERAGE FORWARD RECTIFIED CURRENT. (A)
8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
60 Hz RESISTIVE OR INDUCTIVE LOAD
28 24 20 16
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
L=0.25" (6.35mm) L=0.125" (3.18mm) 60 Hz RESISTIVE OR INDUCTIVE LOAD
GROUND PLANE 1.0 X 1.0" (25.4 X 25.4mm) COPPER SURFACE AREA
L=0.375" (9.5mm)
BOTH LEADS ATTACHED as HEAT SINKS WITH LENGTH as SHOWN, L
0.050"(1.27mm) min. ALTERNATE P.C.B.
12 8.0 4.0 0
L=0.625" (15.8mm)
1.1 x 1.0" (30 x 30Mmm) COPPER PADS
20 40 60 80 100 120
o
140
160
180 200
0
20
40
60
80
100
120
o
140
160
180
200
AMBIENT TEMPERATURE. ( C)
LEAD TEMPERATURE. ( C)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
100
100
FIG.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT MICROAMPERES
INSTANTANEOUS FORDWARD CURRENT AMPERES
10
Tj=125 0C
10
Tj=100 0C
1
1
Tj=25 0C
0.1
0.1
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
0.01
0
20
40
60
80
100
120
140
0.01 0.6
0.8
1.0
1.2
1.4
1.6
1.8
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5- MAXIMUM PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT AMPERES
VRRM may be APPLIED BETWEEN EACH CYCLE of SURGE, the Tj NOTED is Tj PRIOR to SURGE
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
TRANSIENT THERMAL IMPEDANCE, OC/W
100
600
NON -RE PET ITIV E
Tj=25 0C
10
Tj=1 50 0C
100
1
0
0.1
1.0 NUMBER OF CYCLES AT 60Hz
10
0.1 0.01
0.1
1 T, PULSE DURATION, sec.
10
100
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
8/26/2004 Rev.1.01
www.SiliconStandard.com
2 of 2


▲Up To Search▲   

 
Price & Availability of TS751

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X