|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TLUV5300 Vishay Telefunken Bicolor LED in o 5 mm Untinted Diffused Package Color Orange red Green Type TLUV5300 TLUV5300G Technology GaAsP on GaP GaP on GaP Angle of Half Intensity o 30 30 Features D D D D D D D D Even luminance of the emitting surface Ideal as flush mounted panel indicators For DC and pulse operation Color mixing possible due to separate anode terminals Luminous intensity selected into groups Categorized for green color Wide viewing angle Common cathode 94 8388 Applications Indicating and illumination purposes Absolute Maximum Ratings Tamb = 25_C, unless otherwise specified TLUV5300 ,TLUV5300G , Parameter Reverse voltage per diode DC forward current per diode Surge forward current per diode Power dissipation per diode Total power dissipation Junction temperature Storage temperature range Soldering temperature Thermal resistance junction/ambient per diode Thermal resistance junction/ambient total Test Conditions Symbol VR IF IFSM PV Ptot Tj Tstg Tsd RthJA RthJA Value 6 30 1 100 150 100 -55 to +100 260 450 300 Unit V mA A mW mW C C C K/W K/W tp 10 ms Tamb 55C Tamb 55C t 5 s, 2 mm from body Document Number 83056 Rev. A1, 04-Feb-99 www.vishay.de * FaxBack +1-408-970-5600 1 (6) TLUV5300 Vishay Telefunken Optical and Electrical Characteristics Tamb = 25_C, unless otherwise specified Orange red (TLUV5300 ) Parameter Per diode Luminous intensity Dominant wavelength Peak wavelength Angle of half intensity Forward voltage Reverse voltage Junction capacitance Test Conditions IF = 10 mA, IVmin/IVmax 0.5 IF = 10 mA IF = 10 mA IF = 10 mA IF = 20 mA IR = 10 mA VR = 0, f = 1 MHz Type Symbol IV ld lp VF VR Cj Min 1 612 Typ 2.5 625 630 30 2 15 50 Max Unit mcd nm nm deg V V pF 3 6 Green (TLUV5300G ) Parameter Per diode Luminous intensity Dominant wavelength Peak wavelength Angle of half intensity Forward voltage Reverse voltage Junction capacitance Test Conditions IF = 10 mA, IVmin/IVmax 0.5 IF = 10 mA IF = 10 mA IF = 10 mA IF = 20 mA IR = 10 mA VR = 0, f = 1 MHz Type Symbol IV ld lp VF VR Cj Min 1 552 Typ 2.5 575 565 30 2.4 15 50 Max Unit mcd nm nm deg V V pF 3 6 Typical Characteristics (Tamb = 25_C, unless otherwise specified) 125 PV - Power Dissipation ( mW ) IF - Forward Current ( mA ) 100 95 9984 60 50 40 30 20 10 0 0 20 40 60 80 0 20 40 60 80 100 Tamb - Ambient Temperature ( C ) Tamb - Ambient Temperature ( C ) 100 75 50 25 0 95 9983 Figure 1 Power Dissipation vs. Ambient Temperature Figure 2 Forward Current vs. Ambient Temperature www.vishay.de * FaxBack +1-408-970-5600 2 (6) Document Number 83056 Rev. A1, 04-Feb-99 TLUV5300 Vishay Telefunken 10000 Iv rel - Relative Luminous Intensity IF - Forward Current ( mA ) 1.6 Orange-Red 1.2 1000 tp/T=0.01 0.02 0.05 0.1 100 0.2 0.5 1 10 Tamb 1 0.01 0.1 1 0.8 0.4 v55C 10 100 0 0 95 10087 IF=10mA 20 40 60 80 100 Tamb - Ambient Temperature ( C ) 95 10085 tp - Pulse Length ( ms ) Figure 3 Forward Current vs. Pulse Length 0 Iv rel - Relative Luminous Intensity 10 20 Figure 6 Rel. Luminous Intensity vs. Ambient Temperature 30 Iv rel - Relative Luminous Intensity 2.4 Orange-Red 2.0 1.6 1.2 0.8 0.4 IFAV=10mA, const. 0 10 95 10088 40 1.0 0.9 0.8 0.7 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6 20 0.5 50 0.2 100 0.1 200 0.05 500 0.02 IF(mA) tp/T 95 10042 1 Figure 4 Rel. Luminous Intensity vs. Angular Displacement 1000 Orange-Red IF - Forward Current ( mA ) 100 Iv rel - Relative Luminous Intensity 10 Figure 7 Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle Orange-Red 1 10 0.1 1 tp/T=0.001 tp=10ms 0 2 4 6 8 10 0.1 95 10086 0.01 1 95 10089 10 IF - Forward Current ( mA ) 100 VF - Forward Voltage ( V ) Figure 5 Forward Current vs. Forward Voltage Figure 8 Relative Luminous Intensity vs. Forward Current Document Number 83056 Rev. A1, 04-Feb-99 www.vishay.de * FaxBack +1-408-970-5600 3 (6) TLUV5300 Vishay Telefunken 1.2 Iv rel - Relative Luminous Intensity Iv rel- Specific Luminous Intensity Orange-Red 1.0 0.8 0.6 0.4 0.2 0 590 95 10090 2.4 Green 2.0 1.6 1.2 0.8 0.4 0 610 630 650 670 690 95 10263 10 20 50 100 200 500 l - Wavelength ( nm ) IF - Forward Current ( mA ) Figure 9 Relative Luminous Intensity vs. Wavelength Figure 12 Specific Luminous Intensity vs. Forward Current 10 Iv rel - Relative Luminous Intensity 1000 Green IF - Forward Current ( mA ) 100 Green 1 10 tp/T=0.001 tp=10ms 1 0.1 0.1 0 95 10034 2 4 6 8 10 0.01 1 95 10037 10 IF - Forward Current ( mA ) 100 VF - Forward Voltage ( V ) Figure 10 Forward Current vs. Forward Voltage Figure 13 Relative Luminous Intensity vs. Forward Current 1.2 Iv rel - Relative Luminous Intensity Green 1.0 0.8 0.6 0.4 0.2 0 520 95 10038 1.6 Iv rel - Relative Luminous Intensity Green 1.2 0.8 0.4 IF=10mA 0 20 40 60 80 100 0 95 10035 Tamb - Ambient Temperature ( C ) 540 560 580 600 620 l - Wavelength ( nm ) Figure 11 Rel. Luminous Intensity vs. Ambient Temperature Figure 14 Relative Luminous Intensity vs. Wavelength www.vishay.de * FaxBack +1-408-970-5600 4 (6) Document Number 83056 Rev. A1, 04-Feb-99 TLUV5300 Vishay Telefunken Dimensions in mm 95 11271 Document Number 83056 Rev. A1, 04-Feb-99 www.vishay.de * FaxBack +1-408-970-5600 5 (6) TLUV5300 Vishay Telefunken Ozone Depleting Substances Policy Statement It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423 www.vishay.de * FaxBack +1-408-970-5600 6 (6) Document Number 83056 Rev. A1, 04-Feb-99 |
Price & Availability of TLUV5300 |