|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Advance Product Information 6-13 GHz Low Noise Amplifier Key Features and Performance * * * * * * * 3 Stage LNA 0.25um pHEMT Technology 6-13 GHz Frequency Range 1.75 dB Typical Noise Figure Midband 25 dB Nominal Gain High Input Power Handling: ~ 20dBm Balanced Input for Low VSWR 5V @ 65mA Self Bias TGA8399B-EPU Primary Applications * Point-to-Point Radio Release Status * Engineering Prototype Unit (EPU) samples available 28 26 Small Signal Gain (dB) 24 22 20 18 16 14 12 10 8 6 7 8 9 10 11 Frequency (GHz) 12 13 0 Gain -3 -6 -9 Return Loss (dB) Output RL -12 -15 -18 -21 -24 Input RL -27 -30 Typical Measured Small Signal Gain & RL 6.0 5.5 5.0 Noise Figure (dB) 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 6 7 8 9 10 11 Frequency (GHz) 12 13 14 13 12 Chip Dimensions 3.07mm x2.41mm x 0.152mm Pout 11 10 9 8 7 P1dB (dBm) NF 6 5 4 Typical Measured NF and Pout Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. TriQuint Semiconductor Texas : Phone (972)994 8465 Fax (972)994 8504 Web: www.triquint.com 1 Advance Product Information TA8399B Performance vs Temperature 30 29 28 Small Signal Gain (dB) 27 26 25 24 23 22 21 20 6 7 8 9 10 11 12 13 Frequency (GHz) +125C +75C +50C +25C +0C -25C -55C 5 4 +125C +75C +50C +25C +0C -25C -55C Noise Figure (dB) 3 2 1 0 6 7 8 9 10 11 12 13 Frequency (GHz) 15 14 13 Output P1dB (dBm) 12 11 10 9 8 7 6 5 7 8 9 10 Frequency (GHz) 11 12 13 +125C +75C +50C +25C +0C -25C -55C Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. TriQuint Semiconductor Texas : Phone (972)994 8465 Fax (972)994 8504 Web: www.triquint.com Advance Product Information Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. TriQuint Semiconductor Texas : Phone (972)994 8465 Fax (972)994 8504 Web: www.triquint.com Advance Product Information Recommended Assembly Layout RF IN RF OUT 100 pF + 5.0 V Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. TriQuint Semiconductor Texas : Phone (972)994 8465 Fax (972)994 8504 Web: www.triquint.com |
Price & Availability of TGA8399B |